Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-85S1PD23-I8T1U Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-85S1PD23-I8T1U
Description  POWER MONITORING OUTPUT, 5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-85S1PD23-I8T1U Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-85S1PD23-I8T1U Datasheet HTML 4Page - Seiko Instruments Inc S-85S1PD23-I8T1U Datasheet HTML 5Page - Seiko Instruments Inc S-85S1PD23-I8T1U Datasheet HTML 6Page - Seiko Instruments Inc S-85S1PD23-I8T1U Datasheet HTML 7Page - Seiko Instruments Inc S-85S1PD23-I8T1U Datasheet HTML 8Page - Seiko Instruments Inc S-85S1PD23-I8T1U Datasheet HTML 9Page - Seiko Instruments Inc S-85S1PD23-I8T1U Datasheet HTML 10Page - Seiko Instruments Inc S-85S1PD23-I8T1U Datasheet HTML 11Page - Seiko Instruments Inc S-85S1PD23-I8T1U Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
POWER MONITORING OUTPUT, 5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
S-85S1P Series
Rev.1.3_00
8
2. Power monitor block
Table 7
(VIN = 3.6 V, Ta =
+25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Operating input voltage VIN
1.5
3.6
5.5
V
Output voltage
*1
VPMOUT(S)
−10 μA
IPMOUT 10 μA
S-85S1PCxx
VIN/2
V
S-85S1PDxx
VIN/3
V
Load current
IPMOUT
−10
10
μA
Output offset voltage
VPOF
−10 μA
IPMOUT 10 μA
S-85S1PCxx
−30
30
mV
S-85S1PDxx
−20
20
mV
Output impedance
RPS
−10 μA
IPMOUT 10 μA
1000
Ω
Power-up time
tPU
CPM = 0.22
μF, no load
S-85S1PCxx
2.2
10
ms
S-85S1PDxx
1.1
10
ms
Current consumption
during operation
*2
ISS1P
VPMEN = VIN, no load (VEN = 0 V)
280
550
nA
PMEN pin input voltage
"H"
VPSH
VIN = 3.6 V,
Determined by VPMOUT output level
1.0
V
PMEN pin input voltage
"L"
VPSL
Determined by VPMOUT output level
0.25
V
PMEN pin input current
"H"
IPSH
VPMEN = VIN
−100
100
nA
PMEN pin input current
"L"
IPSL
VPMEN = 0 V
−100
100
nA
"L" output Nch
ON resistance
RPLOW
VPMEN = 0 V, VPMOUT = 0.1 V
2.8
k
Ω
*1. VPMOUT(S): Set output voltage
VPMOUT(S)
+ VPOF: Actual output voltage
*2. Current consumption when only the power monitor block is in operation.


Similar Part No. - S-85S1PD23-I8T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-85S1PD23-I8T1U ABLIC-S-85S1PD23-I8T1U Datasheet
1Mb / 38P
   SUPPLY VOLTAGE DIVIDED OUTPUT, 5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.5_01
More results

Similar Description - S-85S1PD23-I8T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S85S1A SII-S85S1A Datasheet
2Mb / 30P
   5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
logo
ABLIC Inc.
S-85S1A ABLIC-S-85S1A Datasheet
1Mb / 30P
   5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.4_00
S-85S0A ABLIC-S-85S0A Datasheet
1Mb / 30P
   5.5 V INPUT, 50 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.2_00
logo
Seiko Instruments Inc
S-85S0A SII-S-85S0A Datasheet
2Mb / 30P
   5.5 V INPUT, 50 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
logo
ABLIC Inc.
S-85S1P ABLIC-S-85S1P Datasheet
1Mb / 38P
   SUPPLY VOLTAGE DIVIDED OUTPUT, 5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.5_01
S-85S0P ABLIC-S-85S0P Datasheet
1Mb / 38P
   SUPPLY VOLTAGE DIVIDED OUTPUT, 5.5 V INPUT, 50 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.2_00
S-85M1A ABLIC-S-85M1A Datasheet
674Kb / 28P
   5.6 V INPUT, 200 mA, LOW EMI, SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.0_00
S-85M0A ABLIC-S-85M0A Datasheet
550Kb / 28P
   5.6 V INPUT, 50 mA, LOW EMI, SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.0_01
logo
Seiko Instruments Inc
S85V1A SII-S85V1A Datasheet
2Mb / 30P
   5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 10 uA QUIESCENT CURRENT
logo
ABLIC Inc.
S-85V1A ABLIC-S-85V1A Datasheet
1Mb / 30P
   5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 10 ?쵡 QUIESCENT CURRENT
Rev.1.2_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com