Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR-2211ACD Datasheet(PDF) 4 Page - Exar Corporation

Part # XR-2211ACD
Description  FSK Demodulator/ Tone Decoder
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR-2211ACD Datasheet(HTML) 4 Page - Exar Corporation

  XR-2211ACD Datasheet HTML 1Page - Exar Corporation XR-2211ACD Datasheet HTML 2Page - Exar Corporation XR-2211ACD Datasheet HTML 3Page - Exar Corporation XR-2211ACD Datasheet HTML 4Page - Exar Corporation XR-2211ACD Datasheet HTML 5Page - Exar Corporation XR-2211ACD Datasheet HTML 6Page - Exar Corporation XR-2211ACD Datasheet HTML 7Page - Exar Corporation XR-2211ACD Datasheet HTML 8Page - Exar Corporation XR-2211ACD Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
XR-2211A
4
Rev. 1.01
DC ELECTRICAL CHARACTERISTICS
Test Conditions: VCC = 12V, TA = +25°C, RO = 30KW, CO = 0.033mF, unless otherwise specified.
Parameter
Min.
Typ.
Max.
Unit
Conditions
GENERAL
Supply Voltage
4.5
20
V
Supply Current
5
9
mA
R0 > 10kW. See Figure 4.
Oscillator Section
Frequency Accuracy
+3
%
Deviation from fO = 1/R0 C0
Frequency Stability
Temperature
+100
ppm/
°C
* See
Figure 8.
Power Supply
0.25
%/V
VCC = 12 + 1V. See Figure 7.
0.2
%/V
VCC = + 5.0V. See Figure 7.
Upper Frequency Limit
300
kHz
R0 = 8.2kW, C0 = 400pF
Lowest Practical
Operating Frequency
0.01
Hz
R0 = 2MW, C0 = 50WF
Timing Resistor, R0 - See Figure 5.
Operating Range
5
2000
K
W
Recommended Range
5
100
K
W
See
Figure 7. and Figure 8.
Loop Phase Dectector Section
Peak Output Current
+100
+200
+300
mA
Measured at Pin 11
Output Offset Current
+2
mA
Output Impedance
1
M
W
Maximum Swing
+4
+ 5
V
Referenced to Pin 10
Quadrature Phase Detector
Measured at Pin 3
Peak Output Current
300
mA
Output Impedance
1
M
W
Maximum Swing
11
VPP
Input Preampt Section
Measured at pin 2
Input Impedance
20
K
W
Input Signal
Voltage Required to
Cause Limiting
2
mVrms
Note:
- These parameters, although guaranteed over the recommended operating conditions, are not 100% tested in production.
- Bold face parameters are covered by production test.


Similar Part No. - XR-2211ACD

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-2211 EXAR-XR-2211 Datasheet
242Kb / 24P
   FSK Demodulator/ Tone Decoder
More results

Similar Description - XR-2211ACD

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-2211 EXAR-XR-2211 Datasheet
242Kb / 24P
   FSK Demodulator/ Tone Decoder
logo
New Japan Radio
NJM2211M-TE1 NJRC-NJM2211M-TE1 Datasheet
256Kb / 1P
   FSK DEMODULATOR / TONE DECODER
NJM2211 NJRC-NJM2211_1 Datasheet
258Kb / 10P
   FSK DEMODULATOR / TONE DECODER
NJM2211 NJRC-NJM2211 Datasheet
427Kb / 11P
   FSK DEMODULATOR/TONE DECODER
logo
List of Unclassifed Man...
RC2211 ETC1-RC2211 Datasheet
135Kb / 16P
   FSK Demodulator/Tone Decoder
logo
Exar Corporation
XR-210 EXAR-XR-210 Datasheet
140Kb / 2P
   FSK MODULATOR / DEMODULATOR
logo
National Semiconductor ...
LM567 NSC-LM567 Datasheet
296Kb / 8P
   Tone Decoder
logo
AUK corp
S567P AUK-S567P Datasheet
101Kb / 4P
   TONE DECODER
logo
Daewoo Semiconductor
DBL567 DAEWOO-DBL567 Datasheet
192Kb / 4P
   TONE DECODER
logo
National Semiconductor ...
LM567 NSC-LM567_03 Datasheet
339Kb / 12P
   Tone Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com