Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM02B-8DJ5P-030 Datasheet(PDF) 1 Page - DDK Ltd.

Part # CM02B-8DJ5P-030
Description  DeviceNet Micro-Style Connectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CM02B-8DJ5P-030 Datasheet(HTML) 1 Page - DDK Ltd.

  CM02B-8DJ5P-030 Datasheet HTML 1Page - DDK Ltd. CM02B-8DJ5P-030 Datasheet HTML 2Page - DDK Ltd. CM02B-8DJ5P-030 Datasheet HTML 3Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated.
 CM02B series is a overmolded cable
assembly which is in accordance with
DeviceNet Micro-style, an official standard
of ODVA(Open DeviceNet Vendor
Association, lnc.).The connectors are
provided with a premating contact which
is a first make-last break contact to
protect the circuit.
When mated, the premating contact is connected first before the other contacts and is detached
last when dismated. CM02B series will be supplied by the style of the cable assemblies in order
for you to eliminate the termination job. The cable assemblies for power are also available from
our product line.
CM02B Series(Overmolded Cable Assembly)
DeviceNet Micro-Style Connectors
RoHS
Compliant
RoHS
Compliant
Rated Current
3A/Contact
Rated Voltage
125V DC
Dielectric Withstanding Voltage  
1,500V AC(r.m.s.) for 1 minute
Insulation Resistance
100 ΜΩ Min. at 500V DC
Operating Temperature Range
-20℃ to +70℃
Waterproof
IP67 when mated
Pin Contact Size
φ 1.0 mm
No. of Contacts
5
110603
Waterproof
IP 67
DeviceNet
Conforming
Standard
Lock Type
Threaded
Coupling
Item
Plug
Jack
Contact
Copper Alloy / Gold Plating
Copper Alloy / Gold Plating
Insulator
Synthetic Resin(UL94V-0) / Gray
Synthetic Resin(UL94V-0) / Gray
Coupling Ring
Zinc Alloy / Nickel Plating
Zinc Alloy / Nickel Plating
O Ring
Synthetic Rubber / Black
 
Overmolding Resin
Plastic(UL94V-0) / Black
Plastic(UL94V-0) / Black
DeviceNet Thick Cable
DC Power lnsulation
Color:Red
DC Power lnsulation
Color:Black
Drain Wire
(AWG22)
(AWG22)
(AWG24)
(AWG24)
AL/MY Shield
AL/MY Shield
Jacket
Braid Shield
Data Insulation
Color:White
Data Insulation
Color:Blue
・Intermateable with CM02B series
・Rated for IP67 for environments
・Solder termination style
◆ OUTLINE
◆ FEATURES
◆ SPECIFICATIONS
◆ MATERIAL/FINISH


Similar Part No. - CM02B-8DJ5P-030

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM02B-8DJ5P-030 DDK-CM02B-8DJ5P-030 Datasheet
216Kb / 3P
   DeviceNet Micro-Style Connectors
More results

Similar Description - CM02B-8DJ5P-030

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM02-8D2TA5-CF DDK-CM02-8D2TA5-CF Datasheet
797Kb / 6P
   DeviceNet Micro-Style Connectors
CM02 DDK-CM02 Datasheet
301Kb / 6P
   DeviceNet Micro-Style Connectors
CM02B DDK-CM02B Datasheet
216Kb / 3P
   DeviceNet Micro-Style Connectors
CM03A DDK-CM03A Datasheet
292Kb / 5P
   DeviceNet Mini-style Connectors
CM03A-R4P-S DDK-CM03A-R4P-S Datasheet
727Kb / 2P
   DeviceNet Mini-Style Connectors
CM03 DDK-CM03 Datasheet
234Kb / 3P
   DeviceNet Mini-Style Connectors
CM03AA-P4S-010 DDK-CM03AA-P4S-010 Datasheet
1Mb / 5P
   DeviceNet Mini-style Connectors
CM03-P4S DDK-CM03-P4S Datasheet
214Kb / 3P
   DeviceNet Mini-Style Connectors
CM03A DDK-CM03A_1 Datasheet
146Kb / 2P
   DeviceNet Mini-Style Connectors
logo
Molex Electronics Ltd.
1300390336 MOLEX-1300390336 Datasheet
45Kb / 2P
   DeviceNet Micro-Change (M12) Pass-Through 4 Port
03/11/2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com