Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6404FV87MR Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6404FV87MR
Description  High Current, High Speed LDO Regulators, Voltage Detector Function
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6404FV87MR Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6404FV87MR Datasheet HTML 1Page - Torex Semiconductor XC6404FV87MR Datasheet HTML 2Page - Torex Semiconductor XC6404FV87MR Datasheet HTML 3Page - Torex Semiconductor XC6404FV87MR Datasheet HTML 4Page - Torex Semiconductor XC6404FV87MR Datasheet HTML 5Page - Torex Semiconductor XC6404FV87MR Datasheet HTML 6Page - Torex Semiconductor XC6404FV87MR Datasheet HTML 7Page - Torex Semiconductor XC6404FV87MR Datasheet HTML 8Page - Torex Semiconductor XC6404FV87MR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
XC6404 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
October 1, 2003 V6
! Low Power Consumption
: 35
µA (TYP.)
! APPLICATIONS
! Dropout Voltage
: 200mV @ 100mA
" CD-ROM, CD-R/RW drive
: 400mV @ 200mA
" DVD drive
! Maximum Output Current
: more than 500mA (600mA limit)
" HDD drive
(2.5V<VROUT<4.9V)
" Cameras, Video recorders
! Highly Accurate
:
± 2%
" Portable AV equipment
! VR Setting Output Voltage Range
: 0.9V ~ 5.1V
" Battery powered equipment
! Detect Voltage Setting Range
: 0.9V ~ 5.5V (VIN : >2.0V)
! Low ESR capacitor compatible
! GENERAL DESCRIPTION
! FEATURES
Maximum Output Current
more than 500mA
(600mA limit)
(2.5V<VROUT<4.9V)
Dropout Voltage
200mV (IROUT=100mA)
Operating Voltage Range
2.0V ~ 6.0V
VR Setting Output Voltage Range
0.9V ~ 5.1V
(100mV step,
± 2%)
Detect Voltage Setting Range
0.9V ~ 5.5V
(100mV step,
± 2%)
When monitoring VIN
more than 2.0V
VR.VD Temperature Coefficient
±100ppm/
OC (TYP.)
Low Power Consumption
35
µA (TYP.)
High Ripple Rejection
65dB (@10kHz)
Ultra Small Packages
SOT-25 (SOT-23-5)
SOT-89-5
Operating Temperature Range
- 40 ~ 85
OC
Low ESR Capacitor Compatible
! TYPICAL APPLICATION CIRCUITS
XC6404A ~ D Series
XC6404E Series
XC6404F Series
Semiconductor Ltd.
The XC6404 series are highly precise, low noise, high current, positive
voltage low dropout regulators with built-in voltage detector. They are
fabricated using Torex’s CMOS process. Performance features of the
series includes high ripple rejection and low dropout voltage, and the
series features a voltage reference, an error amplifier, a current limiter
and a phase compensation circuit plus a driver transistor.
Detect voltage is selectable in 100mV increments within the range of
0.9V to 5.5V and the LDO output voltage is selectable within a range of
0.9V to 5.1V, also in 100mV increments.
The series is also compatible with low ESR ceramic capacitors which
give added output stability. This stability can be maintained even during
load fluctuations due to the excellent transient response of the series.
The current limiter's foldback circuit also operates as a short circuit
protection for the output current limiter and the output pin.
The series provides options to the user to select from a variety of circuit
features, such as detector monitoring, detector output logic, CE and EN
pin input logic, internal pull-up / down resistance, and power ready.
The IC's internal regulator circuit can be placed in stand-by mode via the
EN function (XC6404 A to C series). The whole IC can be put in to
stand-by mode via the CE function with the XC6404D series (semi-
custom). In the stand-by mode, power consumption is greatly reduced.
The XC6404A and B series features the toggle operation function. The
regulator output can be OFF when the XC6404B series detects voltage
(semi-custom).
The XC6404E series can monitor another power source by using the
VSEN pin (semi-custom).
The XC6404F series can delay the detector output: the delay time can be
controlled by the use of an external capacitor (semi-custom).
VIN
VSS
VROUT
VDOUT
EN/CE
Rpull-up
200K
CIN
1uF
VROUT
CL
1
2
34
5
VIN
VSS
VROUT
VDOUT
VSEN
Rpull-up
200K
VROUT
CIN
1uF
CL
1
2
3
4
5
VDOUT
VIN
VSS
VROUT
VDOUT
Cd
Rpull-up
200K
VROUT
CIN
1uF
Cd
2
1
3
4
5
Data Sheet
1


Similar Part No. - XC6404FV87MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6401 TOREX-XC6401 Datasheet
717Kb / 24P
   Dual LDO Regulators, Low ESR Cap. Compatible
logo
List of Unclassifed Man...
XC6401 ETC2-XC6401 Datasheet
6Mb / 212P
   MT6516 Design Notice V1.0
logo
Torex Semiconductor
XC6401EE01DL TOREX-XC6401EE01DL Datasheet
717Kb / 24P
   Dual LDO Regulators, Low ESR Cap. Compatible
XC6401EE01DR TOREX-XC6401EE01DR Datasheet
717Kb / 24P
   Dual LDO Regulators, Low ESR Cap. Compatible
XC6401EE01EL TOREX-XC6401EE01EL Datasheet
717Kb / 24P
   Dual LDO Regulators, Low ESR Cap. Compatible
More results

Similar Description - XC6404FV87MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6402 TOREX-XC6402_1 Datasheet
1Mb / 31P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405 TOREX-XC6405_1 Datasheet
1Mb / 55P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405 TOREX-XC6405 Datasheet
558Kb / 54P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6402 TOREX-XC6402 Datasheet
134Kb / 16P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6413 TOREX-XC6413_1 Datasheet
631Kb / 20P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6403 TOREX-XC6403 Datasheet
231Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6210 TOREX-XC6210_2 Datasheet
1Mb / 22P
   High Current, High Speed LDO Regulators
XC6210 TOREX-XC6210_1 Datasheet
1Mb / 21P
   High Current, High Speed LDO regulators
XC6210 TOREX-XC6210 Datasheet
307Kb / 10P
   High Current, High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com