Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-93C56CD0I-K8T3U3 Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-93C56CD0I-K8T3U3
Description  3-WIRE SERIAL E2PROM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93C56CD0I-K8T3U3 Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-93C56CD0I-K8T3U3 Datasheet HTML 4Page - Seiko Instruments Inc S-93C56CD0I-K8T3U3 Datasheet HTML 5Page - Seiko Instruments Inc S-93C56CD0I-K8T3U3 Datasheet HTML 6Page - Seiko Instruments Inc S-93C56CD0I-K8T3U3 Datasheet HTML 7Page - Seiko Instruments Inc S-93C56CD0I-K8T3U3 Datasheet HTML 8Page - Seiko Instruments Inc S-93C56CD0I-K8T3U3 Datasheet HTML 9Page - Seiko Instruments Inc S-93C56CD0I-K8T3U3 Datasheet HTML 10Page - Seiko Instruments Inc S-93C56CD0I-K8T3U3 Datasheet HTML 11Page - Seiko Instruments Inc S-93C56CD0I-K8T3U3 Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
3-WIRE SERIAL E2PROM
S-93C46C/56C/66C/76C/86C
Rev.1.1_00
8
DC Electrical Characteristics
Table 6
Item
Symbol Condition
Ta =
−40°C to +85°C
Unit
VCC = 1.6 V to 1.8 V,
fSK = 0.5 MHz
VCC = 1.8 V to 2.5 V,
fSK = 1.0 MHz
VCC = 2.5 V to 4.5 V,
fSK = 2.0 MHz
VCC = 4.5 V to 5.5 V,
fSK = 2.0 MHz
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Current
consumption
(read)
ICC1
No load at
DO pin
0.4
0.4
0.5
0.8
mA
Table 7
Item
Symbol
Condition
Ta =
−40°C to +85°C
Unit
VCC = 1.8 V to 4.5 V
VCC = 4.5 V to 5.5 V
Min.
Max.
Min.
Max.
Current consumption (write)
ICC2
No load at DO pin
2.0
2.0
mA
Table 8
Item
Symbol
Condition
Ta =
−40°C to +85°C
Unit
VCC = 1.6 V to 2.5 V VCC = 2.5 V to 4.5 V VCC = 4.5 V to 5.5 V
Min.
Max.
Min.
Max.
Min.
Max.
Standby current
consumption
ISB
CS = GND,
DO = Open,
Other input pins are
VCC or GND
2.0
2.0
2.0
μA
Input leakage current ILI
CS, SK, DI,
VIN = GND to VCC
1.0
1.0
1.0
μA
Output leakage
current
ILO
DO,
VOUT = GND to VCC
1.0
1.0
1.0
μA
Pull-down current
IPD
TEST,
VIN = GND ~ VCC
1.2
1.2
1.2
μA
Low level
output voltage
VOL
IOL = 2.1 mA
0.4
V
IOL = 100
μA
0.1
0.1
0.1
V
High level
output voltage
VOH
IOH =
−400 μA
2.4
V
IOH =
−100 μA
VCC
− 0.3
VCC
− 0.3
V
IOH =
−10 μA
VCC
− 0.2
VCC
− 0.2
VCC
− 0.2
V
Data hold voltage
of write enable latch
VDH
Only program disable
mode
1.5
1.5
1.5
V


Similar Part No. - S-93C56CD0I-K8T3U3

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C56CD0I-K8T3U3 SII-S-93C56CD0I-K8T3U3 Datasheet
2Mb / 39P
   Write protect function during the low power supply voltage
logo
ABLIC Inc.
S-93C56CD0I-K8T3U3 ABLIC-S-93C56CD0I-K8T3U3 Datasheet
641Kb / 39P
   3-WIRE SERIAL E2PROM
Rev.1.1_01
More results

Similar Description - S-93C56CD0I-K8T3U3

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C46B SII-S-93C46B_1 Datasheet
463Kb / 50P
   3-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-93C46C ABLIC-S-93C46C Datasheet
641Kb / 39P
   3-WIRE SERIAL E2PROM
Rev.1.1_01
logo
Seiko Instruments Inc
S93S46A SII-S93S46A Datasheet
362Kb / 25P
   3-WIRE SERIAL E2PROM FOR AUTOMOTIVE
S-93A46B SII-S-93A46B Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S93C86B-H SII-S93C86B-H Datasheet
1Mb / 28P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S24C256C SII-S24C256C Datasheet
1Mb / 35P
   2-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-24C512C ABLIC-S-24C512C Datasheet
493Kb / 35P
   2-WIRE SERIAL E2PROM
Rev.2.0_03_S
logo
Seiko Instruments Inc
S-93C76A-H SII-S-93C76A-H Datasheet
1Mb / 28P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S-93C46C-H SII-S-93C46C-H Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S93L76A SII-S93L76A Datasheet
1Mb / 37P
   LOW VOLTAGE OPERATION 3-WIRE SERIAL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com