Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-93C56BD0H-J8T2U Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-93C56BD0H-J8T2U
Description  FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93C56BD0H-J8T2U Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-93C56BD0H-J8T2U Datasheet HTML 3Page - Seiko Instruments Inc S-93C56BD0H-J8T2U Datasheet HTML 4Page - Seiko Instruments Inc S-93C56BD0H-J8T2U Datasheet HTML 5Page - Seiko Instruments Inc S-93C56BD0H-J8T2U Datasheet HTML 6Page - Seiko Instruments Inc S-93C56BD0H-J8T2U Datasheet HTML 7Page - Seiko Instruments Inc S-93C56BD0H-J8T2U Datasheet HTML 8Page - Seiko Instruments Inc S-93C56BD0H-J8T2U Datasheet HTML 9Page - Seiko Instruments Inc S-93C56BD0H-J8T2U Datasheet HTML 10Page - Seiko Instruments Inc S-93C56BD0H-J8T2U Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
FOR AUTOMOTIVE 105
°C OPERATION 3-WIRE SERIAL E
2PROM
Rev.2.1_02
S-93C46B/56B/66B H Series
7
DC Electrical Characteristics
Table 12 (1/2)
Item
Symbol
Conditions
−40 to +85°C
Unit
VCC = 4.5 to 5.5 V VCC = 2.5 to 4.5 V VCC = 1.8 to 2.5 V
Min.
Max.
Min.
Max.
Min.
Max.
Current consumption
(READ)
ICC1
DO no load
0.8
0.5
0.4
mA
Table 12 (2/2)
Item
Symbol
Conditions
+85 to +105°C
Unit
VCC = 4.5 to 5.5 V
VCC = 2.7 to 4.5 V
Min.
Max.
Min.
Max.
Current consumption
(READ)
ICC1
DO no load
0.8
0.5
mA
Table 13 (1/2)
Item
Symbol
Conditions
−40 to +85°C
Unit
VCC = 4.5 to 5.5 V
VCC = 2.7 to 4.5 V
Min.
Max.
Min.
Max.
Current consumption
(WRITE)
ICC2
DO no load
2.0
1.5
mA
Table 13 (2/2)
Item
Symbol
Conditions
+85 to +105°C
Unit
VCC = 2.7 to 5.5 V
Min.
Max.
Current consumption
(WRITE)
ICC2
DO no load
2.0
mA


Similar Part No. - S-93C56BD0H-J8T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C56BD0H-J8T2G SII-S-93C56BD0H-J8T2G Datasheet
498Kb / 45P
   CMOS SERIAL E2PROM
More results

Similar Description - S-93C56BD0H-J8T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93A46B SII-S-93A46B Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S93C86B-H SII-S93C86B-H Datasheet
1Mb / 28P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S-93C46C-H SII-S-93C46C-H Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S-93C76A-H SII-S-93C76A-H Datasheet
1Mb / 28P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-93A46B ABLIC-S-93A46B Datasheet
550Kb / 39P
   FOR AUTOMOTIVE 125째C OPERATION 3-WIRE SERIAL E2PROM
Rev.1.3_00
logo
Seiko Instruments Inc
S24C128C-H SII-S24C128C-H Datasheet
1Mb / 35P
   FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
S24C16C-H SII-S24C16C-H Datasheet
1Mb / 35P
   FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
S-24C32C-H SII-S-24C32C-H Datasheet
1Mb / 35P
   FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
S24C08C-H SII-S24C08C-H Datasheet
1Mb / 35P
   FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
S93S46A SII-S93S46A Datasheet
362Kb / 25P
   3-WIRE SERIAL E2PROM FOR AUTOMOTIVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com