Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1137 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-1137
Description  HIGH RIPPLE-REJECTION LOW DROPOUT SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1137 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-1137 Datasheet HTML 1Page - Seiko Instruments Inc S-1137 Datasheet HTML 2Page - Seiko Instruments Inc S-1137 Datasheet HTML 3Page - Seiko Instruments Inc S-1137 Datasheet HTML 4Page - Seiko Instruments Inc S-1137 Datasheet HTML 5Page - Seiko Instruments Inc S-1137 Datasheet HTML 6Page - Seiko Instruments Inc S-1137 Datasheet HTML 7Page - Seiko Instruments Inc S-1137 Datasheet HTML 8Page - Seiko Instruments Inc S-1137 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
S-1137 Series
www.sii-ic.com
HIGH RIPPLE-REJECTION LOW DROPOUT
SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
© SII Semiconductor Corporation, 2009-2015
Rev.2.1_01
1
The S-1137 Series, developed using the CMOS technology, is a positive voltage regulator IC which has the low dropout
voltage, the high-accuracy output voltage and the soft-start function (300 mA output current).
A 1.0
μF small ceramic capacitor can be used. It operates with low current consumption of 45 μA typ.
The overcurrent protection circuit prevents the load current from exceeding the current capacity of the output transistor.
The ON / OFF circuit ensures longer battery life.
Compared to the conventional CMOS technology regulator ICs, various capacitors including small ceramic capacitors can be
used for this IC.
Furthermore, small SOT-89-5, SOT-23-5, and SNT-6A(H) packages realize high-density mounting.
Features
• Output voltage:
1.2 V to 3.5 V, selectable in 0.05 V step
• Input voltage:
1.7 V to 5.5 V
• Output voltage accuracy:
±1.0% (1.2 V to 1.45 V output product : ±15 mV)
• Dropout voltage:
210 mV typ. (2.8 V output product, IOUT = 300 mA)
• Current consumption:
During operation:
45
μA typ., 65 μA max.
During power-off:
0.1
μA typ., 1.0 μA max.
• Output current:
Possible to output 300 mA (VIN
≥ VOUT(S) + 1.0 V)*1
• Input and output capacitors:
A ceramic capacitor of 1.0
μF or more can be used.
• Ripple rejection:
70 dB typ. (f = 1.0 kHz)
• Built-in soft-start circuit:
Soft-start time : 0.7 ms typ. (CSS = 1.0 nF)
• Built-in overcurrent protection circuit:
Limits overcurrent of output transistor.
• Built-in ON / OFF circuit:
Ensures long battery life.
• Pull-down resistor is selectable.
• Discharge shunt function is selectable.
• Operation temperature range:
Ta =
−40°C to +85°C
• Lead-free, Sn 100%, halogen-free*2
*1. Attention should be paid to the power dissipation of the package when the output current is large.
*2. Refer to “ Product Name Structure” for details.
Applications
• Constant-voltage power supply for battery-powered device
• Constant-voltage power supply for cellular phone, portable device
• Constant-voltage power supply for digital still camera, TV, DVD recorder
Packages
• SOT-89-5
• SOT-23-5
• SNT-6A(H)


Similar Part No. - S-1137

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1137 ABLIC-S-1137 Datasheet
791Kb / 47P
   5.5 V INPUT, 300 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.2.2_00
S-1137A12-I6T2U ABLIC-S-1137A12-I6T2U Datasheet
791Kb / 47P
   5.5 V INPUT, 300 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.2.2_00
S-1137A12-M5T1Y ABLIC-S-1137A12-M5T1Y Datasheet
791Kb / 47P
   5.5 V INPUT, 300 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.2.2_00
S-1137A12-U5T1X ABLIC-S-1137A12-U5T1X Datasheet
791Kb / 47P
   5.5 V INPUT, 300 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.2.2_00
S-1137A13-I6T2U ABLIC-S-1137A13-I6T2U Datasheet
791Kb / 47P
   5.5 V INPUT, 300 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.2.2_00
More results

Similar Description - S-1137

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1335 ABLIC-S-1335 Datasheet
756Kb / 67P
   HIGH RIPPLE-REJECTION SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
Rev.1.3_02
logo
Seiko Instruments Inc
S1335 SII-S1335 Datasheet
1Mb / 67P
   HIGH RIPPLE-REJECTION SOFT-START FUNCTION
S-1701 SII-S-1701 Datasheet
753Kb / 70P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
logo
ABLIC Inc.
S-1701 ABLIC-S-1701 Datasheet
674Kb / 71P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.3.1_02
S-T111 ABLIC-S-T111 Datasheet
363Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-T111 SII-S-T111 Datasheet
238Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1165 SII-S-1165 Datasheet
280Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1312A10H-M5T1U3 SII-S-1312A10H-M5T1U3 Datasheet
2Mb / 38P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Shenzhen Huazhimei Semi...
HM6207 HMSEMI-HM6207 Datasheet
1Mb / 11P
   Low dropout high ripple rejection CMOS voltage regulator
logo
ABLIC Inc.
S-1165 ABLIC-S-1165 Datasheet
385Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.1_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com