Electronic Components Datasheet Search |
|
S-93C76C Datasheet(PDF) 1 Page - Seiko Instruments Inc |
|
S-93C76C Datasheet(HTML) 1 Page - Seiko Instruments Inc |
1 / 39 page S-93C46C/56C/66C/76C/86C H Series www.sii-ic.com FOR AUTOMOTIVE 105°C OPERATION 3-WIRE SERIAL E2PROM © SII Semiconductor Corporation, 2016 Rev.1.1_00 1 This IC is a high speed, low current consumption, 3-wire serial E 2PROM with a wide operating voltage range. This IC has the capacity of 1 K-bit, 2 K-bit, 4 K-bit, 8 K-bit and 16 K-bit, and the organization is 64 words × 16-bit, 128 words × 16-bit, 256 words × 16-bit, 512 words × 16-bit and 1024 words × 16-bit, respectively. Sequential read is available, at which time addresses are automatically incremented in 16-bit blocks. The communication method is by the Microwire bus. Caution Before using the product in automobile control unit or medical equipment, contact to SII Semiconductor Corporation is indispensable. Features • Memory capacity S-93C46C: 1 K-bit (64-word × 16-bit) S-93C56C: 2 K-bit (128-word × 16-bit) S-93C66C: 4 K-bit (256-word × 16-bit) S-93C76C: 8 K-bit (512-word × 16-bit) S-93C86C: 16 K-bit (1024-word × 16-bit) • Operation voltage range Read: 1.6 V to 5.5 V Write: 1.8 V to 5.5 V • Operation frequency: 2.0 MHz max. • Write time: 4.0 ms max. • Sequential read • Write protect function during the low power supply voltage • Function to protect against write due to erroneous instruction recognition • Endurance: 10 6 cycle / word*1 (Ta = +85°C) 8 × 10 5 cycle / word*1 (Ta = +105°C) • Data retention: 100 years (Ta = +25°C) 50 years (Ta = +105°C) • Initial delivery state: FFFFh • Operation temperature range: Ta = −40°C to +105°C • Lead-free (Sn 100%), halogen-free • AEC-Q100 in process *2 *1. For each address (Word: 16-bit) *2. Contact our sales office for details. Packages • 8-Pin SOP (JEDEC) 1 4 5 8 (5.0 × 6.0 × t1.75 mm) • 8-Pin TSSOP 1 4 5 8 (3.0 × 6.4 × t1.1 mm) • TMSOP-8 1 4 5 8 (2.9 × 4.0 × t0.8 mm) • HSNT-8(2030) 1 8 4 5 (3.0 × 2.0 × t0.5 mm) |
Similar Part No. - S-93C76C |
|
Similar Description - S-93C76C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |