Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-85S1PC14-I8T1U Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-85S1PC14-I8T1U
Description  POWER MONITORING OUTPUT, 5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-85S1PC14-I8T1U Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-85S1PC14-I8T1U Datasheet HTML 1Page - Seiko Instruments Inc S-85S1PC14-I8T1U Datasheet HTML 2Page - Seiko Instruments Inc S-85S1PC14-I8T1U Datasheet HTML 3Page - Seiko Instruments Inc S-85S1PC14-I8T1U Datasheet HTML 4Page - Seiko Instruments Inc S-85S1PC14-I8T1U Datasheet HTML 5Page - Seiko Instruments Inc S-85S1PC14-I8T1U Datasheet HTML 6Page - Seiko Instruments Inc S-85S1PC14-I8T1U Datasheet HTML 7Page - Seiko Instruments Inc S-85S1PC14-I8T1U Datasheet HTML 8Page - Seiko Instruments Inc S-85S1PC14-I8T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
S-85S1P Series
www.sii-ic.com
POWER MONITORING OUTPUT,
5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN
SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
© SII Semiconductor Corporation, 2017
Rev.1.3_00
1
The S-85S1P Series introduces own distinctive low power consumption control and COT (Constant On-Time) control and
features ultra low current consumption and fast transient response. PWM / PFM switching control automatically switches to
PFM control when under light load, and the IC operates at ultra low current consumption of 260 nA quiescent current. The
S-85S1P Series realizes high efficiency in a wide range of load current consumption and provides strong support for
extended period operation of mobile devices and wearable devices which are equipped with compact batteries.
The function of the power monitoring output is prepared in the S-85S1P Series. The power monitoring output is a function
that divides the input voltage (VIN) of the DC-DC converter into VIN/2 or VIN/3 and outputs the voltage. For example, this
function makes it possible that the IC connects to a low voltage microcontroller A/D converter directly and the
microcontroller monitors a battery voltage.
Features
Applications
DC-DC converter block
• Wearable device
• Ultra low current consumption:
260 nA quiescent current
• Bluetooth device
• Efficiency (when under 100 μA load):
90.5%
• Wireless sensor network device
• Fast transient response:
COT control
• Healthcare equipment
• Input voltage:
2.2 V to 5.5 V
• Smart meter
• Output voltage:
0.7 V to 2.5 V, in 0.05 V step
• Portable game device
2.6 V to 3.9 V, in 0.1 V step
• Output voltage accuracy:
±1.5% (1.0 V
VOUT 3.9 V)
Package
• SNT-8A
( 2.46 mm
× 1.97 mm × t0.5 mm max.)
±15 mV (0.7 V
VOUT < 1.0 V)
• Switching frequency:
1.0 MHz (at PWM operation)
• High side power MOS FET on-resistance:
420 m
Ω
• Low side power MOS FET on-resistance:
320 m
Ω
• Soft-start function:
1 ms typ.
• Under voltage lockout function (UVLO):
1.8 V typ. (detection voltage)
• Thermal shutdown function:
135°C typ. (detection temperature)
• Overcurrent limit function:
450 mA (at L = 2.2
μH)
• Automatic recovery type short-circuit protection function:Hiccup control
• Input and output capacitors:
Ceramic capacitor compatible
Power monitor block
• Low current consumption:
280 nA typ.
• Input voltage:
1.5 V to 5.5 V
• Output voltage:
VIN/2 (S-85S1PCxx)
VIN/3 (S-85S1PDxx)
Overall
• Operation temperature range:
Ta =
−40°C to +85°C
• Lead-free (Sn 100%), halogen-free
Typical Application Circuit
VSS
VIN
CIN
10
F
PVSS
VOUT
EN
PMEN
SW
PMOUT
COUT
10
F
L
2.2
H
CPM
0.22
F
VOUT
VIN
Efficiency
VOUT(S) = 1.8 V
IOUT [mA]
0.1
1
10
0.01
1000
100
0
100
80
60
40
20
VIN = 2.5 V
VIN = 3.6 V
VIN = 4.2 V


Similar Part No. - S-85S1PC14-I8T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-85S1PC14-I8T1U ABLIC-S-85S1PC14-I8T1U Datasheet
1Mb / 38P
   SUPPLY VOLTAGE DIVIDED OUTPUT, 5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.5_01
More results

Similar Description - S-85S1PC14-I8T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S85S1A SII-S85S1A Datasheet
2Mb / 30P
   5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
logo
ABLIC Inc.
S-85S1A ABLIC-S-85S1A Datasheet
1Mb / 30P
   5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.4_00
S-85S0A ABLIC-S-85S0A Datasheet
1Mb / 30P
   5.5 V INPUT, 50 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.2_00
logo
Seiko Instruments Inc
S-85S0A SII-S-85S0A Datasheet
2Mb / 30P
   5.5 V INPUT, 50 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
logo
ABLIC Inc.
S-85S1P ABLIC-S-85S1P Datasheet
1Mb / 38P
   SUPPLY VOLTAGE DIVIDED OUTPUT, 5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.5_01
S-85S0P ABLIC-S-85S0P Datasheet
1Mb / 38P
   SUPPLY VOLTAGE DIVIDED OUTPUT, 5.5 V INPUT, 50 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.2_00
S-85M1A ABLIC-S-85M1A Datasheet
674Kb / 28P
   5.6 V INPUT, 200 mA, LOW EMI, SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.0_00
S-85M0A ABLIC-S-85M0A Datasheet
550Kb / 28P
   5.6 V INPUT, 50 mA, LOW EMI, SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.0_01
logo
Seiko Instruments Inc
S85V1A SII-S85V1A Datasheet
2Mb / 30P
   5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 10 uA QUIESCENT CURRENT
logo
ABLIC Inc.
S-85V1A ABLIC-S-85V1A Datasheet
1Mb / 30P
   5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 10 ?쵡 QUIESCENT CURRENT
Rev.1.2_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com