Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-93C56B Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-93C56B
Description  FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93C56B Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-93C56B Datasheet HTML 6Page - Seiko Instruments Inc S-93C56B Datasheet HTML 7Page - Seiko Instruments Inc S-93C56B Datasheet HTML 8Page - Seiko Instruments Inc S-93C56B Datasheet HTML 9Page - Seiko Instruments Inc S-93C56B Datasheet HTML 10Page - Seiko Instruments Inc S-93C56B Datasheet HTML 11Page - Seiko Instruments Inc S-93C56B Datasheet HTML 12Page - Seiko Instruments Inc S-93C56B Datasheet HTML 13Page - Seiko Instruments Inc S-93C56B Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
FOR AUTOMOTIVE 105
°C OPERATION 3-WIRE SERIAL E
2PROM
S-93C46B/56B/66B H Series
Rev.2.1_02
10
Table 16
Item
Symbol
−40 to +85°C
+85 to +105°C
Unit
VCC = 2.7 to 5.5 V
VCC = 2.7 to 5.5 V
Min.
Typ.
Max.
Min.
Typ.
Max.
Write time
tPR
4.0
8.0
4.0
8.0
ms
tSKH
tCDS
tCSS
CS
Valid data
DI
tSKL
SK
tSV
tHZ2
tCSH
tHZ1
tPD
tPD
tDS
tDH
tDS
tDH
High-Z
High-Z
High-Z
DO
DO
(READ)
(VERIFY)
High-Z
*1
Valid data
1/fSK
*2
*1.
Indicates high impedance.
*2.
1/fSK is the SK clock cycle. This clock cycle is determined by a combination of several AC characteristics,
so be aware that even if the SK clock cycle time is minimized, the clock cycle (1/fSK) cannot be made equal
to tSKL(Min.)
+ tSKH(Min.).
Figure 5 Timing Chart
Initial Delivery State
Initial delivery state of all addresses is "FFFFh".


Similar Part No. - S-93C56B

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C56B SII-S-93C56B Datasheet
498Kb / 45P
   CMOS SERIAL E2PROM
S-93C56B SII-S-93C56B Datasheet
463Kb / 50P
   3-WIRE SERIAL E2PROM
S-93C56BD0H-D8S1G SII-S-93C56BD0H-D8S1G Datasheet
498Kb / 45P
   CMOS SERIAL E2PROM
S-93C56BD0H-I8T1G SII-S-93C56BD0H-I8T1G Datasheet
498Kb / 45P
   CMOS SERIAL E2PROM
S-93C56BD0H-J8T1G SII-S-93C56BD0H-J8T1G Datasheet
498Kb / 45P
   CMOS SERIAL E2PROM
More results

Similar Description - S-93C56B

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93A46B SII-S-93A46B Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S93C86B-H SII-S93C86B-H Datasheet
1Mb / 28P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S-93C46C-H SII-S-93C46C-H Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S-93C76A-H SII-S-93C76A-H Datasheet
1Mb / 28P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-93A46B ABLIC-S-93A46B Datasheet
550Kb / 39P
   FOR AUTOMOTIVE 125째C OPERATION 3-WIRE SERIAL E2PROM
Rev.1.3_00
logo
Seiko Instruments Inc
S24C128C-H SII-S24C128C-H Datasheet
1Mb / 35P
   FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
S24C16C-H SII-S24C16C-H Datasheet
1Mb / 35P
   FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
S-24C32C-H SII-S-24C32C-H Datasheet
1Mb / 35P
   FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
S24C08C-H SII-S24C08C-H Datasheet
1Mb / 35P
   FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
S93S46A SII-S93S46A Datasheet
362Kb / 25P
   3-WIRE SERIAL E2PROM FOR AUTOMOTIVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com