Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC95103SR Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC95103SR
Description  Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC95103SR Datasheet(HTML) 2 Page - Torex Semiconductor

  XC95103SR Datasheet HTML 1Page - Torex Semiconductor XC95103SR Datasheet HTML 2Page - Torex Semiconductor XC95103SR Datasheet HTML 3Page - Torex Semiconductor XC95103SR Datasheet HTML 4Page - Torex Semiconductor XC95103SR Datasheet HTML 5Page - Torex Semiconductor XC95103SR Datasheet HTML 6Page - Torex Semiconductor XC95103SR Datasheet HTML 7Page - Torex Semiconductor XC95103SR Datasheet HTML 8Page - Torex Semiconductor XC95103SR Datasheet HTML 9Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector
Preliminary
! PIN CONFIGURATION
! PIN ASSIGNMENT
1
2
3
4
5
6
7
8
! SELECTION GUIDE
" Ordering Information
XC9510
123456
The input for the voltage regulator block comes from the DC/DC.
Control Methods and MODE pins, the VD Sense pin (See the chart below)
Setting voltage and specifications of each DC/DC, VR, and VD (Based on the internal standard)
Oscillation Frequency of DC/DC :
300kHz
600kHz
1.2MHz
Package Type :
SOP-8
Device Orientation :
Embossed Tape : Standard feed
Embossed Tape : Reverse feed
$ Control Methods, CE/MODE Pin, VDSENSE
SOP-8 (Top View)
C
CE/MODE PINS
(L LEVEL)
VD
SENSE
K
D
E
F
H
A
VR : OFF
DC/DC CONTROL
METHODS
5
4
3
6
C
CE/MODE PINS
(H LEVEL)
L
PWM, PFM/PWM
Manual Switch
SERIES
1
23
1
B
R
L
6
XC9510
PWM Control
S
DESIGNATOR
DESCRIPTION
SYMBOL
Chip Enable / MODE Switch
Power Supply
VD Output
Analog Ground
CE/MODE
VDD
VDOUT
AGND
Switch
LX
DCOUT
DC/DC Output
VROUT
VR Output
PIN
NUMBER
FUNCTION
PIN NAME
Power Ground
PGND
XC9510 Series
VROUT
PFM/PWM
Automatic Switch
-
VR : ON
PWM Control
-
CE/MODE PINS
(M LEVEL)
Stand-by Mode
(Except for VD)
VDD
DCOUT
VROUT
VDD
DCOUT
VROUT
VDD
DCOUT
Semiconductor Ltd.
PGND 1
CE/MODE 2
VDD 3
VDOUT 4
8 LX
7 DCOUT
6 VROUT
5 AGND
Data Sheet
2


Similar Part No. - XC95103SR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9510 TOREX-XC9510 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9510 TOREX-XC9510 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9510A1333 TOREX-XC9510A1333 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9510A1334 TOREX-XC9510A1334 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9510A1363 TOREX-XC9510A1363 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
More results

Similar Description - XC95103SR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9510 TOREX-XC9510_1 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9508 TOREX-XC9508_1 Datasheet
2Mb / 38P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Series Plus Voltage Detector
XC9508 TOREX-XC9508 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
XC9510 TOREX-XC9510_2 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9511 TOREX-XC9511_1 Datasheet
3Mb / 35P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9511 TOREX-XC9511 Datasheet
171Kb / 13P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9509 TOREX-XC9509_1 Datasheet
3Mb / 41P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
XC9509 TOREX-XC9509 Datasheet
97Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel plus Voltage Detector
XC9248 TOREX-XC9248 Datasheet
571Kb / 21P
   18V Driver Transistor Built-In Synchronous Step-Down DC/DC Converter
XC9254R TOREX-XC9254R Datasheet
207Kb / 17P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com