Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X40626V14I Datasheet(PDF) 1 Page - Xicor Inc.

Part # X40626V14I
Description  Dual Voltage CPU Supervisor with 64K Serial EEPROM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X40626V14I Datasheet(HTML) 1 Page - Xicor Inc.

  X40626V14I Datasheet HTML 1Page - Xicor Inc. X40626V14I Datasheet HTML 2Page - Xicor Inc. X40626V14I Datasheet HTML 3Page - Xicor Inc. X40626V14I Datasheet HTML 4Page - Xicor Inc. X40626V14I Datasheet HTML 5Page - Xicor Inc. X40626V14I Datasheet HTML 6Page - Xicor Inc. X40626V14I Datasheet HTML 7Page - Xicor Inc. X40626V14I Datasheet HTML 8Page - Xicor Inc. X40626V14I Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
REV 1.1.15 2/11/04
Characteristics subject to change without notice.
1 of 23
www.xicor.com
64K
X40626
8K x 8 Bit
Dual Voltage CPU Supervisor with 64K Serial EEPROM
FEATURES
• Dual voltage monitoring
—V2Mon operates independent of VCC
•Watchdog timer with selectable timeout intervals
•Low VCC detection and reset assertion
—Four standard reset threshold voltages
—User programmable VTRIP threshold
—Reset signal valid to VCC=1V
•Low power CMOS
—20µA max standby current, watchdog on
—1µA standby current, watchdog OFF
• 64Kbits of EEPROM
—64 byte page size
• Built-in inadvertent write protection
—Power-up/power-down protection circuitry
—Protect 0, 1/4, 1/2, all or 64, 128, 256 or 512
bytes of EEPROM array with programmable
Block Lockprotection
• 400kHz 2-wire interface
—Slave addressing supports up to 4 devices on
the same bus
• 2.7V to 5.5V power supply operation
•Available Packages
—14-lead SOIC
—14-lead TSSOP
DESCRIPTION
The X40626 combines four popular functions, Power-on
Reset Control, Watchdog Timer, Dual Supply Voltage
Supervision, and Serial EEPROM Memory in one pack-
age. This combination lowers system cost, reduces
board space requirements, and increases reliability.
Applying power to the device activates the power on
reset circuit which holds RESET active for a period of
time. This allows the power supply and oscillator to stabi-
lize before the processor can execute code.
The Watchdog Timer provides an independent protection
mechanism for microcontrollers. When the microcontrol-
ler fails to restart a timer within a selectable time-out
interval, the device activates the RESET signal. The user
selects the interval from three preset values. Once
selected, the interval does not change, even after cycling
the power.
The device’s low VCC detection circuitry protects the
user’s system from low voltage conditions, resetting the
system when VCC falls below the set minimum VCC trip
point. RESET is asserted until VCC returns to proper
BLOCK DIAGRAM
Watchdog
Timer Reset
Data
Register
Command
Decode &
Control
Logic
SDA
SCL
VCC
Reset &
Watchdog
Timebase
Power on and
Generation
VTRIP
+
-
RESET
Reset
Low Voltage
Status
Register
Protect Logic
64KB
Watchdog Transition
Detector
WP
VCC Threshold
Reset logic
S0
S1
V2 Monitor
Logic
+
-
VTRIP2
V2MON
V2FAIL
EEPROM
Array
Preliminary Information


Similar Part No. - X40626V14I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40626V14I INTERSIL-X40626V14I Datasheet
355Kb / 22P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
logo
Renesas Technology Corp
X40626V14I RENESAS-X40626V14I Datasheet
858Kb / 22P
   64K, 8K x 8 Bit Dual Voltage CPU Supervisor with 64K Serial EEPROM
March 28, 2005
logo
Intersil Corporation
X40626V14I-2.7 INTERSIL-X40626V14I-2.7 Datasheet
355Kb / 22P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
logo
Renesas Technology Corp
X40626V14I-2.7 RENESAS-X40626V14I-2.7 Datasheet
858Kb / 22P
   64K, 8K x 8 Bit Dual Voltage CPU Supervisor with 64K Serial EEPROM
March 28, 2005
logo
Intersil Corporation
X40626V14I-2.7A INTERSIL-X40626V14I-2.7A Datasheet
355Kb / 22P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
More results

Similar Description - X40626V14I

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X40620 XICOR-X40620 Datasheet
350Kb / 17P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
logo
Intersil Corporation
X40626 INTERSIL-X40626 Datasheet
355Kb / 22P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
logo
Renesas Technology Corp
X4062 RENESAS-X4062 Datasheet
858Kb / 22P
   64K, 8K x 8 Bit Dual Voltage CPU Supervisor with 64K Serial EEPROM
March 28, 2005
logo
Xicor Inc.
X4643 XICOR-X4643 Datasheet
408Kb / 22P
   CPU Supervisor with 64K EEPROM
X46402 XICOR-X46402 Datasheet
102Kb / 23P
   Dual Voltage CPU Supervisor with 64K Password Protected EEPROM
logo
Renesas Technology Corp
X4643 RENESAS-X4643 Datasheet
820Kb / 21P
   64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Intersil Corporation
X4323 INTERSIL-X4323_06 Datasheet
342Kb / 22P
   CPU Supervisor with 32k EEPROM
X4163 INTERSIL-X4163_06 Datasheet
352Kb / 22P
   CPU Supervisor with 16K EEPROM
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
   CPU Supervisor with 16K EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com