Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X46402V8-2.9 Datasheet(PDF) 2 Page - Xicor Inc.

Part # X46402V8-2.9
Description  Dual Voltage CPU Supervisor with 64K Password Protected EEPROM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X46402V8-2.9 Datasheet(HTML) 2 Page - Xicor Inc.

  X46402V8-2.9 Datasheet HTML 1Page - Xicor Inc. X46402V8-2.9 Datasheet HTML 2Page - Xicor Inc. X46402V8-2.9 Datasheet HTML 3Page - Xicor Inc. X46402V8-2.9 Datasheet HTML 4Page - Xicor Inc. X46402V8-2.9 Datasheet HTML 5Page - Xicor Inc. X46402V8-2.9 Datasheet HTML 6Page - Xicor Inc. X46402V8-2.9 Datasheet HTML 7Page - Xicor Inc. X46402V8-2.9 Datasheet HTML 8Page - Xicor Inc. X46402V8-2.9 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
X46402
Preliminary Information
2
PACKAGE/PINOUTS
PIN NAMES
PIN DESCRIPTIONS
Serial Clock (SCL)
The SCL input is used to clock all data into and out of the
device.
Serial Data (SDA)
SDA is a bidirectional pin used to transfer data into and
out of the device. It is an open drain output and may be
wire-ORed with other open drain or open collector out-
puts. An open drain requires the use of a pull-up resistor.
Write Protect (WP)
The WP pin works in conjunction with a nonvolatile
WPEN bit to “lock” the setting of the Watchdog Timer
control and the memory write protect bits.
Reset Output (RESET)
RESET is an active LOW, open drain output which goes
active whenever Vcc falls below the minimum Vtrip sense
level. It will remain active until Vcc rises above the mini-
mum Vtrip sense level for 150ms. RESET goes active if
the Watchdog Timer is enabled and there is no start bit
before the end of the selectable Watchdog time-out
period. A serial start bit will reset the Watchdog Timer.
RESET also goes active on power up at 1V and remains
active for 150ms after the power supply stabilizes.
V2 Voltage Fail Output (V2FAIL)
V2FAIL is an active LOW, open drain output which goes
active whenever V2MON falls below the minimum V2trip
sense level. It will remain active until V2MON rises above
the minimum V2MON sense level.
DEVICE OPERATION
Power On Reset
Application of power to the X46402 activates a Power On
Reset Circuit. This circuit goes active at 1V and pulls the
RESET pin active. This signal prevents the system micro-
processor from starting to operate with insufficient volt-
age or prior to stabilization of the oscillator. When Vcc
exceeds the device VTRIP value for 200ms (nominal) the
circuit releases RESET allowing the processor to begin
executing code.
Low Voltage Monitoring
During operation, the X46402 monitors the VCC and
V2MON levels and compares these with internal, preset
voltages.
When the internal low voltage detect circuitry senses that
V2MON is low, the V2FAIL pin goes active. Typically this
would be used by the processor as an interrupt to stop
the execution of the code or to do housekeeping in prep-
aration for an impending power failure.
When the internal low voltage detect circuitry senses that
Vcc is low, the following happens:
—The RESET pin goes active.
—The Flag bit in the control register is set to zero.
—Communication to the device is interrupted and any
command is aborted. If a serial nonvolatile store is in
progress when power fails, the circuitry does not stop
the nonvolatile store operation, but attempts to com-
plete the operation.
The RESET and V2FAIL signals remain active until Vcc
voltage drops below 1V. RESET remains active until Vcc
returns and exceeds VTRIP for 200ms. V2FAIL remains
active until immediately after V2MON returns and
exceeds it’s minimum voltage.
Watchdog Timer
The Watchdog Timer circuit monitors the microprocessor
activity by monitoring the Start bit. The microprocessor
must send a start bit periodically to prevent a RESET sig-
nal. The start bit must occur prior to the expiration of the
watchdog time-out period. The state of three nonvolatile
control bits in the Control Register determines the watch-
dog timer period. The microprocessor can change these
watchdog bits, or they may be “locked” by tying the WP
pin HIGH and setting the WPEN bit HIGH.
VSS
Ground
SDA
Serial Data
VCC
Power
SCL
Serial Clock
WP
Write Protect
V2MON
Voltage monitor input
RESET
Low Voltage Detect Output
V2FAIL
V2 Voltage Fail Output
WP
VCC
V2FAIL
SCL
VSS
V2MON
SDA
RESET
3
2
4
1
6
7
5
8
8L TSSOP


Similar Part No. - X46402V8-2.9

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X4643 XICOR-X4643 Datasheet
408Kb / 22P
   CPU Supervisor with 64K EEPROM
logo
Intersil Corporation
X4643 INTERSIL-X4643 Datasheet
332Kb / 21P
   CPU Supervidor with 64K EEPROM
logo
Renesas Technology Corp
X4643 RENESAS-X4643 Datasheet
820Kb / 21P
   64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
logo
Intersil Corporation
X4643S8 INTERSIL-X4643S8 Datasheet
332Kb / 21P
   CPU Supervidor with 64K EEPROM
logo
Renesas Technology Corp
X4643S8 RENESAS-X4643S8 Datasheet
820Kb / 21P
   64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
More results

Similar Description - X46402V8-2.9

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X40620 XICOR-X40620 Datasheet
350Kb / 17P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
X40626 XICOR-X40626 Datasheet
516Kb / 23P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
logo
Intersil Corporation
X40626 INTERSIL-X40626 Datasheet
355Kb / 22P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
logo
Xicor Inc.
X4643 XICOR-X4643 Datasheet
408Kb / 22P
   CPU Supervisor with 64K EEPROM
logo
Renesas Technology Corp
X4062 RENESAS-X4062 Datasheet
858Kb / 22P
   64K, 8K x 8 Bit Dual Voltage CPU Supervisor with 64K Serial EEPROM
March 28, 2005
X4643 RENESAS-X4643 Datasheet
820Kb / 21P
   64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Intersil Corporation
X4323 INTERSIL-X4323_06 Datasheet
342Kb / 22P
   CPU Supervisor with 32k EEPROM
X4163 INTERSIL-X4163_06 Datasheet
352Kb / 22P
   CPU Supervisor with 16K EEPROM
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
   CPU Supervisor with 16K EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com