Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6403 Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC6403
Description  High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6403 Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC6403 Datasheet HTML 4Page - Torex Semiconductor XC6403 Datasheet HTML 5Page - Torex Semiconductor XC6403 Datasheet HTML 6Page - Torex Semiconductor XC6403 Datasheet HTML 7Page - Torex Semiconductor XC6403 Datasheet HTML 8Page - Torex Semiconductor XC6403 Datasheet HTML 9Page - Torex Semiconductor XC6403 Datasheet HTML 10Page - Torex Semiconductor XC6403 Datasheet HTML 11Page - Torex Semiconductor XC6403 Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
XC6403 Series
High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
! ELECTRICAL CHARACTERISTICS (Continued)
XC6403 AA / AD / AE / AH Series
Ta=25
OC
UNITS
CIRCUIT
MAX
MIN
x 0.98
150
300
0.01
0.20
TYP
PARAMETER
SYMBOL
CONDITIONS
±100
VR Output Voltage (note 2, 3)
VROUT(E)
IROUT=30mA
VR Maximum Output Current
(0.9 ~ 1.7V product)
IROUTMAX
VIN = 3.1V
VR Maximum Output Current
(1.8 ~ 5.3V product)
IROUTMAX
VIN=3.1V @ VROUT < 2.1V
VROUT(T)
x 1.02
V
1
mA
1
mA
1
VR Load Regulation
∆VROUT
1mA<IROUT<100mA
15
50
mV
1
1
Vdif2
IROUT=100mA
E-2
mV
1
Vdif1
IROUT=30mA
E-1
mV
VR Dropout Voltage (note 4)
40
75
µA
2
µA
2
Supply Current
(AE / AH Series)
IDD
Supply Current
(AA / AD Series)
IDD
VR Line Regulation
∆VROUT
VROUT(T)+1.0V<VIN<6.0V
∆VIN ⋅ VROUT
IROUT=30mA
% / V
1
Input Voltage
VIN
2.0
6.0
V
VR Output Voltage
Temperature Characteristics
∆VROUT
IROUT=30mA
∆Topr ⋅ VROUT
-40
OC<Topr<85OC
ppm /
OC
1
VR Ripple Rejection Rate
PSRR
VIN=[VROUT(T)+1.0]V+0.5Vp-pAC
When VROUT(T) < 1.25V
! VIN=2.25V+0.5Vp-pAC
When VROUT(T) > 4.75V
! VIN=5.75V+0.5Vp-pAC
IROUT=50mA, f=10kHz
65
dB
3
VR Current Limiter
(1.8V or more)
IRlim
VIN=3.1V @ VROUT < 2.1V
VEN = VIN
300
380
mA
1
VR Current Limiter
(1.7V or less)
IRlim
VIN=3.1V, VEN=VIN
380
mA
1
VD Detect Voltage (note 7, 8)
VDF (E)
x 0.98
VDF (T)
x 1.02
V
4
VD Hysteresis Range (note 8)
VHYS
VD Supply Current
(note 9)
IDDVD
VIN = 2.0V
VIN = 6.0V
VD Output Current
(note 10)
IDOUT
4
x 0.02
x 0.05
x 0.08
VDF (T)
VDF (T)
VDF (T)
V
6.5
14.5
µA
8.0
16.0
9.0
17.0
2
VIN = 3.0V
7.0
15.0
VIN = 4.0V
7.5
15.5
VIN = 5.0V
VDOUT = 0.5V
mA
5
VIN = 2.0V
3.0
6.0
VIN = 3.0V
4.0
8.0
VIN = 4.0V
5.0
10.0
VIN = 5.0V
7.0
12.0
VIN = 6.0V
10.0
15.0
VD Detect Voltage
Temperature Characteristics
∆VDF /
-40
OC<Topr<85OC
∆Topr ⋅ VDF
±100
ppm /
OC
4
50
mA
1
Short-circuit Current
IRshort
VIN=VROUT(T)+1.0V, VEN=VIN
VIN=3.1V @ VROUT < 2.1V
VIN=VEN=VROUT(T)+1.0V
VIN=VEN=VROUT(T)+1.0V
35
70
Semiconductor Ltd.
Data Sheet
8


Similar Part No. - XC6403

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6403 TOREX-XC6403 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
More results

Similar Description - XC6403

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6213 TOREX-XC6213_2 Datasheet
1,014Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Ultra Small Package
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6401 TOREX-XC6401 Datasheet
717Kb / 24P
   Dual LDO Regulators, Low ESR Cap. Compatible
XC6405 TOREX-XC6405_1 Datasheet
1Mb / 55P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6402 TOREX-XC6402_1 Datasheet
1Mb / 31P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6404 TOREX-XC6404 Datasheet
544Kb / 54P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405 TOREX-XC6405 Datasheet
558Kb / 54P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6402 TOREX-XC6402 Datasheet
134Kb / 16P
   High Current, High Speed LDO Regulators, Voltage Detector Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com