Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC74WLU04ASR Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC74WLU04ASR
Description  CMOS Logic
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC74WLU04ASR Datasheet(HTML) 1 Page - Torex Semiconductor

  XC74WLU04ASR Datasheet HTML 1Page - Torex Semiconductor XC74WLU04ASR Datasheet HTML 2Page - Torex Semiconductor XC74WLU04ASR Datasheet HTML 3Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CMOS Logic
964
13
XC74WL14AASR is Triple Inverter (Unbuffered) manufactured using
silicon gate CMOS processes. The small quiescent current, which is one
of the features of the CMOS logic, gives way to high speed operations
which enables LS-TTL.
With wave forming buffers connected internally, stabilized output can be
achieved as the series offers high noise immunity.
As the series is integrated into a mini molded, MSOP-8B package, high
density mounting is possible.
■Description
High Speed Operations
: tpd = 2.3ns TYP (VCC=5V)
Operating Voltage Range: 2V ~ 5.5V
Low Power Consumption:1
µA (max)
Small Package
: MSOP-8B
GPalmtops
GDigital Equipment
■Features
■Applications
NCMOS Logic Triple Inverter (Unbufferd)
NOperating Voltage Range : 2V ~ 5.5V
NHigh Speed Operations : tpd =2.3ns TYP
NLow Power Consumption : 1µA (max)
NMSOP-8B Package
■Pin Configuration
■Functions
■Absolute Maximum Ratings
VCC
2B
1A
1B
2Y
GND
1Y
2A
1
2
3
4
5
6
7
8
MSOP-8B
(TOP VIEW)
H = High Level
L = Low Level
INPUT OUTPUT
A
H
L
Y
L
H
PARAMETER
Power Supply Voltage
Input Voltage
Output Voltage
Input Diode Current
Output Diode Current
Switch Output Current
VCC, GND Current
Power Dissipation (Ta = 25℃)
Storage Temperature
SYMBOL
RATINGS
UNITS
−20
VCC
VIN
VOUT
IIK
IOK
ICC, IGND
−0.5∼+6.0
−0.5∼+6.0
−0.5∼VCC+0.5
±20
±50
mA
mA
mA
Ta=−40℃∼85℃
IOUT
±25
mA
Tstg
−65∼+150
Pd
300
mW
Note : Voltage is all Ground standardized.
13S_18XC74WL(U04ASR) 02.09.12 16:04 ページ 964


Similar Part No. - XC74WLU04ASR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC74WLU04ASR TOREX-XC74WLU04ASR Datasheet
143Kb / 4P
   CMOS Logic
XC74WLU04ASR_001 TOREX-XC74WLU04ASR_001 Datasheet
143Kb / 4P
   CMOS Logic
More results

Similar Description - XC74WLU04ASR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC74UL08AA TOREX-XC74UL08AA Datasheet
113Kb / 3P
   CMOS LOGIC
XC74UL32AA TOREX-XC74UL32AA Datasheet
109Kb / 3P
   CMOS Logic
XC74WL125ASR TOREX-XC74WL125ASR_15 Datasheet
203Kb / 6P
   CMOS Logic
XC74UL00AA TOREX-XC74UL00AA_15 Datasheet
155Kb / 4P
   CMOS Logic
XC74UL4066_002 TOREX-XC74UL4066_002 Datasheet
351Kb / 11P
   CMOS Logic
XC74WL14AASR_001 TOREX-XC74WL14AASR_001 Datasheet
146Kb / 4P
   CMOS Logic
XC74WL32AASR_001 TOREX-XC74WL32AASR_001 Datasheet
145Kb / 4P
   CMOS Logic
XC74WL86AASR_001 TOREX-XC74WL86AASR_001 Datasheet
149Kb / 4P
   CMOS Logic
XC74WL126ASR_001 TOREX-XC74WL126ASR_001 Datasheet
198Kb / 6P
   CMOS Logic
XC74WL240ASR_001 TOREX-XC74WL240ASR_001 Datasheet
199Kb / 6P
   CMOS Logic
XC74WL4066SR_001 TOREX-XC74WL4066SR_001 Datasheet
234Kb / 11P
   CMOS Logic
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com