Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9279TB Datasheet(PDF) 6 Page - Xicor Inc.

Part # X9279TB
Description  Single Digitally-Controlled (XDCP) Potentiometer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9279TB Datasheet(HTML) 6 Page - Xicor Inc.

Back Button X9279TB Datasheet HTML 2Page - Xicor Inc. X9279TB Datasheet HTML 3Page - Xicor Inc. X9279TB Datasheet HTML 4Page - Xicor Inc. X9279TB Datasheet HTML 5Page - Xicor Inc. X9279TB Datasheet HTML 6Page - Xicor Inc. X9279TB Datasheet HTML 7Page - Xicor Inc. X9279TB Datasheet HTML 8Page - Xicor Inc. X9279TB Datasheet HTML 9Page - Xicor Inc. X9279TB Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
X9279
Characteristics subject to change without notice.
6 of 24
REV 1.1.7 2/6/03
www.xicor.com
SERIAL INTERFACE DESCRIPTION
Serial Interface
The X9279 supports a bidirectional bus oriented
protocol. The protocol defines any device that sends
data onto the bus as a transmitter and the receiving
device as the receiver. The device controlling the
transfer is a master and the device being controlled is
the slave. The master will always initiate data transfers
and provide the clock for both transmit and receive
operations. Therefore, the X9279 will be considered a
slave device in all applications.
Clock and Data Conventions
Data states on the SDA line can change only during
SCL LOW periods. SDA state changes during SCL
HIGH are reserved for indicating start and stop
conditions. See Figure 2.
Start Condition
All commands to the X9279 are preceded by the start
condition, which is a HIGH to LOW transition of SDA
while SCL is HIGH. The X9279 continuously monitors
the SDA and SCL lines for the start condition and will
not respond to any command until this condition is
met. See Figure 2.
Stop Condition
All communications must be terminated by a stop
condition, which is a LOW to HIGH transition of SDA
while SCL is HIGH. See Figure 2.
Acknowledge
Acknowledge is a software convention used to provide
a positive handshake between the master and slave
devices on the bus to indicate the successful receipt of
data. The transmitting device, either the master or the
slave, will release the SDA bus after transmitting eight
bits. The master generates a ninth clock cycle and
during this period the receiver pulls the SDA line LOW
to acknowledge that it successfully received the eight
bits of data.
The X9279 will respond with an acknowledge after
recognition of a start condition and its slave address
and once again after successful receipt of the
command byte. If the command is followed by a data
byte the X9279 will respond with a final acknowledge.
See Figure 2.
Figure 2. Acknowledge Response from Receiver
SCL FROM
MASTER
DATA
OUTPUT
FROM
TRANSMITTER
1
89
DATA
OUTPUT
FROM
RECEIVER
START
ACKNOWLEDGE


Similar Part No. - X9279TB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9279TV14 INTERSIL-X9279TV14 Datasheet
364Kb / 22P
   Single Supply/Low Power/256-Tap/2-Wire Bus
logo
Renesas Technology Corp
X9279TV14 RENESAS-X9279TV14 Datasheet
403Kb / 18P
   Single Supply/Low Power/256-Tap/2-Wire Bus
September 23, 2009
logo
Intersil Corporation
X9279TV14-2.7 INTERSIL-X9279TV14-2.7 Datasheet
364Kb / 22P
   Single Supply/Low Power/256-Tap/2-Wire Bus
logo
Renesas Technology Corp
X9279TV14-2.7 RENESAS-X9279TV14-2.7 Datasheet
403Kb / 18P
   Single Supply/Low Power/256-Tap/2-Wire Bus
September 23, 2009
logo
Intersil Corporation
X9279TV14I INTERSIL-X9279TV14I Datasheet
364Kb / 22P
   Single Supply/Low Power/256-Tap/2-Wire Bus
More results

Similar Description - X9279TB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com