Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9279TB Datasheet(PDF) 3 Page - Xicor Inc.

Part # X9279TB
Description  Single Digitally-Controlled (XDCP) Potentiometer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9279TB Datasheet(HTML) 3 Page - Xicor Inc.

  X9279TB Datasheet HTML 1Page - Xicor Inc. X9279TB Datasheet HTML 2Page - Xicor Inc. X9279TB Datasheet HTML 3Page - Xicor Inc. X9279TB Datasheet HTML 4Page - Xicor Inc. X9279TB Datasheet HTML 5Page - Xicor Inc. X9279TB Datasheet HTML 6Page - Xicor Inc. X9279TB Datasheet HTML 7Page - Xicor Inc. X9279TB Datasheet HTML 8Page - Xicor Inc. X9279TB Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
X9279
Characteristics subject to change without notice.
3 of 24
REV 1.1.7 2/6/03
www.xicor.com
PIN CONFIGURATION
PIN ASSIGNMENTS
Pin
TSSOP
Pin
CSP
Symbol
Function
1
B2, B3
NC
No Connect
2
A4
A0
Device Address for 2-Wire bus.
3
C2, C3
NC
No Connect
4
B4
A2
Device Address for 2-Wire bus.
5
C4
SCL
Serial Clock for 2-Wire bus.
6
D4
SDA
Serial Data Input/Output for 2-Wire bus.
7D3
VSS
System Ground.
8D2
WP
Hardware Write Protect
9
D1
A1
Device Address for 2-Wire bus.
10
C1
A3
Device Address for 2 wire-bus.
11
B1
RW
Wiper Terminal of the Potentiometer.
12
A1
RH
High Terminal of the Potentiometer.
13
A2
RL
Low Terminal of the Potentiometer.
14
A3
VCC
System Supply Voltage.
VCC
RL
VSS
1
2
3
4
5
6
7
8
14
13
12
11
10
9
A0
RW
SCL
A2
TSSOP
RH
X9279
NC
NC
SDA
A3
WP
A1
A0
VCC
RL
RH
A2
NC
NC
RW
SCL
NC
NC
A3
SDA VSS
WP
A1
A
B
C
D
43
2
1
CSP


Similar Part No. - X9279TB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9279TV14 INTERSIL-X9279TV14 Datasheet
364Kb / 22P
   Single Supply/Low Power/256-Tap/2-Wire Bus
logo
Renesas Technology Corp
X9279TV14 RENESAS-X9279TV14 Datasheet
403Kb / 18P
   Single Supply/Low Power/256-Tap/2-Wire Bus
September 23, 2009
logo
Intersil Corporation
X9279TV14-2.7 INTERSIL-X9279TV14-2.7 Datasheet
364Kb / 22P
   Single Supply/Low Power/256-Tap/2-Wire Bus
logo
Renesas Technology Corp
X9279TV14-2.7 RENESAS-X9279TV14-2.7 Datasheet
403Kb / 18P
   Single Supply/Low Power/256-Tap/2-Wire Bus
September 23, 2009
logo
Intersil Corporation
X9279TV14I INTERSIL-X9279TV14I Datasheet
364Kb / 22P
   Single Supply/Low Power/256-Tap/2-Wire Bus
More results

Similar Description - X9279TB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com