Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X40626S14-4.5A Datasheet(PDF) 4 Page - Xicor Inc.

Part # X40626S14-4.5A
Description  Dual Voltage CPU Supervisor with 64K Serial EEPROM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X40626S14-4.5A Datasheet(HTML) 4 Page - Xicor Inc.

  X40626S14-4.5A Datasheet HTML 1Page - Xicor Inc. X40626S14-4.5A Datasheet HTML 2Page - Xicor Inc. X40626S14-4.5A Datasheet HTML 3Page - Xicor Inc. X40626S14-4.5A Datasheet HTML 4Page - Xicor Inc. X40626S14-4.5A Datasheet HTML 5Page - Xicor Inc. X40626S14-4.5A Datasheet HTML 6Page - Xicor Inc. X40626S14-4.5A Datasheet HTML 7Page - Xicor Inc. X40626S14-4.5A Datasheet HTML 8Page - Xicor Inc. X40626S14-4.5A Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
X40626
REV 1.1.15 2/11/04
Characteristics subject to change without notice.
4 of 23
www.xicor.com
To set the new VTRIP voltage, start by setting the WEL
bit in the control register, then apply the desired VTRIP
threshold voltage to the VCC pin and the programming
voltage, VP, to the WP pin and 2 byte address and 1
byte of “00” data. The stop bit following a valid write
operation initiates the VTRIP programming sequence.
Bring WP LOW to complete the operation.
Resetting the VTRIP Voltage
This procedure is used to set the VTRIP to a “native”
voltage level. For example, if the current VTRIP is 4.4V
and the new VTRIP must be 4.0V, then the VTRIP must
be reset. When VTRIP is reset, the new VTRIP is some-
thing less than 1.7V. This procedure must be used to
set the voltage to a lower value.
To reset the new VTRIP voltage start by setting the WEL
bit in the control register, apply the desired VTRIP
threshold voltage to the VCC pin and the programming
voltage, VP, to the WP pin and 2 byte address and 1
byte of “00” data. The stop bit of a valid write operation
initiates the VTRIP programming sequence. Bring WP
LOW to complete the operation.
Figure 2. Reset VTRIP Level Sequence (VCC/V2MON > 3V, WP = 12-15V, WEL bit set)
Figure 3. Sample VTRIP Reset Circuit
012 345 67
SCL
SDA
A0H
012 345 67
00H
WP
VP = 12-15V
012 345 67
xxH*
012 345 6 7
00H
*for VTRIP2 address is 0FH
for VTRIP address is 03H
1
2
5
7
14
12
9
8
X40626
VTRIP
Adj.
VP
RESET
4.7K
SDA
SCL
µC
Adjust
Run
6
3
13
4


Similar Part No. - X40626S14-4.5A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40626S14-4.5A INTERSIL-X40626S14-4.5A Datasheet
355Kb / 22P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
logo
Renesas Technology Corp
X40626S14-4.5A RENESAS-X40626S14-4.5A Datasheet
858Kb / 22P
   64K, 8K x 8 Bit Dual Voltage CPU Supervisor with 64K Serial EEPROM
March 28, 2005
More results

Similar Description - X40626S14-4.5A

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X40620 XICOR-X40620 Datasheet
350Kb / 17P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
logo
Intersil Corporation
X40626 INTERSIL-X40626 Datasheet
355Kb / 22P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
logo
Renesas Technology Corp
X4062 RENESAS-X4062 Datasheet
858Kb / 22P
   64K, 8K x 8 Bit Dual Voltage CPU Supervisor with 64K Serial EEPROM
March 28, 2005
logo
Xicor Inc.
X4643 XICOR-X4643 Datasheet
408Kb / 22P
   CPU Supervisor with 64K EEPROM
X46402 XICOR-X46402 Datasheet
102Kb / 23P
   Dual Voltage CPU Supervisor with 64K Password Protected EEPROM
logo
Renesas Technology Corp
X4643 RENESAS-X4643 Datasheet
820Kb / 21P
   64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Intersil Corporation
X4323 INTERSIL-X4323_06 Datasheet
342Kb / 22P
   CPU Supervisor with 32k EEPROM
X4163 INTERSIL-X4163_06 Datasheet
352Kb / 22P
   CPU Supervisor with 16K EEPROM
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
   CPU Supervisor with 16K EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com