Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9241AYVI Datasheet(PDF) 10 Page - Xicor Inc.

Part # X9241AYVI
Description  Quad Digitally Controlled Potentiometer (XDCP)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9241AYVI Datasheet(HTML) 10 Page - Xicor Inc.

Back Button X9241AYVI Datasheet HTML 6Page - Xicor Inc. X9241AYVI Datasheet HTML 7Page - Xicor Inc. X9241AYVI Datasheet HTML 8Page - Xicor Inc. X9241AYVI Datasheet HTML 9Page - Xicor Inc. X9241AYVI Datasheet HTML 10Page - Xicor Inc. X9241AYVI Datasheet HTML 11Page - Xicor Inc. X9241AYVI Datasheet HTML 12Page - Xicor Inc. X9241AYVI Datasheet HTML 13Page - Xicor Inc. X9241AYVI Datasheet HTML 14Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
X9241A
Characteristics subject to change without notice.
10 of 18
REV 1.1.13 12/09/02
www.xicor.com
ABSOLUTE MAXIMUM RATINGS
Temperature under bias ........................–65 to +135°C
Storage temperature .............................–65 to +150°C
Voltage on SCK, SCL or any address
input with respect to VSS .........................–1V to +7V
Voltage on any VH/RH, VW/RW or VL/RL
referenced to VSS....................................... +6V/-4V
∆V = |VH/RH–VL/RL|.............................................. 10V
Lead temperature (soldering, 10 seconds)........ 300°C
IW (10 seconds).................................................. ±6mA
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; functional operation of the
device (at these or any other conditions above those
indicated
in
the
operational
sections
of
this
specification) is not implied. Exposure to absolute
maximum rating conditions for extended periods may
affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Product
Temperature Range
Min.
Max.
Supply Voltage
X9241A
Commercial
Industrial
0°C
–40°C
+70°C
+85°C
5V ±10%
5V ±10%
ANALOG CHARACTERISTICS (Over recommended operating conditions unless otherwise stated.)
Symbol
Parameter
Limits
Unit
Test Condition
Min.
Typ.
Max.
RTOTAL
End to end resistance
–20
+20
%
Power rating
50
mW
25°C, each pot
IW
Wiper current
mA
See Note 7, 8
RW
Wiper resistance
40
130
Wiper Current = ± 1mA
See Note 7
VTERM
Voltage on any VH/RH, VW/RW or
VL/RL Pin
–3.0
+5
V
Noise
≤120
dBV
Ref: 1KHz See Note 5
Resolution(4)
1.6
0.4
%
See Note 5
Absolute linearity(1)
±1
MI(3)
Rw(n)(actual)–Rw(n)(expected)
Relative linearity(2)
±0.2
MI(3)
Rw(n + 1)–[Rw(n) + MI]
Temperature Coefficient of RTOTAL
±300
ppm/°C
See Note 5
Ratiometric temperature coefficient
±20
ppm/C
See Note 5
CH/CL/CW Potentiometer capacitances
15/15/25
pF
See Circuit #3 and Note 5
lAL
RH, RI, RW leakage current
0.1
1
µA
VIN = VTERM. Device is in
stand-by mode.


Similar Part No. - X9241AYVI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9241AYVI INTERSIL-X9241AYVI Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
X9241AYVI INTERSIL-X9241AYVI Datasheet
262Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
X9241AYVIZ INTERSIL-X9241AYVIZ Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
X9241AYVIZ INTERSIL-X9241AYVIZ Datasheet
262Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
X9241AYVIZ INTERSIL-X9241AYVIZ Datasheet
362Kb / 17P
   Non-Volatile/Low Power/2-Wire/64 Taps
August 17, 2015
More results

Similar Description - X9241AYVI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22444 INTERSIL-ISL22444 Datasheet
724Kb / 19P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9252 XICOR-X9252 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
logo
Intersil Corporation
ISL22343 INTERSIL-ISL22343 Datasheet
703Kb / 18P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9251 XICOR-X9251 Datasheet
549Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9251 INTERSIL-X9251_07 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
ISL22446 INTERSIL-ISL22446 Datasheet
564Kb / 15P
   Quad Digitally Controlled Potentiometer XDCP
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com