Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCA3101A1820-29PY-BSN-F Datasheet(PDF) 5 Page - DDK Ltd.

Part # DCA3101A1820-29PY-BSN-F
Description  Reverse Bayonet Coupling Connectors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DCA3101A1820-29PY-BSN-F Datasheet(HTML) 5 Page - DDK Ltd.

  DCA3101A1820-29PY-BSN-F Datasheet HTML 1Page - DDK Ltd. DCA3101A1820-29PY-BSN-F Datasheet HTML 2Page - DDK Ltd. DCA3101A1820-29PY-BSN-F Datasheet HTML 3Page - DDK Ltd. DCA3101A1820-29PY-BSN-F Datasheet HTML 4Page - DDK Ltd. DCA3101A1820-29PY-BSN-F Datasheet HTML 5Page - DDK Ltd. DCA3101A1820-29PY-BSN-F Datasheet HTML 6Page - DDK Ltd. DCA3101A1820-29PY-BSN-F Datasheet HTML 7Page - DDK Ltd. DCA3101A1820-29PY-BSN-F Datasheet HTML 8Page - DDK Ltd. DCA3101A1820-29PY-BSN-F Datasheet HTML 9Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
http://www.ddknet.co.jp
DCA-A-F Series
5
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Please varify the latest specifications with our drawings.
○ Insert Arrangement List
Number of Contact
7
Insert
Arrangement
Insert Number
16S-1
20-15
22-28
24-2
24-10
28-10
Contact Size
7-#16
7-#12
7-#12
7-#12
7-#8
2-#4, 2-#8, 3-#12
Service Rating
A
A
A
D
A
D(G), A
Rated Current
13A
23A
23A
23A
46A
#4 : 80A
#8 : 46A
#12 : 23A
Number of Contact
8
9
Insert
Arrangement
Insert Number
18-8
20-7
22-23
20-16
20-18
24-11
Contact Size
1-#12, 7-#16
8-#16
8-#12
2-#12, 7-#16
3-#12, 6-#16
3-#8, 6-#12
Service Rating
A
D(ABHG)
A(CDEF)
D(H) A
A
A
A
Rated Current
#12 : 23A
#16 : 13A
13A
23A
#12 : 23A
#16 : 13A
#12 : 23A
#16 : 13A
#8 : 46A
#12 : 23A
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
Number of Contact
14
Insert
Arrangement
Insert Number
20-27
22-19
28-20
32-9
Contact Size
14-#16
14-#16
10-#12, 4-#16
2-#4, 12-#16
Service Rating
A
A
A
D
Rated Current
13A
13A
#12 : 23A
#16 : 13A
#4 : 80A
#16 : 13A
Number of Contact
10
11
13
Insert
Arrangement
Insert Number
18-1
18-19
24-20
20-33
20-11
Contact Size
10-#16
10-#16
2-#12, 9-#16
11-#16
13-#16
Service Rating
A (BCFG)
INST
A
D
A
INST
Rated Current
13A
13A
#12 : 23A
#16 : 13A
13A
13A
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
Contact Size Symbol
Service Rating・・・・・・ INST
A
D
E
Rated Voltage AC(r.m.s.)
200
500
900
1,250
Rated Voltage DC ・・・ 250
700
1,200 1,750
Contact Size・・・・・・・・・・・ #16
#12
#8
#4
#0
MAX
Current /Contact ・・・・・・ 13
23
46
80
150
#16
#12
#8
#4
#0
A
B
C
D
E
F
G
H
J
K
L
M
N
20-11PF
F
E
B
K
J
H
A
L
M
D
C
20-33PF


Similar Part No. - DCA3101A1820-29PY-BSN-F

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DCA3101E10SL-3PWG-D-BSN-1 DDK-DCA3101E10SL-3PWG-D-BSN-1 Datasheet
2Mb / 19P
   Reverse Bayonet Coupling Connectors
DCA3101E10SL-3SWG-D-BSN-1 DDK-DCA3101E10SL-3SWG-D-BSN-1 Datasheet
2Mb / 19P
   Reverse Bayonet Coupling Connectors
DCA3101E10SL-4PWG-D-BSN-1 DDK-DCA3101E10SL-4PWG-D-BSN-1 Datasheet
2Mb / 19P
   Reverse Bayonet Coupling Connectors
DCA3101E10SL-4SWG-D-BSN-1 DDK-DCA3101E10SL-4SWG-D-BSN-1 Datasheet
2Mb / 19P
   Reverse Bayonet Coupling Connectors
DCA3101E12S-3PWG-D-BSN-1 DDK-DCA3101E12S-3PWG-D-BSN-1 Datasheet
2Mb / 19P
   Reverse Bayonet Coupling Connectors
More results

Similar Description - DCA3101A1820-29PY-BSN-F

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DCA3101E10SL-3PWG-D-BSN-1 DDK-DCA3101E10SL-3PWG-D-BSN-1 Datasheet
2Mb / 19P
   Reverse Bayonet Coupling Connectors
logo
Amphenol Corporation
GTC08F16S-4S AMPHENOL-GTC08F16S-4S Datasheet
1Mb / 95P
   Amphenol GT Series Reverse Bayonet Coupling Connectors
logo
Glenair, Inc.
240-ITSJ GLENAIR-240-ITSJ Datasheet
94Kb / 2P
   Jam Nut Mount with Reverse Bayonet Coupling
240-ITSW GLENAIR-240-ITSW Datasheet
91Kb / 2P
   Rear Panel Mount with Reverse Bayonet Coupling
230-021 GLENAIR-230-021 Datasheet
416Kb / 2P
   Bayonet Coupling Box Mount Receptacle
947-292 GLENAIR-947-292 Datasheet
402Kb / 2P
   Bayonet Coupling Jam Nut Mount
230-020 GLENAIR-230-020 Datasheet
266Kb / 2P
   Bayonet Coupling Solder Mount Receptacle
230-015 GLENAIR-230-015 Datasheet
287Kb / 2P
   Bayonet Coupling Jam Nut Receptacle
947-292 GLENAIR-947-292_15 Datasheet
295Kb / 2P
   Bayonet Coupling Jam Nut Mount
logo
Amphenol Corporation
31-242 AMPHENOL-31-242 Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com