Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC807W Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # BC807W
Description  SOT-323 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BC807W Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BC807W Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BC807W Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BC807W Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd BC807W Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
-0
-300
-600
-900
-1200
-0.1
-1
-10
-100
-0.1
-1
-10
-100
-300
-600
-900
-1200
0
25
50
75
100
125
150
0
50
100
150
200
250
-1
-10
-100
-10
-100
-1000
-0.1
-1
-10
-100
10
100
1000
-0.1
-1
-10
1
10
100
-0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-0
-20
-40
-60
-80
-100
-120
-140
-160
-1
-10
-100
10
100
COMMON EMITTER
V
CE= -1V
V
BE
I
C
——
BESE-EMMITER VOLTAGE V
BE (mV)
-500
β=10
I
C
V
BEsat
——
COLLECTOR CURREMT I
C
(mA)
T
a=100
T
a=25
-500
P
C
—— T
a
AMBIENT TEMPERATURE T
a
( )
-0.3
T
a=100
T
a=25
β=10
I
C
V
CEsat
——
COLLECTOR CURREMT I
C
(mA)
-500
I
C
h
FE
——
T
a=100
T
a=25
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE= -1V
-500
f=1MHz
I
E=0/IC=0
T
a=25
V
CB/VEB
C
ob/Cib
——
C
ob
C
ib
REVERSE VOLTAGE V (V)
-20
COMMON
EMITTER
T
a=25
-400uA
-360uA
-320uA
-280uA
-240uA
-200uA
-160uA
-120uA
-80uA
I
B= -40uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
COMMON EMITTER
V
CE=-5V
T
a=25
COLLECTOR CURRENT I
C
(mA)
500
I
C
f
T
——
www.cj-elec.com
2
www.cj-elec.com
Typical Characteristics
A,Jun,2014
F,Jun,2016


Similar Part No. - BC807W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
   PNP general purpose transistor
1999 May 18
logo
KEC(Korea Electronics)
BC807W KEC-BC807W Datasheet
585Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR
logo
Infineon Technologies A...
BC807W INFINEON-BC807W Datasheet
47Kb / 5P
   PNP Silicon AF Transistors
Nov-29-2001
logo
Galaxy Semi-Conductor H...
BC807W BILIN-BC807W Datasheet
228Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
logo
Diotec Semiconductor
BC807W DIOTEC-BC807W Datasheet
174Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BC807W

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
2SC3930 JIANGSU-2SC3930 Datasheet
541Kb / 3P
   SOT-323 Plastic-Encapsulate Transistors
2SC4098 JIANGSU-2SC4098 Datasheet
695Kb / 3P
   SOT-323 Plastic-Encapsulate Transistors
2SC4102 JIANGSU-2SC4102 Datasheet
1Mb / 4P
   SOT-323 Plastic-Encapsulate Transistors
2SC4116 JIANGSU-2SC4116 Datasheet
873Kb / 4P
   SOT-323 Plastic-Encapsulate Transistors
KTA2015 JIANGSU-KTA2015 Datasheet
733Kb / 3P
   SOT-323 Plastic-Encapsulate Transistors
MMST4403 JIANGSU-MMST4403 Datasheet
844Kb / 4P
   SOT-323 Plastic-Encapsulate Transistors
2PD601AW JIANGSU-2PD601AW Datasheet
1Mb / 3P
   SOT-323 Plastic-Encapsulate Transistors
2SA1586 JIANGSU-2SA1586 Datasheet
852Kb / 4P
   SOT-323 Plastic-Encapsulate Transistors
2SA1579 JIANGSU-2SA1579 Datasheet
846Kb / 4P
   SOT-323 Plastic-Encapsulate Transistors
MMSTA92 JIANGSU-MMSTA92 Datasheet
923Kb / 4P
   SOT-323 Plastic-Encapsulate Transistors
2SA1577 JIANGSU-2SA1577 Datasheet
794Kb / 4P
   SOT-323 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com