Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BG18A Datasheet(PDF) 3 Page - BeRex Corporation

Part # BG18A
Description  5-4000 MHz Cascadable InGaP HBT Gain Block
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BG18A Datasheet(HTML) 3 Page - BeRex Corporation

  BG18A_14 Datasheet HTML 1Page - BeRex Corporation BG18A_14 Datasheet HTML 2Page - BeRex Corporation BG18A_14 Datasheet HTML 3Page - BeRex Corporation BG18A_14 Datasheet HTML 4Page - BeRex Corporation BG18A_14 Datasheet HTML 5Page - BeRex Corporation BG18A_14 Datasheet HTML 6Page - BeRex Corporation BG18A_14 Datasheet HTML 7Page - BeRex Corporation BG18A_14 Datasheet HTML 8Page - BeRex Corporation BG18A_14 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
5-4000 MHz Cascadable InGaP HBT Gain Block
BG18A
S-Parameter
(Vdevice = 5.0V, Icc = 70mA, T = 25 °C, calibrated to device leads)
Typical Performance (Vd = 5V, Ic = 70mA, T = 25°C)
Typical Performance (Vd = 4.5V, Ic = 57mA, T = 25°C)
Freq
MHz
70
150
250
500
900
1900
2140
2450
3000
S21
dB
17.5
17.5
16.8
15.9
15.5
15.1
14.7
14.3
14.4
S11
dB
-17.0
-14.8
-16.4
-11.3
-13.5
-13.1
-13.0
-13.1
-12.7
S22
dB
-7.8
-9.2
-12.2
-21.6
-19.9
-15.6
-15.2
-15.2
-11.3
P1
dBm
18.1
18.7
18.6
18.7
19.1
18.9
18.7
17.8
17.1
OIP3
dBm
36.0
38.0
38.0
37.5
36
32.5
31.5
30.5
29
NF
dB
4.2
4.2
4.2
4.2
4.2
4.2
4.2
4.4
4.5
Freq
MHz
70
500
900
1900
2140
2450
3500
S21
dB
17.3
15.9
15.4
14.9
14.6
14.2
13.5
S11
dB
-14
-18
-13
-13
-13
-12.8
-9.5
S22
dB
-7
-16
-17
-16
-15
-14
-7.7
P1
dBm
16.9
16.4
16.8
17.1
17.4
16.2
OIP3
dBm
33.5
33
32.5
30.5
30.5
29
NF
dB
4.4
4.4
4
4.2
4.3
4.5
Freq
S11
S11
S21
S21
S12
S12
S22
S22
[MHz]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
100
0.461
-166.4
9.317
162.1
0.071
13.3
0.396
-39.2
500
0.622
159.9
5.570
147.1
0.120
2.1
0.152
-138.9
1000
0.619
134.5
5.674
135.8
0.110
-9.4
0.138
127.5
1500
0.605
109.7
5.980
112.7
0.121
-15.8
0.233
78.0
2000
0.536
92.4
5.320
90.8
0.107
-32.1
0.307
42.3
2500
0.527
65.5
6.081
68.6
0.114
-32.3
0.379
16.6
3000
0.458
49.8
5.399
37.3
0.110
-51.4
0.433
-3.4
3500
0.469
22.8
4.547
19.3
0.098
-52.9
0.479
-31.5
4000
0.428
-4.2
4.219
-0.3
0.098
-66.0
0.558
-52.7
Rev. D
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2010 BeRex


Similar Part No. - BG18A_14

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BG18A BEREX-BG18A_18 Datasheet
1Mb / 10P
   5-4000 MHz Cascadable InGaP HBT Gain Block
More results

Similar Description - BG18A_14

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BG16C BEREX-BG16C_18 Datasheet
1Mb / 9P
   5-4000 MHz Cascadable InGaP HBT Gain Block
BG17A BEREX-BG17A_18 Datasheet
1Mb / 9P
   5-4000 MHz Cascadable InGaP HBT Gain Block
BG18B BEREX-BG18B_18 Datasheet
1Mb / 10P
   5-4000 MHz Cascadable InGaP HBT Gain Block
BG13B BEREX-BG13B_18 Datasheet
972Kb / 10P
   5-4000 MHz Cascadable InGaP HBT Gain Block
BG18B BEREX-BG18B_15 Datasheet
1Mb / 10P
   5-4000 MHz Cascadable InGaP HBT Gain Block
BG17C BEREX-BG17C_18 Datasheet
1Mb / 9P
   5-4000 MHz Cascadable InGaP HBT Gain Block
BG18C BEREX-BG18C_18 Datasheet
1Mb / 10P
   5-4000 MHz Cascadable InGaP HBT Gain Block
BG18D BEREX-BG18D_14 Datasheet
1Mb / 9P
   5-4000 MHz Cascadable InGaP HBT Gain Block
BG18C BEREX-BG18C_14 Datasheet
1Mb / 10P
   5-4000 MHz Cascadable InGaP HBT Gain Block
BG14A BEREX-BG14A_18 Datasheet
1Mb / 10P
   5-4000 MHz Cascadable InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com