Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-85S0AB12-I6T1U Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-85S0AB12-I6T1U
Description  5.5 V INPUT, 50 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-85S0AB12-I6T1U Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-85S0AB12-I6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-85S0AB12-I6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-85S0AB12-I6T1U Datasheet HTML 9Page - Seiko Instruments Inc S-85S0AB12-I6T1U Datasheet HTML 10Page - Seiko Instruments Inc S-85S0AB12-I6T1U Datasheet HTML 11Page - Seiko Instruments Inc S-85S0AB12-I6T1U Datasheet HTML 12Page - Seiko Instruments Inc S-85S0AB12-I6T1U Datasheet HTML 13Page - Seiko Instruments Inc S-85S0AB12-I6T1U Datasheet HTML 14Page - Seiko Instruments Inc S-85S0AB12-I6T1U Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
5.5 V INPUT, 50 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.0_00
S-85S0A Series
11
9. Pre-bias compatible soft-start function
The S-85S0A Series has a built-in pre-bias compatible soft-start circuit.
If the pre-bias compatible soft-start circuit starts when electrical charge remains in the output voltage (VOUT) as a
result of power supply restart, etc., or when VOUT is biased beforehand (pre-bias status), switching operation is
stopped until the soft-start voltage exceeds the internal feedback voltage, and then VOUT is maintained. If the
soft-start voltage exceeds the internal feedback voltage, switching operation will restart and VOUT will rise to the
output voltage setting value (VOUT(S)). This allows VOUT(S) to be reached without lowering the pre-biased VOUT.
In soft-start circuits which are not pre-bias compatible, a large current flows as a result of the discharge of the
residual electric charge through the low side power MOS FET when switching operation starts, which could cause
damage, however in a pre-bias compatible soft-start circuit, the IC is protected from the large current when switching
operation starts, and it makes power supply design for the application circuit simpler.
In the S-85S0A Series, VOUT reaches VOUT(S) gradually due to the soft-start circuit.
In the following cases, rush current and VOUT overshoot are reduced.
• At power-on
• When the EN pin changes from "L" to "H".
• When UVLO operation is released.
• When thermal shutdown is released.
• At short-circuit recovery
In addition, the soft-start circuit operates under the following conditions.
The soft-start circuit starts operating after "H" is input to the EN pin and the soft-start wait time (tSSW) = 1.5 ms typ.
elapses. The soft-start time (tSS) is set to 1.0 ms typ.
• At power supply restart (the IC restart)
• At UVLO detection (after UVLO release)
• At thermal shutdown detection (after thermal shutdown release)
• After Hiccup control
VEN
(tSSW)(tSS)
VOUT
VSW
Soft-start operation during pre-bias
Soft-start wait time Soft-start time
Figure 6


Similar Part No. - S-85S0AB12-I6T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-85S0AB12-I6T1U ABLIC-S-85S0AB12-I6T1U Datasheet
1Mb / 30P
   5.5 V INPUT, 50 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.2_00
More results

Similar Description - S-85S0AB12-I6T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-85S0A ABLIC-S-85S0A Datasheet
1Mb / 30P
   5.5 V INPUT, 50 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.2_00
logo
Seiko Instruments Inc
S85S1A SII-S85S1A Datasheet
2Mb / 30P
   5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
logo
ABLIC Inc.
S-85S1A ABLIC-S-85S1A Datasheet
1Mb / 30P
   5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.4_00
S-85S0P ABLIC-S-85S0P Datasheet
1Mb / 38P
   SUPPLY VOLTAGE DIVIDED OUTPUT, 5.5 V INPUT, 50 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.2_00
logo
Seiko Instruments Inc
S85S1P SII-S85S1P Datasheet
3Mb / 38P
   POWER MONITORING OUTPUT, 5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
logo
ABLIC Inc.
S-85M0A ABLIC-S-85M0A Datasheet
550Kb / 28P
   5.6 V INPUT, 50 mA, LOW EMI, SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.0_01
S-85S1P ABLIC-S-85S1P Datasheet
1Mb / 38P
   SUPPLY VOLTAGE DIVIDED OUTPUT, 5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.5_01
S-85M1A ABLIC-S-85M1A Datasheet
674Kb / 28P
   5.6 V INPUT, 200 mA, LOW EMI, SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.0_00
logo
Seiko Instruments Inc
S85V1A SII-S85V1A Datasheet
2Mb / 30P
   5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 10 uA QUIESCENT CURRENT
logo
ABLIC Inc.
S-85V1A ABLIC-S-85V1A Datasheet
1Mb / 30P
   5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 10 ?쵡 QUIESCENT CURRENT
Rev.1.2_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com