Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-57P1NBL9S-M3T4U Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-57P1NBL9S-M3T4U
Description  FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED BIPOLAR HALL EFFECT LATCH IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-57P1NBL9S-M3T4U Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-57P1NBL9S-M3T4U Datasheet HTML 1Page - Seiko Instruments Inc S-57P1NBL9S-M3T4U Datasheet HTML 2Page - Seiko Instruments Inc S-57P1NBL9S-M3T4U Datasheet HTML 3Page - Seiko Instruments Inc S-57P1NBL9S-M3T4U Datasheet HTML 4Page - Seiko Instruments Inc S-57P1NBL9S-M3T4U Datasheet HTML 5Page - Seiko Instruments Inc S-57P1NBL9S-M3T4U Datasheet HTML 6Page - Seiko Instruments Inc S-57P1NBL9S-M3T4U Datasheet HTML 7Page - Seiko Instruments Inc S-57P1NBL9S-M3T4U Datasheet HTML 8Page - Seiko Instruments Inc S-57P1NBL9S-M3T4U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
S-57P1 S Series
www.sii-ic.com
FOR AUTOMOTIVE 150°C OPERATION HIGH-WITHSTAND VOLTAGE
HIGH-SPEED BIPOLAR HALL EFFECT LATCH IC
© SII Semiconductor Corporation, 2015-2017
Rev.1.2_01
1
This IC, developed by CMOS technology, is a high-accuracy Hall effect latch IC that operates with high temperature and
high-withstand voltage.
The output voltage changes when this IC detects the intensity level of magnetic flux density and a polarity change. Using
this IC with a magnet makes it possible to detect the rotation status in various devices.
This IC includes a reverse voltage protection circuit and an output current limit circuit.
High-density mounting is possible by using the small SOT-23-3S package.
Due to its high-accuracy magnetic characteristics, this IC enables the user to reduce the operational variation in the system.
SII Semiconductor Corporation offers a "magnetic simulation service" that provides the ideal combination of magnets and our
Hall effect ICs for customer systems. Our magnetic simulation service will reduce prototype production, development period
and development costs. In addition, it will contribute to optimization of parts to realize high cost performance.
For more information regarding our magnetic simulation service, contact our sales office.
Caution This product can be used in vehicle equipment and in-vehicle equipment. Before using the product in the
purpose, contact to SII Semiconductor Corporation is indispensable.
Features
• Pole detection:
Bipolar latch
• Output logic
*1:
VOUT = "L" at S pole detection
VOUT = "H" at S pole detection
• Output form:
Nch open-drain output
• Magnetic sensitivity
*1:
BOP = 0.5 mT typ.
BOP = 1.5 mT typ.
BOP = 2.2 mT typ.
BOP = 3.0 mT typ.
• Chopping frequency:
fC = 500 kHz typ.
• Output delay time:
tD = 8.0
μs typ.
• Power supply voltage range:
VDD = 2.7 V to 26.0 V
• Built-in regulator
• Built-in reverse voltage protection circuit
• Built-in output current limit circuit
• Operation temperature range:
Ta =
−40°C to +150°C
• Lead-free (Sn 100%), halogen-free
• AEC-Q100 qualified
*2
*1. The option can be selected.
*2. Contact our sales office for details.
Applications
• Automobile equipment
• Home appliance
• DC brushless motor
• Housing equipment
• Industrial equipment
Package
• SOT-23-3S


Similar Part No. - S-57P1NBL9S-M3T4U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-57P1NBL9S-M3T4U SII-S-57P1NBL9S-M3T4U Datasheet
1Mb / 16P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
More results

Similar Description - S-57P1NBL9S-M3T4U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-57K1-A SII-S-57K1-A Datasheet
1Mb / 17P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED BIPOLAR HALL EFFECT LATCH IC
S-57A1-A SII-S-57A1-A Datasheet
1Mb / 17P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
S5724 SII-S5724 Datasheet
1Mb / 29P
   LOW VOLTAGE OPERATION HIGH-SPEED BIPOLAR HALL EFFECT LATCH
logo
ABLIC Inc.
S-576ZB ABLIC-S-576ZB Datasheet
877Kb / 38P
   125°C OPERATION, HIGH-WITHSTAND VOLTAGE, HIGH-SPEED, ZCLTM HALL EFFECT IC
Rev.1.1_00
logo
Seiko Instruments Inc
S-5725CNBL9-M3T1U SII-S-5725CNBL9-M3T1U Datasheet
1Mb / 31P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57P1NBL9S-M3T4U SII-S-57P1NBL9S-M3T4U Datasheet
1Mb / 16P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57M1NBL1B-M3T1U SII-S-57M1NBL1B-M3T1U Datasheet
947Kb / 16P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57K1NBL1A-M3T2U SII-S-57K1NBL1A-M3T2U Datasheet
893Kb / 15P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-5724CNBL1-M3T1U SII-S-5724CNBL1-M3T1U Datasheet
1Mb / 29P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S5725 SII-S5725 Datasheet
1Mb / 31P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com