Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-57B1CSL3B-M3T1U Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-57B1CSL3B-M3T1U
Description  OPERATION HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-57B1CSL3B-M3T1U Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-57B1CSL3B-M3T1U Datasheet HTML 1Page - Seiko Instruments Inc S-57B1CSL3B-M3T1U Datasheet HTML 2Page - Seiko Instruments Inc S-57B1CSL3B-M3T1U Datasheet HTML 3Page - Seiko Instruments Inc S-57B1CSL3B-M3T1U Datasheet HTML 4Page - Seiko Instruments Inc S-57B1CSL3B-M3T1U Datasheet HTML 5Page - Seiko Instruments Inc S-57B1CSL3B-M3T1U Datasheet HTML 6Page - Seiko Instruments Inc S-57B1CSL3B-M3T1U Datasheet HTML 7Page - Seiko Instruments Inc S-57B1CSL3B-M3T1U Datasheet HTML 8Page - Seiko Instruments Inc S-57B1CSL3B-M3T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
125
°C OPERATION HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
Rev.3.0_00
S-57B1 Series
3
Product Name Structure
1. Product name
S-57B1 x S x x B - M3T1 U
Environmental code
U:
Lead-free (Sn 100%), halogen-free
Package name abbreviation and packing specifications
*1
M3T1:
SOT-23-3, Tape
Operation temperature
B:
Ta =
−40°C to +125°C
Magnetic sensitivity
1:
BOP = 3.0 mT typ.
2:
BOP = 4.5 mT typ.
3:
BOP = 7.0 mT typ.
Detection logic for magnetism
L:
Active "L"
H:
Active "H"
Pole detection
S:
Detection of S pole
Output form
N:
Nch open drain output
C:
CMOS output
*1. Refer to the tape drawing.
2. Package
Table 1 Package Drawing Codes
Package Name
Dimension
Tape
Reel
SOT-23-3
MP003-C-P-SD
MP003-C-C-SD
MP003-Z-R-SD
3. Product name list
Table 2
Product Name
Output Form
Pole Detection
Detection Logic
for Magnetism
Magnetic Sensitivity (BOP)
S-57B1NSL1B-M3T1U
Nch open drain output
S pole
Active "L"
3.0 mT typ.
S-57B1CSL3B-M3T1U
CMOS output
S pole
Active "L"
7.0 mT typ.
Remark Please contact our sales office for products other than the above.


Similar Part No. - S-57B1CSL3B-M3T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-57B1CSL3B-M3T1U SII-S-57B1CSL3B-M3T1U Datasheet
1Mb / 20P
   UNIPOLAR DETECTION TYPE HALL IC
More results

Similar Description - S-57B1CSL3B-M3T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5713A SII-S-5713A Datasheet
187Kb / 16P
   HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
S-57A1NSL1A-M3T2U SII-S-57A1NSL1A-M3T2U Datasheet
886Kb / 15P
   HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
S-5715CNDL1-M3T1U SII-S-5715CNDL1-M3T1U Datasheet
1Mb / 28P
   UNIPOLAR DETECTION TYPE HALL IC
S-57B1NSL1B-M3T1U SII-S-57B1NSL1B-M3T1U Datasheet
1Mb / 20P
   UNIPOLAR DETECTION TYPE HALL IC
S-5715CNSL1-M3T1U SII-S-5715CNSL1-M3T1U Datasheet
1Mb / 28P
   UNIPOLAR DETECTION TYPE HALL IC
S-5717ANDL8-I4T1U SII-S-5717ANDL8-I4T1U Datasheet
1Mb / 19P
   UNIPOLAR DETECTION TYPE HALL IC
S-5732NSL1B-Y3N2U SII-S-5732NSL1B-Y3N2U Datasheet
1Mb / 21P
   UNIPOLAR DETECTION TYPE HALL IC
S5712E SII-S5712E Datasheet
1Mb / 31P
   HIGH-SPEED LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
S5717 SII-S5717 Datasheet
1Mb / 19P
   LOW VOLTAGE OPERATION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
S-57A1-A SII-S-57A1-A Datasheet
1Mb / 17P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com