Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S25C080A-H Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S25C080A-H
Description  OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S25C080A-H Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S25C080A-H Datasheet HTML 1Page - Seiko Instruments Inc S25C080A-H Datasheet HTML 2Page - Seiko Instruments Inc S25C080A-H Datasheet HTML 3Page - Seiko Instruments Inc S25C080A-H Datasheet HTML 4Page - Seiko Instruments Inc S25C080A-H Datasheet HTML 5Page - Seiko Instruments Inc S25C080A-H Datasheet HTML 6Page - Seiko Instruments Inc S25C080A-H Datasheet HTML 7Page - Seiko Instruments Inc S25C080A-H Datasheet HTML 8Page - Seiko Instruments Inc S25C080A-H Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
S-25C080A H Series
Rev.2.3_01_C
4
AEC-Q100 Qualified
This IC supports AEC-Q100 for operation temperature grade 2.
Contact our sales office for details of AEC-Q100 reliability specification.
Absolute Maximum Ratings
Table 3
Item
Symbol
Absolute Maximum Rating
Unit
Power supply voltage
VCC
−0.3 to +7.0
V
Input voltage
VIN
−0.3 to +7.0
V
Output voltage
VOUT
−0.3 to VCC + 0.3
V
Operation ambient temperature
Topr
−40 to +105
°C
Storage temperature
Tstg
−65 to +150
°C
Caution The absolute maximum ratings are rated values exceeding which the product could suffer
physical damage. These values must therefore not be exceeded under any conditions.
Recommended Operating Conditions
Table 4
Item
Symbol
Condition
Ta =
−40°C to +105°C
Unit
Min.
Max.
Power supply voltage
VCC
Read Operation
2.5
5.5
V
Write Operation
2.5
5.5
V
High level input voltage
VIH
VCC = 2.5 V to 5.5 V
0.7
× VCC
VCC
+ 1.0
V
Low level input voltage
VIL
VCC = 2.5 V to 5.5 V
−0.3
0.3
× VCC
V
Pin Capacitance
Table 5
(Ta =
+25 °C, f = 1.0 MHz, VCC = 5 V)
Item
Symbol
Condition
Min.
Max.
Unit
Input capacitance
CIN
VIN = 0 V ( CS , SCK, SI, WP , HOLD )
8
pF
Output capacitance
COUT
VOUT = 0 V (SO)
10
pF
Endurance
Table 6
Item
Symbol
Operation Ambient Temperature
Min.
Max.
Unit
Endurance
NW
−40°C to +85°C
106
cycles / word*1
−40°C to +105°C
8
× 105
cycles / word*1
*1. For each address (Word: 8 bits)
Data Retention
Table 7
Item
Symbol
Operation Ambient Temperature
Min.
Max.
Unit
Data retention
+25°C
100
year
−40°C to +105°C
50
year


Similar Part No. - S25C080A-H

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S25C080A SII-S25C080A Datasheet
425Kb / 31P
   105C OPERATION
More results

Similar Description - S25C080A-H

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S25C128A-H SII-S25C128A-H Datasheet
1Mb / 31P
   OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
S25C160A-H SII-S25C160A-H Datasheet
1Mb / 31P
   OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
S-25C010A-H SII-S-25C010A-H Datasheet
1Mb / 33P
   OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
S-25C320A-H SII-S-25C320A-H Datasheet
1Mb / 31P
   OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
logo
ABLIC Inc.
S-25A010A ABLIC-S-25A010A Datasheet
524Kb / 35P
   FOR AUTOMOTIVE 125째C OPERATION SPI SERIAL E2PROM
Rev.5.2_02
S-25A256B ABLIC-S-25A256B Datasheet
414Kb / 23P
   FOR AUTOMOTIVE 125째C OPERATION SPI SERIAL E2PROM
Rev.1.2_02
S-25A080A ABLIC-S-25A080A Datasheet
525Kb / 33P
   FOR AUTOMOTIVE 125째C OPERATION SPI SERIAL E2PROM
Rev.4.2_02
S-25A640A ABLIC-S-25A640A Datasheet
516Kb / 32P
   FOR AUTOMOTIVE 125째C OPERATION SPI SERIAL E2PROM
Rev.3.2_02
S-25A128B ABLIC-S-25A128B Datasheet
450Kb / 26P
   FOR AUTOMOTIVE 125째C OPERATION SPI SERIAL E2PROM
Rev.1.3_02
S-25C160AH ABLIC-S-25C160AH Datasheet
504Kb / 34P
   105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
Rev.3.0_01_H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com