Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCA3100A2020-29SW-BSN-F Datasheet(PDF) 2 Page - DDK Ltd.

Part # DCA3100A2020-29SW-BSN-F
Description  Reverse Bayonet Coupling Connectors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DCA3100A2020-29SW-BSN-F Datasheet(HTML) 2 Page - DDK Ltd.

  DCA3100A2020-29SW-BSN-F Datasheet HTML 1Page - DDK Ltd. DCA3100A2020-29SW-BSN-F Datasheet HTML 2Page - DDK Ltd. DCA3100A2020-29SW-BSN-F Datasheet HTML 3Page - DDK Ltd. DCA3100A2020-29SW-BSN-F Datasheet HTML 4Page - DDK Ltd. DCA3100A2020-29SW-BSN-F Datasheet HTML 5Page - DDK Ltd. DCA3100A2020-29SW-BSN-F Datasheet HTML 6Page - DDK Ltd. DCA3100A2020-29SW-BSN-F Datasheet HTML 7Page - DDK Ltd. DCA3100A2020-29SW-BSN-F Datasheet HTML 8Page - DDK Ltd. DCA3100A2020-29SW-BSN-F Datasheet HTML 9Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
http://www.ddknet.co.jp
DCA-A-F Series
2
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Please varify the latest specifications with our drawings.
○ Part Numbering System
DCA 3106 A 20 - 29 S W - BSN - F (XXX)
F : Cation Electroplating(Black)
Backshell Style
BSN : With non - waterproof straight backshell
(3100A,3101A,3106A)
Omit : Less-Backshell (3102A)
Insert Arrangement : Refer to page 3-6
Alternate Insert Position
Omit : Normal position
"W", "X", "Y", "Z" : Refer to page 7-8
Shell Size
14S, 16S, 16, 18, 20, 24, 28
Contact Configuration (style)
P : Solder pin contacts
S : Solder socket contacts
Shell Style
3100A : Wall connecting receptacle
3101A : Cable connecting receptacle (in-line receptacle)
3102A : Box mounting receptacle
3106A : Straight plug
Connector Series
DCA
(Part Numbering Example)
DCA3101A
DCA3100A
DCA3102A
DCA3106A
Straight Plug
Cable Receptacle
Box Receptacle
Wall Receptacle
Receptacle Connector
Plug Connector
Connector Combination
DCA3100AXX-XXX-F
DCA3101AXX-XXX-F
DCA3102AXX-XXX-F
DCA3106AXX-XXX-F
M
K
L
V
R
S
φ T
M
K
L
V
φ D
M
K
L
R
S
φ T
L
V
A2
Panel
Screw
A2
Panel
Screw
DCA3100AXX-XXX-F
DCA3101AXX-XXX-F
DCA3102AXX-XXX-F
DCA3106AXX-XXX-F
M
K
L
V
R
S
φ T
M
K
L
V
φ D
M
K
L
R
S
φ T
L
V
A2
Panel
Screw
A2
Panel
Screw
DCA3100AXX-XXX-F
DCA3101AXX-XXX-F
DCA3102AXX-XXX-F
DCA3106AXX-XXX-F
M
K
L
V
R
S
φ T
M
K
L
V
φ D
M
K
L
R
S
φ T
L
V
A2
Panel
Screw
A2
Panel
Screw
DCA3100AXX-XXX-F
DCA3101AXX-XXX-F
DCA3102AXX-XXX-F
DCA3106AXX-XXX-F
M
K
L
V
R
S
φ T
M
K
L
V
φ D
M
K
L
R
S
φ T
L
V
A2
Panel
Screw
A2
Panel
Screw
Deviation No.
Omit : Standard
(D31):PCB mount type (3102A only)


Similar Part No. - DCA3100A2020-29SW-BSN-F

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DCA3101E10SL-3PWG-D-BSN-1 DDK-DCA3101E10SL-3PWG-D-BSN-1 Datasheet
2Mb / 19P
   Reverse Bayonet Coupling Connectors
DCA3101E10SL-3SWG-D-BSN-1 DDK-DCA3101E10SL-3SWG-D-BSN-1 Datasheet
2Mb / 19P
   Reverse Bayonet Coupling Connectors
DCA3101E10SL-4PWG-D-BSN-1 DDK-DCA3101E10SL-4PWG-D-BSN-1 Datasheet
2Mb / 19P
   Reverse Bayonet Coupling Connectors
DCA3101E10SL-4SWG-D-BSN-1 DDK-DCA3101E10SL-4SWG-D-BSN-1 Datasheet
2Mb / 19P
   Reverse Bayonet Coupling Connectors
DCA3101E12S-3PWG-D-BSN-1 DDK-DCA3101E12S-3PWG-D-BSN-1 Datasheet
2Mb / 19P
   Reverse Bayonet Coupling Connectors
More results

Similar Description - DCA3100A2020-29SW-BSN-F

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DCA3101E10SL-3PWG-D-BSN-1 DDK-DCA3101E10SL-3PWG-D-BSN-1 Datasheet
2Mb / 19P
   Reverse Bayonet Coupling Connectors
logo
Amphenol Corporation
GTC08F16S-4S AMPHENOL-GTC08F16S-4S Datasheet
1Mb / 95P
   Amphenol GT Series Reverse Bayonet Coupling Connectors
logo
Glenair, Inc.
240-ITSJ GLENAIR-240-ITSJ Datasheet
94Kb / 2P
   Jam Nut Mount with Reverse Bayonet Coupling
240-ITSW GLENAIR-240-ITSW Datasheet
91Kb / 2P
   Rear Panel Mount with Reverse Bayonet Coupling
230-021 GLENAIR-230-021 Datasheet
416Kb / 2P
   Bayonet Coupling Box Mount Receptacle
947-292 GLENAIR-947-292 Datasheet
402Kb / 2P
   Bayonet Coupling Jam Nut Mount
230-020 GLENAIR-230-020 Datasheet
266Kb / 2P
   Bayonet Coupling Solder Mount Receptacle
230-015 GLENAIR-230-015 Datasheet
287Kb / 2P
   Bayonet Coupling Jam Nut Receptacle
947-292 GLENAIR-947-292_15 Datasheet
295Kb / 2P
   Bayonet Coupling Jam Nut Mount
logo
Amphenol Corporation
31-242 AMPHENOL-31-242 Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com