Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9269UB16 Datasheet(PDF) 4 Page - Xicor Inc.

Part # X9269UB16
Description  Dual Digitally-Controlled Potentiometers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9269UB16 Datasheet(HTML) 4 Page - Xicor Inc.

  X9269UB16 Datasheet HTML 1Page - Xicor Inc. X9269UB16 Datasheet HTML 2Page - Xicor Inc. X9269UB16 Datasheet HTML 3Page - Xicor Inc. X9269UB16 Datasheet HTML 4Page - Xicor Inc. X9269UB16 Datasheet HTML 5Page - Xicor Inc. X9269UB16 Datasheet HTML 6Page - Xicor Inc. X9269UB16 Datasheet HTML 7Page - Xicor Inc. X9269UB16 Datasheet HTML 8Page - Xicor Inc. X9269UB16 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
X9269
REV 1.1.11 2/17/03
Characteristics subject to change without notice.
4 of 25
www.xicor.com
PIN DESCRIPTIONS
Bus Interface Pins
SERIAL DATA INPUT/OUTPUT (SDA)
The SDA is a bidirectional serial data input/output pin
for a 2-Wire slave device and is used to transfer data
into and out of the device. It receives device address,
opcode, wiper register address and data sent from an
2-Wire master at the rising edge of the serial clock
SCL, and it shifts out data after each falling edge of the
serial clock SCL.
It is an open drain output and may be wire-ORed with
any number of open drain or open collector outputs. An
open drain output requires the use of a pull-up resistor.
For selecting typical values, refer to the guidelines for
calculating typical values on the bus pull-up resistors
graph.
SERIAL CLOCK (SCL)
This input is used by 2-Wire master to supply 2-Wire
serial clock to the X9269.
DEVICE ADDRESS (A3–A0)
The address inputs are used to set the least significant
4 bits of the 8-bit slave address. A match in the slave
address serial data stream must be made with the
Address input in order to initiate communication with
the X9269. A maximum of 16 devices may occupy the
2-Wire serial bus.
Potentiometer Pins
RH, RL
The RH and RL pins are equivalent to the terminal
connections on a mechanical potentiometer. Since
there are 2 potentiometers, there are 2 sets of RH and
RL such that RH0 and RL0 are the terminals of POT 0
and so on.
RW
The wiper pin are equivalent to the wiper terminal of a
mechanical
potentiometer.
Since
there
are
4
potentiometers, there are 2 sets of RW such that RW0
is the terminal of POT 0 and so on.
Bias Supply Pins
SYSTEM SUPPLY VOLTAGE (VCC) AND SUPPLY GROUND (VSS)
The VCC pin is the system supply voltage. The VSS pin
is the system ground.
Other Pins
NO CONNECT
No connect pins should be left open. This pins are used for
Xicor manufacturing and testing purposes.
HARDWARE WRITE PROTECT INPUT (WP)
The WP pin when LOW prevents nonvolatile writes to
the Data Registers.


Similar Part No. - X9269UB16

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9269US24 INTERSIL-X9269US24 Datasheet
367Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus
X9269US24 INTERSIL-X9269US24 Datasheet
346Kb / 24P
   Dual Digitally-Controlled Potentiometers
logo
Renesas Technology Corp
X9269US24 RENESAS-X9269US24 Datasheet
923Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
logo
Intersil Corporation
X9269US24-2.7 INTERSIL-X9269US24-2.7 Datasheet
367Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus
X9269US24-2.7 INTERSIL-X9269US24-2.7 Datasheet
346Kb / 24P
   Dual Digitally-Controlled Potentiometers
More results

Similar Description - X9269UB16

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93254 INTERSIL-X93254 Datasheet
208Kb / 10P
   Dual Digitally Controlled Potentiometers
X93255 INTERSIL-X93255 Datasheet
183Kb / 8P
   Dual Digitally Controlled Potentiometers
X9260 INTERSIL-X9260_06 Datasheet
338Kb / 23P
   Dual Digitally-Controlled Potentiometers
ISL22326 INTERSIL-ISL22326 Datasheet
487Kb / 13P
   Dual Digitally Controlled Potentiometers
X9268 INTERSIL-X9268_06 Datasheet
320Kb / 22P
   Dual Digitally-Controlled Potentiometers
X9269 INTERSIL-X9269_07 Datasheet
346Kb / 24P
   Dual Digitally-Controlled Potentiometers
X9418 INTERSIL-X9418_06 Datasheet
340Kb / 20P
   Dual Digitally Controlled Potentiometers
X93256 INTERSIL-X93256_06 Datasheet
333Kb / 9P
   Dual Digitally Controlled Potentiometers
X93256UV14I-2.7 INTERSIL-X93256UV14I-2.7 Datasheet
186Kb / 7P
   Dual Digitally Controlled Potentiometers
February 1, 2008
logo
Xicor Inc.
X9418 XICOR-X9418 Datasheet
386Kb / 21P
   Dual Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com