Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9252WV24I-2.7 Datasheet(PDF) 5 Page - Xicor Inc.

Part # X9252WV24I-2.7
Description  Quad Digitally-Controlled (XDCP) potentiometer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9252WV24I-2.7 Datasheet(HTML) 5 Page - Xicor Inc.

  X9252WV24I-2.7 Datasheet HTML 1Page - Xicor Inc. X9252WV24I-2.7 Datasheet HTML 2Page - Xicor Inc. X9252WV24I-2.7 Datasheet HTML 3Page - Xicor Inc. X9252WV24I-2.7 Datasheet HTML 4Page - Xicor Inc. X9252WV24I-2.7 Datasheet HTML 5Page - Xicor Inc. X9252WV24I-2.7 Datasheet HTML 6Page - Xicor Inc. X9252WV24I-2.7 Datasheet HTML 7Page - Xicor Inc. X9252WV24I-2.7 Datasheet HTML 8Page - Xicor Inc. X9252WV24I-2.7 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5 of 21
REV 1.4.1 7/29/03
www.xicor.com
X9252
D.C. OPERATING CHARACTERISTICS (Over the recommended operating conditions unless otherwise specified.)
ENDURANCE AND DATA RETENTION
CAPACITANCE
POWER-UP TIMING
A.C. TEST CONDITIONS
Symbol
Parameter
Limits
Test Conditions
Min.
Max.
Units
ICC1
VCC supply current
(Volatile write/read)
3mA
fSCL = 400kHz;SDA = Open; (for 2-Wire,
Active, Read and Volatile Write States
only)
ICC2
VCC supply current
(active)
3mA
fSCL = 200kHz; (for U/D interface,
increment, decrement)
ICC3
VCC supply current
(nonvolatile write)
5mA
fSCL = 400kHz; SDA = Open;
(for 2-Wire, Active, Nonvolatile Write State
only)
ISB
VCC current (standby)
20
µA
VCC = +5.5V; VIN = VSS or VCC; SDA =
VCC; (for 2-Wire, Standby State only)
IL
Leakage current, bus
interface pins
-10
10
µA
Voltage at pin from VSS to VCC
VIH
Input HIGH voltage
VCC x 0.7
VCC + 1
V
VIL
Input LOW voltage
–1
VCC x 0.3
V
VOL
SDA pin output LOW
voltage
0.4
V
IOL = 3mA
Parameter
Min.
Units
Minimum endurance
100,000
Data changes per bit
Data retention
100
Years
Symbol
Test
Max.
Units
Test Conditions
CIN/OUT
(5)
Input / Output capacitance (SDA)
8
pF
VOUT = 0V
CIN
(5)
Input capacitance (SCL, WP, DS0, DS1, CS, U/D,
A2, A1 and A0
)
6pF
VIN = 0V
Symbol
Parameter
Max.
Units
tD
(5)(9)
Power Up Delay from VCC power up (VCC
above 2.7V) to wiper position recall com-
pleted, and communication interfaces ready
for operation.
2ms
Input Pulse Levels
VCC x 0.1 to VCC x 0.9
Input rise and fall times
10ns
Input and output timing threshold level
VCC x 0.5
External load at pin SDA
2.3k
Ω to VCC and 100 pF to VSS


Similar Part No. - X9252WV24I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9252WV24I-2.7 INTERSIL-X9252WV24I-2.7 Datasheet
389Kb / 19P
   Low Power Quad 256-Tap 2-Wire Bus Up/Down Interface
More results

Similar Description - X9252WV24I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22444 INTERSIL-ISL22444 Datasheet
724Kb / 19P
   Quad Digitally Controlled Potentiometer XDCP
ISL22343 INTERSIL-ISL22343 Datasheet
703Kb / 18P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9241A XICOR-X9241A Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
X9251 XICOR-X9251 Datasheet
549Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9251 INTERSIL-X9251_07 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
ISL22446 INTERSIL-ISL22446 Datasheet
564Kb / 15P
   Quad Digitally Controlled Potentiometer XDCP
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com