Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-24C32C-H Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-24C32C-H
Description  FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24C32C-H Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-24C32C-H Datasheet HTML 3Page - Seiko Instruments Inc S-24C32C-H Datasheet HTML 4Page - Seiko Instruments Inc S-24C32C-H Datasheet HTML 5Page - Seiko Instruments Inc S-24C32C-H Datasheet HTML 6Page - Seiko Instruments Inc S-24C32C-H Datasheet HTML 7Page - Seiko Instruments Inc S-24C32C-H Datasheet HTML 8Page - Seiko Instruments Inc S-24C32C-H Datasheet HTML 9Page - Seiko Instruments Inc S-24C32C-H Datasheet HTML 10Page - Seiko Instruments Inc S-24C32C-H Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
FOR AUTOMOTIVE 105°C OPERATION 2-WIRE SERIAL E2PROM
Rev.2.1_01_H
S-24C32C/64C H Series
7
Table 13
Item
Symbol
Ta =
−40°C to +105°C
Unit
VCC = 2.5 V to 5.5 V
Min.
Max.
Write time
tWR
5.0
ms
SCL
SDA
D0
Write data
Acknowledgment
Signal
Stop Condition
Start Condition
tWR
Start Condition
WP
(valid)
WP
(invalid)
tWS1
tWH1
tWS2
tWH2
Figure 6 Write Cycle Timing


Similar Part No. - S-24C32C-H

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-24C32C SII-S-24C32C Datasheet
2Mb / 44P
   Write protect function during the low power supply voltage
logo
ABLIC Inc.
S-24C32C ABLIC-S-24C32C Datasheet
649Kb / 44P
   2-WIRE SERIAL E2PROM
Rev.4.0_03_H
S-24C32CH ABLIC-S-24C32CH Datasheet
534Kb / 38P
   FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
Rev.3.0_01_H
More results

Similar Description - S-24C32C-H

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S24C128C-H SII-S24C128C-H Datasheet
1Mb / 35P
   FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
S24C16C-H SII-S24C16C-H Datasheet
1Mb / 35P
   FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
S24C08C-H SII-S24C08C-H Datasheet
1Mb / 35P
   FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-24C32CH ABLIC-S-24C32CH Datasheet
534Kb / 38P
   FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
Rev.3.0_01_H
S-24CS01AH ABLIC-S-24CS01AH Datasheet
456Kb / 37P
   FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
Rev.3.1_03
S-24C08CH ABLIC-S-24C08CH Datasheet
528Kb / 38P
   FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
Rev.3.0_01_H
S-24C16CH ABLIC-S-24C16CH Datasheet
523Kb / 38P
   FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
Rev.3.0_01_H
S-24C128CH ABLIC-S-24C128CH Datasheet
502Kb / 35P
   FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
Rev.2.1_03_H
logo
Seiko Instruments Inc
S-93A46B SII-S-93A46B Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S93C86B-H SII-S93C86B-H Datasheet
1Mb / 28P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com