Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER306GR Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # HER306GR
Description  Voltage 50 ~ 1000 V 3Amp Glass Passivated High Efficiency Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

HER306GR Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  HER306GR Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH HER306GR Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
HER301GR ~ HER307GR
Voltage 50 ~ 1000 V
3Amp Glass Passivated High Efficiency Rectifiers
18-Nov-2015 Rev. A
Page 2 of 2
RATINGS AND CHARACTERISTIC CURVES


Similar Part No. - HER306GR

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
HER306G JGD-HER306G Datasheet
171Kb / 2P
   3.0 AMPS. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
HER306G YFWDIODE-HER306G Datasheet
434Kb / 3P
   High Efficiency Silicon Rectifiers
logo
Weitron Technology
HER306G WEITRON-HER306G Datasheet
218Kb / 2P
   High Efficiency Rectifier Glass Passivation Junction
logo
Jinan Jing Heng Electro...
HER306G JINGHENG-HER306G Datasheet
63Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
GOOD-ARK Electronics
HER306G GOOD-ARK-HER306G Datasheet
64Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
More results

Similar Description - HER306GR

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
HER501GR SECOS-HER501GR Datasheet
264Kb / 2P
   Voltage 50 ~ 1000 V 5Amp Glass Passivated High Efficiency Rectifiers
GBP4005G SECOS-GBP4005G Datasheet
364Kb / 2P
   VOLTAGE 50 ~ 1000 V, 4.0AMP Glass Passivated Bridge Rectifiers
FR601G SECOS-FR601G Datasheet
244Kb / 2P
   Voltage 50 ~ 1000 V 6.0Amp Glass Passivated Fast Recovery Rectifiers
GBL2005 SECOS-GBL2005 Datasheet
230Kb / 2P
   Voltage 50 V ~ 1000 V 2.0 Amp Glass Passivated Bridge Rectifiers
SEF101JD SECOS-SEF101JD Datasheet
133Kb / 2P
   Voltage 50 ~ 1000 V 1.0 Amp High Efficiency Recovery Rectifiers
SEF201JD SECOS-SEF201JD Datasheet
208Kb / 2P
   Voltage 50 ~ 1000 V 2.0 Amp High Efficiency Recovery Rectifiers
SEF101AM SECOS-SEF101AM Datasheet
168Kb / 2P
   Voltage 50 ~ 1000 V 1.0 Amp High Efficiency Recovery Rectifiers
SEF201AM SECOS-SEF201AM Datasheet
169Kb / 2P
   Voltage 50 ~ 1000 V 2.0 Amp High Efficiency Recovery Rectifiers
SEF101FL SECOS-SEF101FL Datasheet
390Kb / 2P
   Voltage 50 ~ 1000 V 1.0 Amp High Efficiency Recovery Rectifiers
SEF301AM SECOS-SEF301AM Datasheet
168Kb / 2P
   Voltage 50 ~ 1000 V 3.0 Amp High Efficiency Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com