Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0701070011 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0701070011
Description  SL Wire-to-Wire Crimp Housing, Single Row, Version A, without Mounting Ears, 12
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0701070011 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0701070011_17 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 08/29/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0701070011
Status:
Active
Overview:
SL™ Modular Connectors
Description:
SL™ Wire-to-Wire Crimp Housing, Single Row, Version A, without Mounting Ears, 12
Circuits
Documents:
3D Model
Product Specification TS-70541-001-001 (PDF)
Drawing (PDF)
Packaging Specification PK-70107-100 (PDF)
Product Specification PS-70400-001 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
70107
Application
Signal, Wire-to-Wire
Comments
Version A without Mounting Ears
Overview
SL™ Modular Connectors
Product Name
SL™
UPC
800753680982
Physical
Circuits (maximum)
12
Color - Resin
Black
Flammability
94V-0
Gender
Plug
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Resin
Polyester
Net Weight
2.120/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
2.54mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-70107-100
Product Specification
PS-70400-001, TS-70541-001-001
Sales Drawing
SD-70107-0001-0024
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
70107 Series
Mates With
70066 SL™ Crimp Housing A, G and D
(Notes: Version C and H will not mate
to the 70107 housing series), 70400
SL™ Insulation Displacement Connector
Assembly, Version G Housing, 70430 SL™
Single Row Receptacle, Version G
Use With
70021 SL™ Crimp Terminal
This document was generated on 08/29/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0701070011_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0701070011 MOLEX1-0701070011_18 Datasheet
44Kb / 1P
   SL Wire-to-Wire Crimp Housing, Single Row, Version A, without Mounting Ears
More results

Similar Description - 0701070011_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0701070014 MOLEX1-0701070014_18 Datasheet
44Kb / 1P
   SL Wire-to-Wire Crimp Housing, Single Row, Version A, without Mounting Ears
0701070024 MOLEX1-0701070024_18 Datasheet
44Kb / 1P
   SL Wire-to-Wire Crimp Housing, Single Row, Version A, without Mounting Ears
0701070015 MOLEX1-0701070015_18 Datasheet
44Kb / 1P
   SL Wire-to-Wire Crimp Housing, Single Row, Version A, without Mounting Ears
0701070007 MOLEX1-0701070007_18 Datasheet
44Kb / 1P
   SL Wire-to-Wire Crimp Housing, Single Row, Version A, without Mounting Ears
0701070006 MOLEX1-0701070006_18 Datasheet
44Kb / 1P
   SL Wire-to-Wire Crimp Housing, Single Row, Version A, without Mounting Ears
0701070012 MOLEX1-0701070012_18 Datasheet
44Kb / 1P
   SL Wire-to-Wire Crimp Housing, Single Row, Version A, without Mounting Ears
0701070013 MOLEX1-0701070013_18 Datasheet
44Kb / 1P
   SL Wire-to-Wire Crimp Housing, Single Row, Version A, without Mounting Ears
0701070023 MOLEX1-0701070023_18 Datasheet
44Kb / 1P
   SL Wire-to-Wire Crimp Housing, Single Row, Version A, without Mounting Ears
0701070009 MOLEX1-0701070009_18 Datasheet
44Kb / 1P
   SL Wire-to-Wire Crimp Housing, Single Row, Version A, without Mounting Ears
0701070019 MOLEX1-0701070019_18 Datasheet
44Kb / 1P
   SL Wire-to-Wire Crimp Housing, Single Row, Version A, without Mounting Ears
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com