Electronic Components Datasheet Search |
|
S-13A1C24-A6T1U3 Datasheet(PDF) 6 Page - Seiko Instruments Inc |
|
S-13A1C24-A6T1U3 Datasheet(HTML) 6 Page - Seiko Instruments Inc |
6 / 74 page HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR S-13A1 Series Rev.2.1_00 6 Product Name Structure Users can select the product type, output voltage, and package type for the S-13A1 Series. Refer to "1. Product name" regarding the contents of product name, "2. Function list of product type" regarding the product type, "3. Packages" regarding the package drawings, "4. Product name list" regarding details of the product name. 1. Product name 1. 1 HSOP-8A, HSOP-6, SOT-89-5 S-13A1 x xx - xxxx U 3 Product type *3 A to D Package abbreviation and IC packing specifications *1 E8T1: HSOP-8A, Tape E6T1: HSOP-6, Tape U5T1: SOT-89-5, Tape Output voltage *2 00: Externally set 10 to 35: Internally set (e.g., when the output voltage is 1.0 V, it is expressed as 10.) Environmental code U: Lead-free (Sn 100%), halogen-free *1. Refer to the tape drawing. *2. If you request the product which has 0.05 V step, contact our sales office. *3. Refer to "2. Function list of product type". 1. 2 HSNT-6A S-13A1 x xx - A6T1 U 3 Product type *4 A to D Package abbreviation and IC packing specifications *1 A6T1: HSNT-6A, Tape Output voltage *2 10 to 35: Internally set *3 (e.g., when the output voltage is 1.0 V, it is expressed as 10.) Environmental code U: Lead-free (Sn 100%), halogen-free *1. Refer to the tape drawing. *2. If you request the product which has 0.05 V step, contact our sales office. *3. Types in which output voltage is externally set are unavailable. *4. Refer to "2. Function list of product type". |
Similar Part No. - S-13A1C24-A6T1U3 |
|
Similar Description - S-13A1C24-A6T1U3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |