Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM8971L Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8971L
Description  STEREO CODEC FOR PORTABLE AUDIO APPLLICATIONS
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8971L Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8971L Datasheet HTML 2Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 3Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 4Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 5Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 6Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 7Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 8Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 9Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
WM8971L
Advanced Information
w
AI Rev 3.0 March 2004
6
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously
operating at or beyond these limits. Device functional operating limits and guaranteed performance specifications are given
under Electrical Characteristics at the test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
Wolfson tests its package types according to IPC/JEDEC J-STD-020B for Moisture Sensitivity to determine acceptable storage
conditions prior to surface mount assembly. These levels are:
MSL1 = unlimited floor life at <30
°C / 85% Relative Humidity. Not normally stored in moisture barrier bag.
MSL2 = out of bag storage for 1 year at <30
°C / 60% Relative Humidity. Supplied in moisture barrier bag.
MSL3 = out of bag storage for 168 hours at <30
°C / 60% Relative Humidity. Supplied in moisture barrier bag.
The Moisture Sensitivity Level for each package type is specified in Ordering Information.
CONDITION
MIN
MAX
Supply voltages
-0.3V
+3.63V
Voltage range digital inputs
DGND -0.3V
DBVDD +0.3V
Voltage range analogue inputs
AGND -0.3V
AVDD +0.3V
Operating temperature range, TA
-25
°C
+85
°C
Storage temperature after soldering
-65
°C
+150
°C
Notes
1.
Analogue and digital grounds must always be within 0.3V of each other.
2.
All digital and analogue supplies are completely independent from each other.
3.
DCVDD must be less than or equal to AVDD and DBVDD.
RECOMMENDED OPERATION CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Digital supply range (Core)
DCVDD
1.42
2.0
3.6
V
Digital supply range (Buffer)
DBVDD
1.8
2.0
3.6
V
Analogue supplies range
AVDD, HPVDD
1.8
2.0
3.6
V
Ground
DGND,AGND, HPGND
0
V


Similar Part No. - WM8971L

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8971L WOLFSON-WM8971L Datasheet
763Kb / 61P
   Stereo CODEC for Portable Audio Applications
WM8971LGEFL WOLFSON-WM8971LGEFL Datasheet
763Kb / 61P
   Stereo CODEC for Portable Audio Applications
WM8971LGEFL/R WOLFSON-WM8971LGEFL/R Datasheet
763Kb / 61P
   Stereo CODEC for Portable Audio Applications
WM8971L WOLFSON-WM8971L_05 Datasheet
763Kb / 61P
   Stereo CODEC for Portable Audio Applications
More results

Similar Description - WM8971L

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8973 WOLFSON-WM8973_05 Datasheet
754Kb / 61P
   Stereo CODEC for Portable Audio Applications
WM8750 WOLFSON-WM8750 Datasheet
773Kb / 60P
   Stereo CODEC for Portable Audio Applications
WM8750L WOLFSON-WM8750L_05 Datasheet
757Kb / 62P
   Stereo CODEC for Portable Audio Applications
WM8750L WOLFSON-WM8750L_12 Datasheet
733Kb / 65P
   Stereo CODEC for Portable Audio Applications
WM8987L WOLFSON-WM8987L Datasheet
739Kb / 58P
   Stereo CODEC for Portable Audio Applications
WM8750BL WOLFSON-WM8750BL_12 Datasheet
773Kb / 60P
   Stereo CODEC for Portable Audio Applications
WM8750L WOLFSON-WM8750L Datasheet
661Kb / 56P
   STEREO CODEC FOR PORTABLE AUDIO APPLICATIONS
WM8987 WOLFSON-WM8987 Datasheet
821Kb / 59P
   Stereo CODEC for Portable Audio Applications
WM8750BL WOLFSON-WM8750BL Datasheet
731Kb / 59P
   Stereo CODEC for Portable Audio Applications
WM8988 WOLFSON-WM8988 Datasheet
584Kb / 56P
   Stereo CODEC for Portable Audio Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com