Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0050579503 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0050579503
Description  SL Crimp Housing, Single Row, Version H, Polarized Friction Lock, 3 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0050579503 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0050579503_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0050579503_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 07/31/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0050579503
Status:
Active
Overview:
SL™ Modular Connectors
Description:
SL™ Crimp Housing, Single Row, Version H, Polarized Friction Lock, 3 Circuits
Documents:
3D Model
Product Specification PS-71851-001 (PDF)
Drawing (PDF)
Product Specification TS-70058-001-001 (PDF)
Product Specification PS-70058-001 (PDF)
Packaging Specification PK-70066-100 (PDF)
Product Specification PS-70400-001 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
70066
Application
Signal, Wire-to-Board
Comments
Version H
Overview
SL™ Modular Connectors
Product Name
SL™
UPC
800754381161
Physical
Circuits (maximum)
3
Color - Resin
Black
Flammability
94V-0
Gender
Receptacle
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Polyester Alloy
Net Weight
0.229/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
2.54mm
Stackable
Yes
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
3.0A
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Engineering Number
70066-0212
Reference - Drawing Numbers
Packaging Specification
PK-70066-100
Product Specification
PS-70058-001, PS-70400-001, PS-71851-001,
TS-70058-001-001
Sales Drawing
SD-70066-0211-0234
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
70066 Series
Mates With
6373 Straight Header, 7478 , 171856 ,
171857
Use With
SL™ Crimp Terminal 70058 , 71851
This document was generated on 07/31/2017


Similar Part No. - 0050579503_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0050579503 MOLEX3-0050579503 Datasheet
124Kb / 2P
   2.54mm (.100") Pitch SL Crimp Housing, Single Row, Version H, Polarized Friction Lock, 3 Circuits
More results

Similar Description - 0050579503_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
50-57-9503 MOLEX11-50-57-9503 Datasheet
48Kb / 1P
   SL??Crimp Housing, Single Row, Version H, Polarized Friction Lock, 3 Circuits
50-57-9520 MOLEX11-50-57-9520 Datasheet
48Kb / 1P
   SL??Crimp Housing, Single Row, Version H, Polarized Friction Lock, 20 Circuits
50-57-9524 MOLEX11-50-57-9524 Datasheet
48Kb / 1P
   SL??Crimp Housing, Single Row, Version H, Polarized Friction Lock, 24 Circuits
50-57-9514 MOLEX11-50-57-9514 Datasheet
48Kb / 1P
   SL??Crimp Housing, Single Row, Version H, Polarized Friction Lock, 14 Circuits
50-57-9515 MOLEX11-50-57-9515 Datasheet
48Kb / 1P
   SL??Crimp Housing, Single Row, Version H, Polarized Friction Lock, 15 Circuits
0050579515 MOLEX1-0050579515_17 Datasheet
43Kb / 2P
   SL Crimp Housing, Single Row, Version H, Polarized Friction Lock, 15 Circuits
0050579522 MOLEX1-0050579522_17 Datasheet
43Kb / 2P
   SL Crimp Housing, Single Row, Version H, Polarized Friction Lock, 22 Circuits
0050579514 MOLEX1-0050579514_17 Datasheet
43Kb / 2P
   SL Crimp Housing, Single Row, Version H, Polarized Friction Lock, 14 Circuits
0050579519 MOLEX1-0050579519_17 Datasheet
43Kb / 2P
   SL Crimp Housing, Single Row, Version H, Polarized Friction Lock, 19 Circuits
0050579523 MOLEX1-0050579523_17 Datasheet
43Kb / 2P
   SL Crimp Housing, Single Row, Version H, Polarized Friction Lock, 23 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com