Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16235STRD Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # 16235STRD
Description  PACIFIC DISPLAY DEVICES
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

16235STRD Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 16235STRD Datasheet HTML 7Page - List of Unclassifed Manufacturers 16235STRD Datasheet HTML 8Page - List of Unclassifed Manufacturers 16235STRD Datasheet HTML 9Page - List of Unclassifed Manufacturers 16235STRD Datasheet HTML 10Page - List of Unclassifed Manufacturers 16235STRD Datasheet HTML 11Page - List of Unclassifed Manufacturers 16235STRD Datasheet HTML 12Page - List of Unclassifed Manufacturers 16235STRD Datasheet HTML 13Page - List of Unclassifed Manufacturers 16235STRD Datasheet HTML 14Page - List of Unclassifed Manufacturers 16235STRD Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 16235
PACIFIC DISPLAY DEVICES
07.01.2003
11
3. OPERATING PRINCIPALS AND METHODES
• Control and Display Command
Command
RS
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Exe Time
f=250khz
Remark
Display Clear
L
L
L
L
L
L
L
L
L
H
1.64ms
Return Home
L
L
L
L
L
L
L
L
H
X
1.64ms
Cursor move to first digit
Entry Mode Set
L
L
L
L
L
L
L
H
I/D
SH
42
µs
• I/D : Set cursor move direction
• SH : Specifies shift of display
Display On/Off
L
L
L
L
L
L
H
D
C
B
42
µs
• Display
• Cursor
• Blinking
Shift
L
L
L
L
L
H
S/C
R/L
X
X
42
µs
Set Function
L
L
L
L
H
DL
N
F
X
X
42
µs
Set Cg Ram Address
L
L
L
H
CG RAM address
(corresponds to cursor address)
42
µs
CG RAM Data is sent and
received after this setting
Set Dd Ram
Address
L
L
H
DD RAM address
42
µs
DD RAM Data is sent and
received after this setting
Read Busy Flag &
Address
L
H
BF
Address Counter used for
both DD & CG RAM address
0
µs
− Reads BF indication internal
operating is being performed
− Reads addr counter contents
Write Data
H
L
Write Data
46
µs
Write data into DD or CG RAM
Read Data
H
H
Read Data
46
µs
Read data from DD or CG RAM
X : Don’t care
H Busy
BF
L
Ready
H 5 X 10 dots
F
L
5 X 7 dots
H 2 line display
N
L
1 line display
H 8 bits interface
DL
L
4 bits interface
H Display shift
S/C
L
Cursor move
H Right shift
R/L
L
Left shift
H Blinking on
B
L
Blinking off
H Cursor on
C
L
Cursor off
H Display on
D
L
Display off
H Increase
I/D
L
Decrease
H Display is shifted
SH
L
Display is not
shifted


Similar Part No. - 16235STRD

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
1623502 TURCK-1623502 Datasheet
342Kb / 2P
   Inductive Sensor
11/07/2023
1623503 TURCK-1623503 Datasheet
388Kb / 3P
   Inductive Sensor
11/07/2023
logo
PHOENIX CONTACT
1623506 PHOENIX-1623506 Datasheet
451Kb / 10P
   AC charging cable - EV-T2G3PC-1AC20A-4,0M2,5ESBK01
1623508 PHOENIX-1623508 Datasheet
450Kb / 9P
   AC charging cable - EV-T2G3PC-3AC20A-4,0M2,5ESBK01
1623509 PHOENIX-1623509 Datasheet
162Kb / 9P
   AC charging cable - EV-T2G3PC-3AC32A-4,0M6,0ESBK01
09/11/2020
More results

Similar Description - 16235STRD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
24064-02 ETC2-24064-02 Datasheet
504Kb / 31P
   PACIFIC DISPLAY DEVICES LCD Component Data Sheet
logo
Powertip Technology
PG9732LR-CE3-H POWERTIP-PG9732LR-CE3-H Datasheet
162Kb / 9P
   DISPLAY DEVICES
logo
OSRAM GmbH
HSDP2110S OSRAM-HSDP2110S Datasheet
977Kb / 16P
   Alphanumeric Intelligent Display Devices
logo
Powertip Technology
PC2004LRS-BSO-B POWERTIP-PC2004LRS-BSO-B Datasheet
130Kb / 10P
   DISPLAY DEVICES FOR BETTER ELECYRONOC DESIGN
logo
Advanced Analogic Techn...
AAT2833 ANALOGICTECH-AAT2833 Datasheet
474Kb / 20P
   240mA Total Display Solution for Portable Devices
logo
AverLogic Technologies ...
AL330B AVERLOGIC-AL330B Datasheet
2Mb / 2P
   Integrated Video SOC for Digital Display Devices
logo
SiGe Semiconductor, Inc...
AATIAN49 SIGE-AATIAN49 Datasheet
155Kb / 5P
   800mA Total Display Solution for Portable Devices
logo
Advanced Analogic Techn...
AAT2830 ANALOGICTECH-AAT2830 Datasheet
540Kb / 21P
   800mA Total Display Solution for Portable Devices
logo
OSRAM GmbH
DLR1414 OSRAM-DLR1414 Datasheet
467Kb / 10P
   Alphanumeric Intelligent Display Devices with Memory/Decoder/Driver
logo
Rohm
BA13002F ROHM-BA13002F Datasheet
152Kb / 8P
   Interface Driver for microcomputer peripheral and display devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com