Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS81302Q20AGD-500I Datasheet(PDF) 1 Page - GSI Technology

Part # GS81302Q20AGD-500I
Description  JEDEC-standard pinout and package
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81302Q20AGD-500I Datasheet(HTML) 1 Page - GSI Technology

  GS81302Q20AGD-500I Datasheet HTML 1Page - GSI Technology GS81302Q20AGD-500I Datasheet HTML 2Page - GSI Technology GS81302Q20AGD-500I Datasheet HTML 3Page - GSI Technology GS81302Q20AGD-500I Datasheet HTML 4Page - GSI Technology GS81302Q20AGD-500I Datasheet HTML 5Page - GSI Technology GS81302Q20AGD-500I Datasheet HTML 6Page - GSI Technology GS81302Q20AGD-500I Datasheet HTML 7Page - GSI Technology GS81302Q20AGD-500I Datasheet HTML 8Page - GSI Technology GS81302Q20AGD-500I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Preliminary
GS81302Q20/38AGD-500/450/400
144Mb SigmaQuad-II+TM
Burst of 2 SRAM
500 MHz–400 MHz
1.8 V VDD
1.8 V and 1.5 V I/O
165-Bump BGA
Commercial Temp
Industrial Temp
Rev: 1.00a 5/2017
1/24
© 2017, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Features
• 2.5 clock Latency
• Simultaneous Read and Write SigmaQuad™ Interface
• JEDEC-standard pinout and package
• Dual Double Data Rate interface
• Byte Write controls sampled at data-in time
• On-Die Termination (ODT) on Data (D), Byte Write (BW),
and Clock (K, K) inputs
• Burst of 2 Read and Write
• 1.8 V +100/–100 mV core power supply
• 1.5 V or 1.8 V HSTL Interface
• Pipelined read operation
• Fully coherent read and write pipelines
• ZQ pin for programmable output drive strength
• Data Valid Pin (QVLD) Support
• IEEE 1149.1 JTAG-compliant Boundary Scan
• RoHS-compliant 165-bump, 15 mm x 17 mm, 1 mm bump
pitch BGA package
SigmaQuad™ Family Overview
The GS81302Q20/38AGD are built in compliance with the
SigmaQuad-II+ SRAM pinout standard for Separate I/O
synchronous SRAMs. They are 150,994,944-bit (144Mb)
SRAMs. The GS81302Q20/38AGD SigmaQuad SRAMs are
just one element in a family of low power, low voltage HSTL
I/O SRAMs designed to operate at the speeds needed to
implement economical high performance networking systems.
Clocking and Addressing Schemes
The GS81302Q20/38AGD SigmaQuad-II+ SRAMs are
synchronous devices. They employ two input register clock
inputs, K and K. K and K are independent single-ended clock
inputs, not differential inputs to a single differential clock input
buffer.
Each internal read and write operation in a SigmaQuad-II+ B2
RAM is two times wider than the device I/O bus. An input data
bus de-multiplexer is used to accumulate incoming data before
it is simultaneously written to the memory array. An output
data multiplexer is used to capture the data produced from a
single memory array read and then route it to the appropriate
output drivers as needed. Therefore the address field of a
SigmaQuad-II+ B2 RAM is always one address pin less than
the advertised index depth (e.g., the 16M x 8 has an 8M
addressable index).
Parameter Synopsis
-500
-450
-400
tKHKH
2.0 ns
2.2 ns
2.5 ns
tKHQV
0.45 ns
0.45 ns
0.45 ns


Similar Part No. - GS81302Q20AGD-500I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS81302Q20AGD-450 GSI-GS81302Q20AGD-450 Datasheet
422Kb / 24P
   JEDEC-standard pinout and package
More results

Similar Description - GS81302Q20AGD-500I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8342DT38BD-550 GSI-GS8342DT38BD-550 Datasheet
524Kb / 30P
   JEDEC-standard pinout and package
GS8342QT37BD-300I GSI-GS8342QT37BD-300I Datasheet
503Kb / 29P
   JEDEC-standard pinout and package
GS8662Q37BD-333I GSI-GS8662Q37BD-333I Datasheet
502Kb / 28P
   JEDEC-standard pinout and package
GS8662QT19BGD-357 GSI-GS8662QT19BGD-357 Datasheet
501Kb / 28P
   JEDEC-standard pinout and package
GS81302DT10GE-350 GSI-GS81302DT10GE-350 Datasheet
513Kb / 30P
   JEDEC-standard pinout and package
GS82582D37GE-400I GSI-GS82582D37GE-400I Datasheet
443Kb / 26P
   JEDEC-standard pinout and package
GS81302DT10E-350I GSI-GS81302DT10E-350I Datasheet
513Kb / 30P
   JEDEC-standard pinout and package
GS81302DT37AGD-450 GSI-GS81302DT37AGD-450 Datasheet
436Kb / 25P
   JEDEC-standard pinout and package
GS81302Q10GE-250I GSI-GS81302Q10GE-250I Datasheet
487Kb / 28P
   JEDEC-standard pinout and package
GS82582Q37GE-333I GSI-GS82582Q37GE-333I Datasheet
436Kb / 25P
   JEDEC-standard pinout and package
GS8182D19BGD-333I GSI-GS8182D19BGD-333I Datasheet
554Kb / 27P
   JEDEC-standard pinout and package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com