Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S89713 Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S89713
Description  MINI ANALOG SERIES LOW INPUT OFFSET VOLTAGE CMOS OPERATIONAL AMPLIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S89713 Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S89713 Datasheet HTML 3Page - Seiko Instruments Inc S89713 Datasheet HTML 4Page - Seiko Instruments Inc S89713 Datasheet HTML 5Page - Seiko Instruments Inc S89713 Datasheet HTML 6Page - Seiko Instruments Inc S89713 Datasheet HTML 7Page - Seiko Instruments Inc S89713 Datasheet HTML 8Page - Seiko Instruments Inc S89713 Datasheet HTML 9Page - Seiko Instruments Inc S89713 Datasheet HTML 10Page - Seiko Instruments Inc S89713 Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
MINI ANALOG SERIES LOW INPUT OFFSET VOLTAGE CMOS OPERATIONAL AMPLIFIER
Rev.3.4_00
S-89713 Series
7
Test Circuits (Per circuit)
1. Power supply voltage rejection ratio, input offset voltage
VOUT
RF
RS
RS
RF
+
VCMR = VDD / 2
VDD
+
VDDN
VSSN
NULL
D.U.T
CF
CF
• Power supply voltage rejection ratio (PSRR)
The power supply voltage rejection ratio (PSRR) can be
calculated by the following expression, with VOUT measured at
each VDD.
Test conditions:
VDD = 2.65 V: VDD = VDD1, VOUT = VOUT1
VDD = 5.5 V: VDD = VDD2, VOUT = VOUT2
PSRR = 20 log
VDD1
− VDD2


VOUT1
VDD1
2


VOUT2
VDD2
2
×
RF
+ RS
RS
• Input offset voltage (VIO)
VIO = 

VOUT
VDD
2
×
RS
RF
+ RS
Figure 5 Test Circuit 1
2. Common-mode input signal rejection ratio, common-mode input voltage range
VOUT
RF
RS
RS
RF
+
VIN
VDD
+
VDDN
VSSN
D.U.T
CF
CF
NULL
VM = VDD / 2
• Common-mode input signal rejection ratio (CMRR)
The common-mode input signal rejection ratio (CMRR) can be
calculated by the following expression, with VOUT measured at
each VIN.
Test conditions:
VIN = VCMR Max.: VIN = VIN1, VOUT = VOUT1
VIN = VCMR Min.: VIN = VIN2, VOUT = VOUT2
CMRR = 20 log
VIN1
− VIN2
(VOUT1
− VIN1) − (VOUT2 − VIN2) ×
RF
+ RS
RS
• Common-mode input voltage range (VCMR)
The common-mode input voltage range is the range of VIN in
which VOUT satisfies the common-mode input signal rejection
ratio specifications.
Figure 6 Test Circuit 2


Similar Part No. - S89713

ManufacturerPart #DatasheetDescription
logo
EPCOS
S891 EPCOS-S891 Datasheet
533Kb / 26P
   NTC thermistors for temperature measurement
logo
Seiko Instruments Inc
S89110 SII-S89110 Datasheet
1Mb / 34P
   MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
S89130 SII-S89130 Datasheet
1Mb / 26P
   MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
S89210 SII-S89210 Datasheet
1Mb / 20P
   MINI ANALOG SERIES CMOS COMPARATOR
S89230 SII-S89230 Datasheet
1Mb / 24P
   MINI ANALOG SERIES CMOS COMPARATOR
More results

Similar Description - S89713

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-89713B SII-S-89713B Datasheet
952Kb / 23P
   MINI ANALOG SERIES LOW INPUT OFFSET VOLTAGE CMOS OPERATIONAL AMPLIFIER
S-19611AB0H-K8T2U SII-S-19611AB0H-K8T2U Datasheet
1Mb / 20P
   LOW INPUT OFFSET VOLTAGE CMOS OPERATIONAL AMPLIFIER
logo
Rohm
LMR1802G-LB ROHM-LMR1802G-LB Datasheet
1Mb / 23P
   Low Noise, Low Input Offset Voltage CMOS Operational Amplifier
LMR1803YG-C ROHM-LMR1803YG-C Datasheet
1Mb / 22P
   Automotive Low Noise Low Input Offset Voltage Precision CMOS Operational Amplifier
27.Apr.2022 Rev.001
logo
Seiko Instruments Inc
S-89110A SII-S-89110A Datasheet
457Kb / 18P
   MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
S89110 SII-S89110 Datasheet
1Mb / 34P
   MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
S89130 SII-S89130 Datasheet
1Mb / 26P
   MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJU7071 NJRC-NJU7071 Datasheet
82Kb / 4P
   LOW INPUT OFFSET VOLTAGE C-MOS OPERATIONAL AMPLIFIER???????
NJU7071 NJRC-NJU7071_03 Datasheet
103Kb / 3P
   LOW INPUT OFFSET VOLTAGE C-MOS OPERATIONAL AMPLIFIER
NJU7051 NJRC-NJU7051 Datasheet
164Kb / 4P
   LOW INPUT OFFSET VOLTAGE C-MOS OPERATIONAL AMPLIFIER??????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com