Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S89230 Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S89230
Description  MINI ANALOG SERIES CMOS COMPARATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S89230 Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S89230 Datasheet HTML 7Page - Seiko Instruments Inc S89230 Datasheet HTML 8Page - Seiko Instruments Inc S89230 Datasheet HTML 9Page - Seiko Instruments Inc S89230 Datasheet HTML 10Page - Seiko Instruments Inc S89230 Datasheet HTML 11Page - Seiko Instruments Inc S89230 Datasheet HTML 12Page - Seiko Instruments Inc S89230 Datasheet HTML 13Page - Seiko Instruments Inc S89230 Datasheet HTML 14Page - Seiko Instruments Inc S89230 Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
MINI ANALOG SERIES CMOS COMPARATOR
Rev.3.0_01
S-89230/89240 Series
11
5. Current consumption
+
VOUT
VDD
VIN1
VIN2
A
• Current consumption (IDD)
Test conditions:
VIN = VSS
VIN = VCMR Max.
Figure 9
6. Source current
+
VDD
VIN1
VIN2
A
VOUT
Figure 10
• Source current (ISOURCE)
Test conditions:
VOUT = 0 V
V
0.5
2
V
V
DD
IN1
=
V
0.5
2
V
V
DD
IN2
=
+
7. Sink current
+
VDD
VIN1
VIN2
A
VOUT
Figure 11
• Sink current (ISINK)
Test conditions:
VOUT = 0.5 V
V
0.5
2
V
V
DD
IN1
=
+
V
0.5
2
V
V
DD
IN2
=


Similar Part No. - S89230

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S89210 SII-S89210 Datasheet
1Mb / 20P
   MINI ANALOG SERIES CMOS COMPARATOR
More results

Similar Description - S89230

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S89210 SII-S89210 Datasheet
1Mb / 20P
   MINI ANALOG SERIES CMOS COMPARATOR
S-89210A SII-S-89210A Datasheet
411Kb / 18P
   MINI ANALOG SERIES CMOS COMPARATOR
S89530A SII-S89530A Datasheet
981Kb / 16P
   MINI ANALOG SERIES 0.7 uA Rail-to-Rail CMOS COMPARATOR
S-89530A SII-S-89530A Datasheet
270Kb / 16P
   MINI ANALOG SERIES 0.7 關A Rail-to-Rail CMOS COMPARATOR
S-89110A SII-S-89110A Datasheet
457Kb / 18P
   MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
S89110 SII-S89110 Datasheet
1Mb / 34P
   MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
S89130 SII-S89130 Datasheet
1Mb / 26P
   MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
logo
Advanced Linear Devices
ALD2321A ALD-ALD2321A Datasheet
61Kb / 8P
   ULTRA LOW VOS EPAD DUAL CMOS ANALOG VOLTAGE COMPARATOR
ALD2321 ALD-ALD2321_10 Datasheet
96Kb / 11P
   ULTRA LOW VOS EPAD짰 DUAL CMOS ANALOG VOLTAGE COMPARATOR
logo
Seiko Instruments Inc
S-19610AB0A-K8T2U SII-S-19610AB0A-K8T2U Datasheet
1Mb / 18P
   MINI ANALOG SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com