Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-35730C01A-K8T2U Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-35730C01A-K8T2U
Description  FOR AUTOMOTIVE 125째C OPERATION CLOCK PULSE OUTPUT WITH FREQUENCY SETTING PIN CONVENIENCE TIMER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-35730C01A-K8T2U Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-35730C01A-K8T2U Datasheet HTML 4Page - Seiko Instruments Inc S-35730C01A-K8T2U Datasheet HTML 5Page - Seiko Instruments Inc S-35730C01A-K8T2U Datasheet HTML 6Page - Seiko Instruments Inc S-35730C01A-K8T2U Datasheet HTML 7Page - Seiko Instruments Inc S-35730C01A-K8T2U Datasheet HTML 8Page - Seiko Instruments Inc S-35730C01A-K8T2U Datasheet HTML 9Page - Seiko Instruments Inc S-35730C01A-K8T2U Datasheet HTML 10Page - Seiko Instruments Inc S-35730C01A-K8T2U Datasheet HTML 11Page - Seiko Instruments Inc S-35730C01A-K8T2U Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
FOR AUTOMOTIVE 125°C OPERATION CLOCK PULSE OUTPUT WITH FREQUENCY SETTING PIN CONVENIENCE TIMER
S-35730 Series
Rev.1.1_00
8
DC Electrical Characteristics
Table 7
(Ta =
−40°C to +125°C, VSS = 0 V unless otherwise specified)
(Crystal oscillator (NX3215SA, CL = 6.0 pF) manufactured by Nihon Dempa Kogyo Co., Ltd.)
Item
Symbol
Applied Pin
Condition
Min.
Typ.
Max.
Unit
Current
consumption 1
IDD1
VDD = 3.0 V,
Ta =
−40°C to +85°C,
ENBL pin = VSS,
FOUT pin = no load
1.7
3.0
μA
VDD = 3.0 V, Ta =
+125°C,
ENBL pin = VSS,
FOUT pin = no load
2.7
4.5
μA
Current
consumption 2
IDD2
VDD = 3.0 V,
Ta =
−40°C to +85°C,
ENBL pin = VDD,
FOUT pin output = 32.768 kHz,
FOUT pin = no load
*1
0.7
0.85
μA
VDD = 3.0 V, Ta =
+125°C,
ENBL pin = VDD,
FOUT pin output = 32.768 kHz,
FOUT pin = no load
*1
1.2
1.9
μA
VDD = 3.0 V,
Ta =
−40°C to +85°C,
ENBL pin = VDD,
FOUT pin output = 32.768 kHz,
FOUT pin = no load
*2
4.0
6.0
μA
VDD = 3.0 V, Ta =
+125°C,
ENBL pin = VDD,
FOUT pin output = 32.768 kHz,
FOUT pin = no load
*2
4.5
7.0
μA
High level input
leakage current
IIZH
SET0, SET1,
ENBL
VIN = VDD
−0.5
0.5
μA
Low level input
leakage current
IIZL
SET0, SET1,
ENBL
VIN = VSS
−0.5
0.5
μA
High level output
leakage current
IOZH
FOUT
*2
VOUT = VDD
−0.5
0.5
μA
Low level output
leakage current
IOZL
FOUT
*2
VOUT = VSS
−0.5
0.5
μA
High level input
voltage
VIH
SET0, SET1,
ENBL
0.7
× VDD
VSS
+ 5.5
V
Low level input
voltage
VIL
SET0, SET1,
ENBL
VSS
− 0.3
0.3
× VDD
V
High level output
voltage
*2
VOH
FOUT
IOH =
−0.4 mA
0.8
× VDD
V
Low level output
voltage
VOL
FOUT
IOL = 2.0 mA
0.4
V
*1. When Nch open-drain output is selected.
*2. When CMOS output is selected.


Similar Part No. - S-35730C01A-K8T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-35730C01A-K8T2U SII-S-35730C01A-K8T2U Datasheet
1Mb / 20P
   CONVENIENCE TIMER
More results

Similar Description - S-35730C01A-K8T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S35740 SII-S35740 Datasheet
2Mb / 31P
   FOR AUTOMOTIVE 125째C OPERATION 2-WIRE INTERVAL TIMER CONVENIENCE TIMER
S35770 SII-S35770 Datasheet
2Mb / 26P
   FOR AUTOMOTIVE 125째C OPERATION 2-WIRE COUNTER CONVENIENCE TIMER
S35710M SII-S35710M Datasheet
2Mb / 29P
   FOR AUTOMOTIVE 125째C OPERATION 2-WIRE BUILT-IN QUARTZ CRYSTAL CONVENIENCE TIMER
S25A080A SII-S25A080A Datasheet
518Kb / 33P
   FOR AUTOMOTIVE 125째C OPERATION
S-35770E01A-K8T2U SII-S-35770E01A-K8T2U Datasheet
2Mb / 26P
   CONVENIENCE TIMER
S-35730C01A-K8T2U SII-S-35730C01A-K8T2U Datasheet
1Mb / 20P
   CONVENIENCE TIMER
S19101XXXA SII-S19101XXXA Datasheet
1Mb / 30P
   FOR AUTOMOTIVE 125째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
logo
ABLIC Inc.
S-25A640A ABLIC-S-25A640A Datasheet
516Kb / 32P
   FOR AUTOMOTIVE 125째C OPERATION SPI SERIAL E2PROM
Rev.3.2_02
S-25A080A ABLIC-S-25A080A Datasheet
525Kb / 33P
   FOR AUTOMOTIVE 125째C OPERATION SPI SERIAL E2PROM
Rev.4.2_02
S-25A128B ABLIC-S-25A128B Datasheet
450Kb / 26P
   FOR AUTOMOTIVE 125째C OPERATION SPI SERIAL E2PROM
Rev.1.3_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com