Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S35391A Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S35391A
Description  2-WIRE REAL-TIME CLOCK
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35391A Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S35391A Datasheet HTML 2Page - Seiko Instruments Inc S35391A Datasheet HTML 3Page - Seiko Instruments Inc S35391A Datasheet HTML 4Page - Seiko Instruments Inc S35391A Datasheet HTML 5Page - Seiko Instruments Inc S35391A Datasheet HTML 6Page - Seiko Instruments Inc S35391A Datasheet HTML 7Page - Seiko Instruments Inc S35391A Datasheet HTML 8Page - Seiko Instruments Inc S35391A Datasheet HTML 9Page - Seiko Instruments Inc S35391A Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
2-WIRE REAL-TIME CLOCK
S-35391A
Rev.2.1_02
6
Absolute Maximum Ratings
Table 3
Item
Symbol
Applied Pin
Absolute Maximum Rating
Unit
Power supply voltage
VDD
VSS
− 0.3 to VSS + 6.5
V
Input voltage
VIN
SCL, SDA
VSS
− 0.3 to VSS + 6.5
V
Output voltage
VOUT
SDA, INT1, INT2
VSS
− 0.3 to VSS + 6.5
V
Operating ambient
temperature
*1
Topr
−40 to +85
°C
Storage temperature
Tstg
−55 to +125
°C
*1.
Conditions with no condensation or frost. Condensation or frost causes short-circuiting between pins, resulting in a
malfunction.
Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.
Recommended Operation Conditions
Table 4
(VSS = 0 V)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Power supply voltage
*1
VDD
Ta =
−40°C to +85°C
1.3
3.0
5.5
V
Time keeping power
supply voltage
*2
VDDT
Ta =
−40°C to +85°C
VDET
− 0.15
5.5
V
Crystal oscillator CL value
CL
6
7
pF
*1.
The power supply voltage that allows communication under the conditions shown in Table 9 of " AC Electrical
Characteristics
".
*2.
The power supply voltage that allows time keeping. For the relationship with VDET (low power supply voltage detection
voltage), refer to " Characteristics (Typical Data)".
Oscillation Characteristics
Table 5
(Ta =
+25°C, VDD = 3.0 V, VSS = 0 V, VT-200 crystal oscillator (CL = 6 pF, 32.768 kHz) manufactured by Seiko Instruments Inc.)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Oscillation start voltage
VSTA
Within 10 seconds
1.1
5.5
V
Oscillation start time
tSTA
1
s
IC-to-IC frequency
deviation
*1
δIC
−10
+10
ppm
Frequency voltage
deviation
δV
VDD = 1.3 V to 5.5 V
−3
+3
ppm/V
External capacitance
Cg
Applied to XIN pin
9.1
pF
Internal oscillation
capacitance
Cd
Applied to XOUT pin
8
pF
*1.
Reference value


Similar Part No. - S35391A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S35390A SII-S35390A Datasheet
711Kb / 51P
   FOR AUTOMOTIVE 105C OPERATION
S35390A-H SII-S35390A-H Datasheet
2Mb / 51P
   FOR AUTOMOTIVE 105째C OPERATION 2-WIRE REAL-TIME CLOCK
S35392A SII-S35392A Datasheet
2Mb / 48P
   2-WIRE REAL-TIME CLOCK
S35399A03 SII-S35399A03 Datasheet
3Mb / 54P
   2-WIRE REAL-TIME CLOCK
More results

Similar Description - S35391A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-35390A SII-S-35390A Datasheet
701Kb / 54P
   2-WIRE REAL-TIME CLOCK
S-35392A SII-S-35392A Datasheet
618Kb / 47P
   2-WIRE REAL-TIME CLOCK
S-35399A02 SII-S-35399A02 Datasheet
787Kb / 55P
   2-WIRE REAL-TIME CLOCK
S35399A03 SII-S35399A03 Datasheet
3Mb / 54P
   2-WIRE REAL-TIME CLOCK
S35392A SII-S35392A Datasheet
2Mb / 48P
   2-WIRE REAL-TIME CLOCK
logo
Feature Integration Tec...
F15353 FINTEK-F15353 Datasheet
1,004Kb / 38P
   2-wire Real-time Clock
logo
Seiko Instruments Inc
S-35399A03 SII-S-35399A03 Datasheet
571Kb / 51P
   2-WIRE REAL-TIME CLOCK
logo
Intersil Corporation
X1205 INTERSIL-X1205 Datasheet
331Kb / 22P
   2-Wire RTC Real Time Clock/Calendar
logo
Renesas Technology Corp
X1205 RENESAS-X1205 Datasheet
873Kb / 22P
   2-Wire??RTC Real Time Clock/Calendar
logo
Seiko Instruments Inc
S-35199A01 SII-S-35199A01 Datasheet
594Kb / 54P
   3-WIRE REAL-TIME CLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com