Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-35192A-I8T1U Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-35192A-I8T1U
Description  3-WIRE REAL-TIME CLOCK
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-35192A-I8T1U Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-35192A-I8T1U Datasheet HTML 3Page - Seiko Instruments Inc S-35192A-I8T1U Datasheet HTML 4Page - Seiko Instruments Inc S-35192A-I8T1U Datasheet HTML 5Page - Seiko Instruments Inc S-35192A-I8T1U Datasheet HTML 6Page - Seiko Instruments Inc S-35192A-I8T1U Datasheet HTML 7Page - Seiko Instruments Inc S-35192A-I8T1U Datasheet HTML 8Page - Seiko Instruments Inc S-35192A-I8T1U Datasheet HTML 9Page - Seiko Instruments Inc S-35192A-I8T1U Datasheet HTML 10Page - Seiko Instruments Inc S-35192A-I8T1U Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
3-WIRE REAL-TIME CLOCK
Rev.3.2_02
S-35192A
7
DC Electrical Characteristics
Table 6 DC Characteristics (VDD = 3.0 V)
(Ta
= −40°C to +85°C, VSS = 0 V, VT-200 crystal oscillator (CL = 6 pF, 32.768 kHz, Cg = 9.1 pF) manufactured by Seiko Instruments Inc.)
Item
Symbol
Applied Pin
Condition
Min.
Typ.
Max.
Unit
Current consumption 1
IDD1
Out of communication
0.45
1.13
μA
Current consumption 2
IDD2
During communication
(
SCK = 100 kHz)
3.3
8
μA
Input current leakage 1
IIZH
SCK , SIO
VIN = VDD
−0.5
0.5
μA
Input current leakage 2
IIZL
SCK , SIO
VIN = VSS
−0.5
0.5
μA
Input current 1
IIH1
CS
VIN = VDD
2
6
16
μA
Input current 2
IIH2
CS
VIN = 0.4 V
40
100
300
μA
Input current 3
IIH3
CS
VIN = 1.0 V
215
μA
Output current leakage 1
IOZH
SIO, 32KO
VOUT = VDD
−0.5
0.5
μA
Output current leakage 2
IOZL
SIO, 32KO
VOUT = VSS
−0.5
0.5
μA
Input voltage 1
VIH
CS,
SCK , SIO
0.8
× VDD
VSS
+ 5.5
V
Input voltage 2
VIL
CS,
SCK , SIO
VSS
− 0.3
0.2
× VDD
V
Output current 1
IOL1
32KO
VOUT = 0.4 V
3
5
mA
Output current 2
IOL2
SIO
VOUT = 0.4 V
5
10
mA
Power supply voltage
detection voltage
VDET
0.65
1
1.35
V
Table 7 DC Characteristics (VDD = 5.0 V)
(Ta =
−40°C to +85°C, VSS = 0 V, VT-200 crystal oscillator (CL = 6 pF, 32.768 kHz, Cg = 9.1 pF) manufactured by Seiko Instruments Inc.)
Item
Symbol
Applied Pin
Condition
Min.
Typ.
Max.
Unit
Current consumption 1
IDD1
Out of communication
0.6
1.4
μA
Current consumption 2
IDD2
During communication
(
SCK = 100 kHz)
6
14
μA
Input current leakage 1
IIZH
SCK , SIO
VIN = VDD
−0.5
0.5
μA
Input current leakage 2
IIZL
SCK , SIO
VIN = VSS
−0.5
0.5
μA
Input current 1
IIH1
CS
VIN = VDD
8
16
50
μA
Input current 2
IIH2
CS
VIN = 0.4 V
40
150
350
μA
Input current 3
IIH3
CS
VIN = 2.0V
610
μA
Output current leakage 1
IOZH
SIO, 32KO
VOUT = VDD
−0.5
0.5
μA
Output current leakage 2
IOZL
SIO, 32KO
VOUT = VSS
−0.5
0.5
μA
Input voltage 1
VIH
CS,
SCK , SIO
0.8
× VDD
VSS
+ 5.5
V
Input voltage 2
VIL
CS,
SCK , SIO
VSS
− 0.3
0.2
× VDD
V
Output current 1
IOL1
32KO
VOUT = 0.4 V
5
8
mA
Output current 2
IOL2
SIO
VOUT = 0.4 V
6
13
mA
Power supply voltage
detection voltage
VDET
0.65
1
1.35
V


Similar Part No. - S-35192A-I8T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-35192A-I8T1G SII-S-35192A-I8T1G Datasheet
680Kb / 41P
   3-WIRE REAL-TIME CLOCK
More results

Similar Description - S-35192A-I8T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-35199A01 SII-S-35199A01 Datasheet
594Kb / 54P
   3-WIRE REAL-TIME CLOCK
S-35190A SII-S-35190A Datasheet
783Kb / 53P
   3-WIRE REAL-TIME CLOCK
S-35192A SII-S-35192A Datasheet
680Kb / 41P
   3-WIRE REAL-TIME CLOCK
logo
Holtek Semiconductor In...
HT1382_1105 HOLTEK-HT1382_1105 Datasheet
306Kb / 29P
   I2C/3-Wire Real Time Clock
HT1382 HOLTEK-HT1382 Datasheet
299Kb / 29P
   I2C/3-Wire Real Time Clock
HT1382 HOLTEK-HT1382_14 Datasheet
1Mb / 23P
   I2C/3-Wire Real Time Clock
logo
Pericom Semiconductor C...
PT7C4302 PERICOM-PT7C4302 Datasheet
551Kb / 16P
   Real-time Clock Module (3-wire Interface)
PT7C4302 PERICOM-PT7C4302_15 Datasheet
457Kb / 14P
   Real-time Clock Module (3-wire Interface)
logo
RICOH electronics devic...
R2033K RICOH-R2033K Datasheet
582Kb / 50P
   3 wire interface Real-Time Clock ICs
logo
Seiko Instruments Inc
S-35390A SII-S-35390A Datasheet
701Kb / 54P
   2-WIRE REAL-TIME CLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com