Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-19680BAAH-K8T2U Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S-19680BAAH-K8T2U
Description  FOR AUTOMOTIVE 105째C OPERATION CURRENT MONITOR HIGH SIDE SWITCH
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-19680BAAH-K8T2U Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S-19680BAAH-K8T2U Datasheet HTML 1Page - Seiko Instruments Inc S-19680BAAH-K8T2U Datasheet HTML 2Page - Seiko Instruments Inc S-19680BAAH-K8T2U Datasheet HTML 3Page - Seiko Instruments Inc S-19680BAAH-K8T2U Datasheet HTML 4Page - Seiko Instruments Inc S-19680BAAH-K8T2U Datasheet HTML 5Page - Seiko Instruments Inc S-19680BAAH-K8T2U Datasheet HTML 6Page - Seiko Instruments Inc S-19680BAAH-K8T2U Datasheet HTML 7Page - Seiko Instruments Inc S-19680BAAH-K8T2U Datasheet HTML 8Page - Seiko Instruments Inc S-19680BAAH-K8T2U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
FOR AUTOMOTIVE 105°C OPERATION CURRENT MONITOR HIGH SIDE SWITCH
Rev.1.2_00
S-19680 Series
5
Pin Configuration
1. TMSOP-8
7
6
5
8
2
3
4
1
Top view
Figure 2
Table 5
Pin No.
Symbol
Description
1
VIN
Voltage input pin
2
SENSE
Current sense input pin
3
VDD
IC power supply pin
4
ON / OFF
ON / OFF pin
5
OL
_____
Load open detection signal output pin
6
SC
_____
Load short-circuit detection signal
output pin
7
VSS
GND pin
8
OUT
Voltage output pin


Similar Part No. - S-19680BAAH-K8T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19680BAAH-K8T2U SII-S-19680BAAH-K8T2U Datasheet
3Mb / 27P
   Current consumption during operation
More results

Similar Description - S-19680BAAH-K8T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S24C128C SII-S24C128C Datasheet
502Kb / 35P
   FOR AUTOMOTIVE 105째C OPERATION
S24C32C SII-S24C32C Datasheet
503Kb / 35P
   FOR AUTOMOTIVE 105째C OPERATION
logo
Zetex Semiconductors
ZXCT1008 ZETEX-ZXCT1008_07 Datasheet
1Mb / 8P
   AUTOMOTIVE HIGH-SIDE CURRENT MONITOR
logo
Diodes Incorporated
ZXCT1008 DIODES-ZXCT1008 Datasheet
154Kb / 9P
   AUTOMOTIVE HIGH-SIDE CURRENT MONITOR
logo
Zetex Semiconductors
ZXCT1008 ZETEX-ZXCT1008 Datasheet
154Kb / 8P
   AUTOMOTIVE HIGH-SIDE CURRENT MONITOR
logo
Diodes Incorporated
ZXCT1008Q DIODES-ZXCT1008Q Datasheet
774Kb / 9P
   AUTOMOTIVE GRADE 20V HIGH-SIDE CURRENT MONITOR
logo
ABLIC Inc.
S-24C08CH ABLIC-S-24C08CH Datasheet
528Kb / 38P
   FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
Rev.3.0_01_H
S-24C16CH ABLIC-S-24C16CH Datasheet
523Kb / 38P
   FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
Rev.3.0_01_H
S-24CS01AH ABLIC-S-24CS01AH Datasheet
456Kb / 37P
   FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
Rev.3.1_03
S-24C128CH ABLIC-S-24C128CH Datasheet
502Kb / 35P
   FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
Rev.2.1_03_H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com