Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B1001EWA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # B1001EWA
Description  EVERLIGHT ELECTRONICE CO., LTD.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

B1001EWA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  B1001EWA Datasheet HTML 1Page - List of Unclassifed Manufacturers B1001EWA Datasheet HTML 2Page - List of Unclassifed Manufacturers B1001EWA Datasheet HTML 3Page - List of Unclassifed Manufacturers B1001EWA Datasheet HTML 4Page - List of Unclassifed Manufacturers B1001EWA Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
10 Bar Graph Displays
ELB-1001EWA
█ Features :
Industrial standard size.
Low power consumption.
Categorized for luminous intensity.
Pb free
█ Descriptions :
● The ELB-1001 series are ten-element
bar graph displays. designed for
viewing distances up to 7 meters.
● There are separate anodes and
cathodes for each light segment and
choice of five colors is offered.
● These devices are made with white
segments and gray surface.
█ Applications :
Audio equipment
Instrument panels
Digital read out display
Chip
Material
Emitted Color
GaAsP/GaP
Orange
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev. : 1
Page: 1 of 5
Device Number :CDDB-100-033
Prepared date:2004/07/14
Prepared by: Yanfang Gao
ELB-1001EWA
PART NO.


Similar Part No. - B1001EWA

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
B1001ERW MPD-B1001ERW Datasheet
200Kb / 2P
   Low Cost 1 x 2 Inch 10W Wide Input Range DC/DC Converters
More results

Similar Description - B1001EWA

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0015311062 MOLEX1-0015311062 Datasheet
157Kb / 2P
   MOLEX-JAPAN CO. LTD
0015311151 MOLEX1-0015311151 Datasheet
230Kb / 2P
   MOLEX-JAPAN CO. LTD
0015311091 MOLEX1-0015311091 Datasheet
185Kb / 2P
   MOLEX-JAPAN CO. LTD
0015311121 MOLEX1-0015311121 Datasheet
190Kb / 2P
   MOLEX-JAPAN CO. LTD
0015311061 MOLEX1-0015311061 Datasheet
173Kb / 2P
   MOLEX-JAPAN CO. LTD
logo
List of Unclassifed Man...
MC16011A-SYR ETC2-MC16011A-SYR Datasheet
341Kb / 9P
   EVERBOUQUET INTERNATIONAL CO., LTD.
logo
Molex Electronics Ltd.
0015311152 MOLEX1-0015311152 Datasheet
204Kb / 2P
   MOLEX-JAPAN CO. LTD
logo
HuaXinAn Electronics CO...
P0080LB HUAXINAN-P0080LB Datasheet
278Kb / 6P
   ShenZhen HuaXinAn Electronics Co.,Ltd
logo
List of Unclassifed Man...
AD85063 ETC-AD85063 Datasheet
650Kb / 4P
   Shenzhen XinJinShang Electronics Co. Ltd
VER:C1-1
SM6136 ETC-SM6136 Datasheet
69Kb / 3P
   SHENZHEN STATE MICROELECTRONICS CO.,LTD.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com