Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZHG10004 Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # ZHG10004
Description  MODELS ZBG AND ZBH STANDARD DUTY ENCODER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

ZHG10004 Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  ZHG10004 Datasheet HTML 1Page - Red Lion Controls. Inc ZHG10004 Datasheet HTML 2Page - Red Lion Controls. Inc ZHG10004 Datasheet HTML 3Page - Red Lion Controls. Inc ZHG10004 Datasheet HTML 4Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
N.C.
N.C.
DATA B (QUAD)
DATA A ONLY
COMMON
+5 to +28VDC
1
2
3
4
5
6
3 (76.2)
RIGHT SIDE VIEW (COVER REMOVED)
REMOVE THIS SIDE
COVER TO EXPOSE
TERMINAL STRIP
1/2" NPT
CONDUIT
THD
TOP VIEW
FRONT VIEW
BOTTOM VIEW
3 (76.2)
6 (152.4)
3
(76.2)
.375 DIA. SHAFT
.75 LONG, 303
STAINLESS STEEL
1/4" - 20 THD, 1/2" DEEP ON 2" (50.8) DIA.
BOLT CIRCLE 4 HOLE PATTERN,
FRONT AND BOTTOM
These heavy duty units feature a heavy cast aluminum housing with 1/4"
thick aluminum cover plates and 0-ring seals. Heavy duty bearings are double-
sealed and allow radial shaft loading of 40 lbs (18 Kg).
A 1/2" (12.7 mm) NPT Conduit entry permits signal wiring to be run via flex-
conduit to an internal terminal block. Electrical characteristics are identical to
those for the Model ZBG. Terminal board markings correspond to the Pin-Out
identification of the ZBG.
CURRENT SINK OUTPUTS
HIGH PULSE PER REVOLUTION (PPR) RATES
Up to 1200 PPR for fine, high-resolution counting or precision speed
measurement from slow shaft speeds.
QUADRATURE OUTPUT
For position measurement, bi-directional counting and in systems with
backlash counting requirements.
AVAILABLE WITH MS AND M12 CONNECTORS
MODELS ZBG AND ZBH STANDARD DUTY ENCODER (Replaces MODEL RPGB)
MODEL ZHG HEAVY DUTY ENCODER (Replaces MODEL RPGH)
The units contain an L.E.D. light source and a photo sensor that scans a shaft-
mounted, slotted disc. An internal pulse-shaping amplifier circuit delivers a
rectangular pulse signal from the current sinking output in response to the passing
slots as it rotates. They can be direct-coupled to a machine shaft by means of a
flexible-bellows, spring, or rubber sleeve type coupling that allows for axial and
radial misalignment. They can also be coupled with light instrument timing-belts.
Timing-belt drives also allow convenient gear-up or gear-down speed ratio
changes that can be useful for obtaining non-standard PPR rates.
MODEL ZHG - HEAVY-DUTY SEALED HOUSING
(Replaces Model RPGH)
Bulletin No. ZBG/ZHG-D
Drawing No. LP0739
Released 02/15
Tel +1 (717) 767-6511
Fax +1 (717) 764-0839
www.redlion.net
DIMENSIONS In inches (mm)
MODEL ZBG and ZBH - FOR GENERAL
INDUSTRIAL SERVICE (Replaces Model RPGB)
2.25
(57.15)
2.25 (57.15)
2.25 (57.15)
.375 (9.5) DIA. SHAFT
.750 (19) LONG, BOTH ENDS
.974 MAX.
(24.7)
6-32 THD .25" DEEP ON
2 (50.8) DIA. BOLT CIRCLE
(BOTH SHAFT ENDS & BOTTOM)
MS TYPE CONNECTOR,
6-PIN, #14S-6P-6 or M12 CONNECTOR, 8-PIN
.095
(2.41)
DIMENSIONS In Inches (mm)


Similar Part No. - ZHG10004

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
ZHG10004 REDLION-ZHG10004 Datasheet
737Kb / 4P
   MODELS ZBG AND ZBH STANDARD DUTY ENCODER
ZHG10004 REDLION-ZHG10004 Datasheet
737Kb / 4P
   MODELS ZBG AND ZBH STANDARD DUTY ENCODER
More results

Similar Description - ZHG10004

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
ZBH01002 REDLION-ZBH01002 Datasheet
737Kb / 4P
   MODELS ZBG AND ZBH STANDARD DUTY ENCODER
ZBH06002 REDLION-ZBH06002 Datasheet
737Kb / 4P
   MODELS ZBG AND ZBH STANDARD DUTY ENCODER
ZBG10002 REDLION-ZBG10002 Datasheet
737Kb / 4P
   MODELS ZBG AND ZBH STANDARD DUTY ENCODER
ZBH00102 REDLION-ZBH00102 Datasheet
737Kb / 4P
   MODELS ZBG AND ZBH STANDARD DUTY ENCODER
ZHG06004 REDLION-ZHG06004 Datasheet
737Kb / 4P
   MODELS ZBG AND ZBH STANDARD DUTY ENCODER
ZBG12002 REDLION-ZBG12002 Datasheet
737Kb / 4P
   MODELS ZBG AND ZBH STANDARD DUTY ENCODER
ZBH10002 REDLION-ZBH10002 Datasheet
737Kb / 4P
   MODELS ZBG AND ZBH STANDARD DUTY ENCODER
logo
List of Unclassifed Man...
DPL04 ETC2-DPL04 Datasheet
130Kb / 4P
   Standard, piano and right angle models
logo
Bothhand USA, LP.
S5771-LF BOTHHAND-S5771-LF Datasheet
561Kb / 1P
   Extended and standard temperature range models.
logo
IET Labs Inc.
RS-CS-LS IET-RS-CS-LS Datasheet
301Kb / 2P
   RS Series -- Standard Models
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com