Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-19190AEH-M6T1U Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-19190AEH-M6T1U
Description  FOR AUTOMOTIVE OPERATION VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-19190AEH-M6T1U Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-19190AEH-M6T1U Datasheet HTML 3Page - Seiko Instruments Inc S-19190AEH-M6T1U Datasheet HTML 4Page - Seiko Instruments Inc S-19190AEH-M6T1U Datasheet HTML 5Page - Seiko Instruments Inc S-19190AEH-M6T1U Datasheet HTML 6Page - Seiko Instruments Inc S-19190AEH-M6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-19190AEH-M6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-19190AEH-M6T1U Datasheet HTML 9Page - Seiko Instruments Inc S-19190AEH-M6T1U Datasheet HTML 10Page - Seiko Instruments Inc S-19190AEH-M6T1U Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
FOR AUTOMOTIVE 105°C OPERATION VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
Rev.1.5_00
S-19190 Series
7
Electrical Characteristics
For details about the test circuits and testing method, refer to " Test Circuit".
Caution Unless otherwise specified in Table 8 and Table 9, set V2 = V3 = 0 V, and SWn (n = 1 to 4) = OFF.
1. Ta =
+25°C
Table 8 (1 / 2)
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Detection voltage
Cell balancing detection
voltage
VBU
SW1 = ON
2.0 V
≤ VBU < 2.4 V
VBU
0.012
VBU
VBU
+
0.012
V
2.4 V
≤ VBU ≤ 4.6 V
VBU
×
0.995
VBU
VBU
×
1.005
V
Cell balancing release
voltage
VBL
SW1 = ON
2.0 V
≤ VBL < 2.4 V
VBL
0.024
VBL
VBL
+
0.024
V
2.4 V
≤ VBL ≤ 4.6 V
VBL
×
0.99
VBL
VBL
×
1.01
V
Overcharge detection
voltage
VCU
2.0 V
≤ VCU < 2.4 V
VCU
0.012
VCU
VCU
+
0.012
V
2.4 V
≤ VCU ≤ 4.6 V
VCU
×
0.995
VCU
VCU
×
1.005
V
Overcharge release
voltage
VCL
2.0 V
≤ VCL < 2.4 V
VCL
0.024
VCL
VCL
+
0.024
V
2.4 V
≤ VCL ≤ 4.6 V
VCL
×
0.99
VCL
VCL
×
1.01
V
Input voltage
Operation voltage between
VDD pin and VSS pin
VDS
Voltages output from CO pin and
CB pin are fixed
1.5
5.0
V
CE
_____
pin voltage "H"
VCE
_____
H
VDD
×
0.9
V
CE
_____
pin voltage "L"
VCE
_____
L
VDD
×
0.1
V
DP pin voltage "H"
VDPH
VDD
×
0.9
V
DP pin voltage "L"
VDPL
VDD
×
0.1
V
Input current
Current consumption
during operation
IOPE
IVDD when V1 = VBL
− 0.1 V
1.2
2.0
μA
Current consumption
during power-saving
IPSV
IVDD when V1 = V2 = VBL
− 0.1 V
0.1
μA


Similar Part No. - S-19190AEH-M6T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19190AOH-M6T1U SII-S-19190AOH-M6T1U Datasheet
2Mb / 24P
   VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
S-19190AYH-M6T1U SII-S-19190AYH-M6T1U Datasheet
2Mb / 24P
   VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
More results

Similar Description - S-19190AEH-M6T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8249 SII-S8249 Datasheet
1Mb / 23P
   VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
S-8249AAP-M6T1U SII-S-8249AAP-M6T1U Datasheet
1Mb / 22P
   VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
S-19190AOH-M6T1U SII-S-19190AOH-M6T1U Datasheet
2Mb / 24P
   VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
logo
ABLIC Inc.
S-8249 ABLIC-S-8249 Datasheet
1,006Kb / 23P
   VOLTAGE MONITORING IC WITH CELL BALANCING FUNCTION
Rev.1.4_01
logo
Aeroflex Circuit Techno...
BEU8635-24 AEROFLEX-BEU8635-24 Datasheet
212Kb / 8P
   Balancing for 24-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-08 AEROFLEX-BEU8635-08 Datasheet
211Kb / 8P
   Balancing for 8-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-12 AEROFLEX-BEU8635-12 Datasheet
212Kb / 8P
   Balancing for 12-Cell Battery Cell Voltage Monitoring and Telemetry
logo
STMicroelectronics
L9963E STMICROELECTRONICS-L9963E Datasheet
9Mb / 184P
   Automotive Multicell battery monitoring and balancing IC
Rev 4 - June 2021
logo
Aeroflex Circuit Techno...
BEU8637-08 AEROFLEX-BEU8637-08 Datasheet
248Kb / 9P
   Independent Balancing for Two 8-Cell Batteries Cell Voltage Monitoring and Telemetry
BEU8637-12 AEROFLEX-BEU8637-12 Datasheet
254Kb / 9P
   Independent Balancing for Two 12-Cell Batteries Cell Voltage Monitoring and Telemetry
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com