Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZBH01002 Datasheet(PDF) 4 Page - Red Lion Controls. Inc

Part # ZBH01002
Description  MODELS ZBG AND ZBH STANDARD DUTY ENCODER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

ZBH01002 Datasheet(HTML) 4 Page - Red Lion Controls. Inc

  ZBH01002 Datasheet HTML 1Page - Red Lion Controls. Inc ZBH01002 Datasheet HTML 2Page - Red Lion Controls. Inc ZBH01002 Datasheet HTML 3Page - Red Lion Controls. Inc ZBH01002 Datasheet HTML 4Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
The Length Sensor Hinge Clamp Assembly provides an easy method for
attachment and mounting of the Length Sensors and LSCB1 Conversion
Bracket. The removable top on the solid zinc LSAHC mounting block
allows quick installation of the Length Sensor handle tube and provides
secure clamping retention. The mounting block pivots freely in zinc right
angle brackets to allow mounting the assembly via clearance holes for 1/4"
dia. bolts.
The lock washers must be used as indicated (between the bolt head and
the top clamp piece). Assemble the top clamp piece as follows.
1. Tighten both bolts so that the top clamp half draws down evenly on
the sensor tube.
2. Tighten the bolts until both lock washers are flat.
3. Then turn each bolt an additional ½ to ¾ turn.
ORDERING INFORMATION
.88
(22.4)
2.9
(73.7)
3.4
(86.4)
2.5 (63.5)
1.25
(31.8)
.25 (6.3)
Lock washers (2) must be
installed between bolt heads
and top clamp piece.
E-clip retaining ring (2)
must be installed in slots.
5.70 (144.8)
4.50 (114.3)
(50.8)
(38.1)
0.75
0.75 (19.0)
4X Ø 0.31 (7.9)
2.00
1.50
(19.0)
SINGLE WHEEL
2.93 (74.4)
DUAL WHEEL 4 (101.6)
(21.6)
.85
.88 (22.4)
WHEEL
RADIUS
1.9
(48.3)
6.9
(175.3)
FRONT
VIEW
TOP
VIEW
DIMENSIONS In inches (mm)
CAUTION: Downward tension
on signal cable can cause
wheel(s) to lift. Make sure
cable is clamped to
machine frame near
encoder and allow slack.
NOTE: The weight at the
Length Sensor unit
provides sufficient traction
for accurate operation
when mounted as shown,
with arm angle from
horizontal not exceeding
±30°, and with hinge clamp
toward the far extreme of
the extension arm.
Length Sensors should be mounted so measuring
wheel(s) contact ribbon, strip or web as it passes over
a roller. As an alternative, wheel(s) can be driven by
roller surface next to material being measured.
MODEL NO.
DESCRIPTION
PART NUMBER
LSAHC
LSAHC001
Length Sensor Hinge Clamp Assembly
MODEL LSAHC - LENGTH SENSOR HINGE CLAMP ASSEMBLY
Note: After installation of measuring wheels, ensure guards,shields or other
devices are in place to protect personnel from rotating equipment.
WHEEL CODE
CIRCUMFERENCE
TOLERANCE
PART NUMBER
1 foot (1/3 yd)
±0.35%
WF1000OK
OK
1/3 meter
±0.30%
WM0333OK
4/10ths yard
±0.30%
WY0400OK
4/10ths meter
±0.30%
WM0400OK
BK (Balanced)
1 foot (1/3 yd)
±0.35%
WF1000BK
Replacement Tires
for
OR Wheels
1 foot (1/3 yd)
TORF1000
1/3 meter
TORM0333
4/10ths yard
TORY0400
4/10ths meter
TORM0400
TOLERANCE
WHEEL CODE CIRCUMFERENCE
PART NUMBER
1 foot (1/3 yd)
±0.40%
WF1000OR
OR
1/3 meter
±0.40%
WM0333OR
4/10ths yard
±0.40%
WY0400OR
4/10ths meter
±0.40%
WM0400OR
1 foot (1/3 yd)
±0.35%
WF1000OF
OF
1/3 meter
±0.30%
WM0333OF
4/10ths yard
±0.30%
WY0400OF
4/10ths meter
±0.30%
WM0400OF
BF (Balanced)
1 foot (1/3 yd)
±0.40%
WF1000BF
WHEELS & REPLACEMENT TIRES FOR CODE OR WHEELS
ORDERING INFORMATION
Model ZGH Shown
Model ZFH Shown
Red Lion Controls
Headquarters
20 Willow Springs Circle
York PA 17406
Tel +1 (717) 767-6511
Fax +1 (717) 764-0839
Red Lion Controls
China
Unit 302, XinAn Plaza
Building 13, No.99 Tianzhou Road
ShangHai, P.R. China 200223
Tel +86 21 6113 3688
Fax +86 21 6113 3683
Red Lion Controls
Europe
Softwareweg 9
NL - 3821 BN Amersfoort
Tel +31 (0) 334 723 225
Fax +31 (0) 334 893 793
Red Lion Controls
India
201-B, 2nd Floor, Park Centra
Opp 32 Mile Stone, Sector-30
Gurgaon-122002 Haryana, India
Tel +91 984 487 0503


Similar Part No. - ZBH01002

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
ZBH01002 REDLION-ZBH01002 Datasheet
737Kb / 4P
   MODELS ZBG AND ZBH STANDARD DUTY ENCODER
ZBH01002 REDLION-ZBH01002 Datasheet
737Kb / 4P
   MODELS ZBG AND ZBH STANDARD DUTY ENCODER
ZBH01002 REDLION-ZBH01002 Datasheet
737Kb / 4P
   MODELS ZBG AND ZBH STANDARD DUTY ENCODER
More results

Similar Description - ZBH01002

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
ZBH01002 REDLION-ZBH01002 Datasheet
737Kb / 4P
   MODELS ZBG AND ZBH STANDARD DUTY ENCODER
ZBG10002 REDLION-ZBG10002 Datasheet
737Kb / 4P
   MODELS ZBG AND ZBH STANDARD DUTY ENCODER
ZBH00102 REDLION-ZBH00102 Datasheet
737Kb / 4P
   MODELS ZBG AND ZBH STANDARD DUTY ENCODER
ZHG06004 REDLION-ZHG06004 Datasheet
737Kb / 4P
   MODELS ZBG AND ZBH STANDARD DUTY ENCODER
ZBG00602 REDLION-ZBG00602 Datasheet
737Kb / 4P
   MODELS ZBG AND ZBH STANDARD DUTY ENCODER
ZBG12002 REDLION-ZBG12002 Datasheet
737Kb / 4P
   MODELS ZBG AND ZBH STANDARD DUTY ENCODER
ZBH10002 REDLION-ZBH10002 Datasheet
737Kb / 4P
   MODELS ZBG AND ZBH STANDARD DUTY ENCODER
logo
List of Unclassifed Man...
DPL04 ETC2-DPL04 Datasheet
130Kb / 4P
   Standard, piano and right angle models
logo
Bothhand USA, LP.
S5771-LF BOTHHAND-S5771-LF Datasheet
561Kb / 1P
   Extended and standard temperature range models.
logo
IET Labs Inc.
RS-CS-LS IET-RS-CS-LS Datasheet
301Kb / 2P
   RS Series -- Standard Models
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com