Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-24C16DI-J8T1U5 Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-24C16DI-J8T1U5
Description  2-WIRE SERIAL E2PROM
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24C16DI-J8T1U5 Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-24C16DI-J8T1U5 Datasheet HTML 6Page - Seiko Instruments Inc S-24C16DI-J8T1U5 Datasheet HTML 7Page - Seiko Instruments Inc S-24C16DI-J8T1U5 Datasheet HTML 8Page - Seiko Instruments Inc S-24C16DI-J8T1U5 Datasheet HTML 9Page - Seiko Instruments Inc S-24C16DI-J8T1U5 Datasheet HTML 10Page - Seiko Instruments Inc S-24C16DI-J8T1U5 Datasheet HTML 11Page - Seiko Instruments Inc S-24C16DI-J8T1U5 Datasheet HTML 12Page - Seiko Instruments Inc S-24C16DI-J8T1U5 Datasheet HTML 13Page - Seiko Instruments Inc S-24C16DI-J8T1U5 Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
2-WIRE SERIAL E2PROM
S-24C02D/04D/08D16D
Rev.3.0_01_U
10
Pin Functions
1. VCC (Power supply) pin
The VCC pin is used to apply positive supply voltage. Regarding the applied voltage value, refer to "
Recommended Operating Conditions". Set a bypass capacitor of about 0.1
μF between the VCC pin and the GND
pin to make the power supply voltage stable.
2. A0, A1 and A2 (Slave address input) pins
In the S-24C02D, to set the slave address, connect each of A0 pin, A1 pin and A2 pin to the GND pin or the VCC pin.
Therefore the users can set 8 types of slave address by a combination of A0, A1, A2 pins.
In the S-24C04D, to set the slave address, connect each of A1 pin and A2 pin to the GND pin or the VCC pin.
Therefore the users can set 4 types of slave address by a combination of A1, A2 pins.
In the S-24C08D, to set the slave address, connect A2 pin to the GND pin or the VCC pin. Therefore the users can
set 2 types of slave address.
In the S-24C16D, the slave address can not be assigned.
Comparing the slave address transmitted from the master device and one that you set, makes possible to select one
slave address from other devices connected onto the bus.
Each of A0 pin, A1 pin and A2 pin has a built-in pull-down resistor. In open, the pin is set to the same status as it
connected to the GND pin.
In the case of the products with SOT-23-5, set the slave address transmitting from the master device to "0".
3. SDA (Serial data I/O) pin
The SDA pin is used for the bi-directional transmission of serial data. This pin is a signal input pin, and an Nch open-
drain output pin.
In use, generally, connect the SDA line to any other device which has the open-drain or open-collector output with
Wired-OR connection by pulling up to VCC by a resistor. Figure 4 shows the relation with an output load.
4. SCL (Serial clock input) pin
The SCL pin is used for the serial clock input. Since the signals are processed at a rising or falling edge of the SCL
clock, pay attention to the rising and falling time and comply with the specification.
5. WP (Write protect input) pin
The write protect is enabled by connecting the WP pin to VCC. When not using the write protect, connect this pin to
the GND pin or set in open.
Maximum value of pull-up resistor
[k
Ω]
10
0
2
4
6
8
10
12
14
16
18
20
100
200
fSCL= 400 kHz
fSCL= 1000 kHz
Value of load capacity
[pF]
Figure 4 Output Load


Similar Part No. - S-24C16DI-J8T1U5

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-24C16DI-J8T1U5 SII-S-24C16DI-J8T1U5 Datasheet
1Mb / 47P
   Write protect function during low power supply voltage
logo
ABLIC Inc.
S-24C16DI-J8T1U5 ABLIC-S-24C16DI-J8T1U5 Datasheet
746Kb / 47P
   2-WIRE SERIAL E2PROM
Rev.3.0_02_U
More results

Similar Description - S-24C16DI-J8T1U5

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S24C256C SII-S24C256C Datasheet
1Mb / 35P
   2-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-24C512C ABLIC-S-24C512C Datasheet
493Kb / 35P
   2-WIRE SERIAL E2PROM
Rev.2.0_03_S
S-24C32C ABLIC-S-24C32C Datasheet
649Kb / 44P
   2-WIRE SERIAL E2PROM
Rev.4.0_03_H
S-24C256C ABLIC-S-24C256C Datasheet
496Kb / 35P
   2-WIRE SERIAL E2PROM
Rev.2.0_03_S
logo
Seiko Instruments Inc
S24C512C SII-S24C512C Datasheet
1Mb / 35P
   2-WIRE SERIAL E2PROM
S24CM01C SII-S24CM01C Datasheet
1Mb / 32P
   2-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-24CM01C ABLIC-S-24CM01C Datasheet
465Kb / 32P
   2-WIRE SERIAL E2PROM
Rev.2.0_03_S
S-24C16C ABLIC-S-24C16C Datasheet
456Kb / 33P
   2-WIRE SERIAL E2PROM
Rev.1.0_01_H
S-24C02D ABLIC-S-24C02D Datasheet
746Kb / 47P
   2-WIRE SERIAL E2PROM
Rev.3.0_02_U
S-24C08C ABLIC-S-24C08C Datasheet
449Kb / 33P
   2-WIRE SERIAL E2PROM
Rev.1.0_01_H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com