Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S19110JXXH Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S19110JXXH
Description  FOR AUTOMOTIVEOPERATION HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S19110JXXH Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S19110JXXH Datasheet HTML 4Page - Seiko Instruments Inc S19110JXXH Datasheet HTML 5Page - Seiko Instruments Inc S19110JXXH Datasheet HTML 6Page - Seiko Instruments Inc S19110JXXH Datasheet HTML 7Page - Seiko Instruments Inc S19110JXXH Datasheet HTML 8Page - Seiko Instruments Inc S19110JXXH Datasheet HTML 9Page - Seiko Instruments Inc S19110JXXH Datasheet HTML 10Page - Seiko Instruments Inc S19110JXXH Datasheet HTML 11Page - Seiko Instruments Inc S19110JXXH Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
FOR AUTOMOTIVE 105°C OPERATION HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
S-19110JxxH to S-19110RxxH Series
Rev.1.3_00
8
Electrical Characteristics
1. VDD detection product
Table 7
(Ta =
−40°C to +105°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Detection voltage
*1
−VDET
3.6 V
≤ −VDET(S) ≤ 4.15 V
−VDET(S)
× 0.970
−VDET(S)
−VDET(S)
× 1.030
V
1
4.2 V
≤ −VDET(S) ≤ 4.95 V
−VDET(S)
× 0.975
−VDET(S)
−VDET(S)
× 1.025
V
1
Release voltage
*2
+VDET
J / K type
5.0%
≤ VHYS ≤ 20.0%
*3
3.6 V
≤ −VDET(S) ≤ 4.15 V
+VDET(S)
× 0.970
+VDET(S)
+VDET(S)
× 1.030
V
1
4.2 V
≤ −VDET(S) ≤ 4.95 V
+VDET(S)
× 0.975
+VDET(S)
+VDET(S)
× 1.025
V
1
J / K type
20.0%
< VHYS ≤ 30.0%
*3
3.6 V
≤ −VDET(S) ≤ 4.15 V
+VDET(S)
× 0.965
+VDET(S)
+VDET(S)
× 1.035
V
1
4.2 V
≤ −VDET(S) ≤ 4.95 V
+VDET(S)
× 0.970
+VDET(S)
+VDET(S)
× 1.030
V
1
L / M type
VHYS = 0%
*4
3.6 V
≤ −VDET(S) ≤ 4.15 V
−VDET(S)
× 0.970
−VDET(S)
−VDET(S)
× 1.030
V
4.2 V
≤ −VDET(S) ≤ 4.95 V
−VDET(S)
× 0.975
−VDET(S)
−VDET(S)
× 1.025
V
Current consumption
ISS
J / K / L / M type
VDD =
−VDET − 0.1 V
0.60
1.60
μA2
J / K type
VDD =
+VDET + 0.1 V
0.60
1.60
μA2
Operation voltage
VDD
1.8
36.0
V
1
Output current
IOUT
Output transistor
Nch
VDS
*5 = 0.05 V
VDD = 2.9 V, Active "L"
0.33
mA
3
VDD = 6.9 V, Active "H"
0.50
mA
3
Leakage current
ILEAK
Output transistor
Nch
VDD = 30.0 V, VOUT = 30.0 V,
Active "L"
2.0
μA3
VDD = 2.9 V, VOUT = 30.0 V,
Active "H"
2.0
μA3
Detection delay time
*6
tRESET
CN = 3.3 nF
8.0
10.0
12.0
ms
4
Release delay time
tDELAY
J / K type
*7
CP = 3.3 nF
8.0
10.0
12.0
ms
4
L / M type
*8
CP = 3.3 nF
8.0
10.0
12.0
ms
4
CP pin discharge
ON resistance
RCP
VDD = 6.9 V, VCP = 0.5 V
0.52
1.97
k
Ω
CN pin discharge
ON resistance
RCN
VDD = 2.9 V, VCN = 0.5 V
1.0
4.24
k
Ω
*1.
−VDET: Actual detection voltage value, −VDET(S): Set detection voltage value
*2.
+VDET: Actual release voltage value, +VDET(S): Set release voltage value
*3.
Although the hysteresis width can be set in the range of 5.0% to 30.0%, the release voltage accuracy differs when the
setting range exceeds 20.0%.
*4.
The hysteresis width is "unavailable", so release voltage = detection voltage.
*5.
VDS: Drain-to-source voltage of the output transistor
*6.
The time period from when the pulse voltage of
−VDET(S) + 0.5 V → −VDET(S) − 0.5 V is applied to the VDD pin to when
VOUT reaches VDD / 2, after the power supply voltage (VDD) reaches the release voltage once.
*7.
The time period from when the pulse voltage of
+VDET(S) − 0.5 V → +VDET(S) + 0.5 V is applied to the VDD pin to when
VOUT reaches VDD / 2.
*8.
The time period from when the pulse voltage of
−VDET(S) − 0.5 V → −VDET(S) + 0.5 V is applied to the VDD pin to when
VOUT reaches VDD / 2


Similar Part No. - S19110JXXH

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S19110JXXA SII-S19110JXXA Datasheet
5Mb / 46P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
More results

Similar Description - S19110JXXH

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1011 ABLIC-S-1011 Datasheet
2Mb / 43P
   HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
Rev.1.2_02
logo
Seiko Instruments Inc
S19110AXXH SII-S19110AXXH Datasheet
5Mb / 49P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
S19110JXXA SII-S19110JXXA Datasheet
5Mb / 46P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
S1011 SII-S1011 Datasheet
2Mb / 43P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
S19110AXXA SII-S19110AXXA Datasheet
4Mb / 49P
   FOR AUTOMOTIVE 125째C OPERATION HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
S19100XXXH SII-S19100XXXH Datasheet
2Mb / 45P
   FOR AUTOMOTIVE 105째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19101XXXH SII-S19101XXXH Datasheet
1Mb / 31P
   FOR AUTOMOTIVE 105째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19101XXXA SII-S19101XXXA Datasheet
1Mb / 30P
   FOR AUTOMOTIVE 125째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19100XXXA SII-S19100XXXA Datasheet
2Mb / 39P
   FOR AUTOMOTIVE 125 OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
logo
ABLIC Inc.
S-1004 ABLIC-S-1004 Datasheet
2Mb / 42P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN
Rev.2.1_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com