Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZK2000-001-33 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ZK2000-001-33
Description  Fully interchangeable with COTS systems
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZK2000-001-33 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ZK2000-001-33 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZK2000-001-33 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZK2000-001-33 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZK2000-001-33 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZK2000-001-33 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZK2000-001-33 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
cPCI SERIES
tECHnICal CHaRaCtERIStICS
3U/6U Form Factor
P1/P4
P2 /P5
P3
J1/J4
J2 /J5
J3
Part number
K2A110FMD
K2B110FMD
K2B095FMD
K2A110FFD
K2B110FFD
K2B095FFD
Design Criteria
IEC 1076-4 101
Quality Conformance Inspections
K2 Series: MIL-DTL-55302
311P Series: NASA GSFC S-311-P-822(1)
Contact Gender
Male Pin
Female Socket
Contact Spacing
0.079 [2.00]
Number of Contacts
110 signal, 22 ground
95 signal,
19 ground
110 signal, 22 ground
95 signal,
19 ground
Max. Allowable Gap (Between Mating Connectors)
0.039 [1.00]
Suggested PCB Hole Diameter
0.28 [0.71] ± 0.002 [0.05] after plating
0.0023 [0.60] mm after plating
MatERIalS
Contact termination
Sold tail: 63/37 tin lead plated
Gold or 63 /37 tin lead dipped
Insulation
30% glass filled LCP (meets NASA outgassing specification)
Contact
Beryllium copper
Beryllium copper socket wires, brass body
Mating Contact
50 µin gold / 50 µin nickel min.
MECHanICal & EnVIROnMEntal
temperature Range
-55 to 125° C
Flammability Range
94 V-O
Weight
0.55 oz.
0.53 oz.
0.38 oz.
0.38 oz.
0.45 oz.
0.31 oz.
Mating Force
16.38 /13.20 LBF average per mating connect pair
Contact life Cycle
> 4,000 per mated connector pair
Vibration (Sinusoidal)
Frequency 10 to 2,000 HZ at 15 G (MIL-DTL-55302)(NASA GSFC S311-P-822)
Vibration (Random)
Fight chassis unit level vibration (NASA Goddard SE Rev 1)
Mechanical Shock
100 G peak value (NASA GSFC S311-8220)
ElECtRICal
Insulation Resistance
> 5,000 megohms
CRD (Resistance at Rated Current)
4.85 milliohms average
llCR (Low Level Contact Resistance)
7.20 milliohms average
DWV (Dielectric Withstanding Voltage)
1,000 V RMS
Notes:
1) K2 Series: Standard cPCI; 311P Series: NASA Goddard cPCI
Dimensions are in inches [mm]


Similar Part No. - ZK2000-001-33

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
ZK2000A LUGUANG-ZK2000A Datasheet
2Mb / 1P
   FAST RECOVERY DIODES
More results

Similar Description - ZK2000-001-33

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HP4-AC220V PANASONIC-HP4-AC220V Datasheet
312Kb / 11P
   Interchangeable with existing models
logo
Phihong USA Inc.
PSC03R-050 PHIHONG-PSC03R-050 Datasheet
93Kb / 2P
   2.5W USB Adapter with Interchangeable Plugs
PSB05R-050Q PHIHONG-PSB05R-050Q Datasheet
129Kb / 2P
   5W USB Adapter with Interchangeable Plugs
PMA36R-120PHW PHIHONG-PMA36R-120PHW Datasheet
151Kb / 3P
   36W Medical Grade Adapter with Interchangeable Plugs
logo
E+E Elektronik Ges.m.b....
EE07 EPLUSE-EE07 Datasheet
572Kb / 3P
   Interchangeable Humidity / Temperature Probes with Digital Output
v2.6
EE220 EPLUSE-EE220 Datasheet
3Mb / 10P
   Humidity and Temperature Sensor with Interchangeable Probes
01-2024
logo
Phihong USA Inc.
PMA10R-050AW PHIHONG-PMA10R-050AW Datasheet
125Kb / 3P
   10W Medical Grade Adapter with Interchangeable Plugs
logo
FSP TECHNOLOGY INC.
FSP015-RBMM FSP-FSP015-RBMM Datasheet
84Kb / 1P
   Interchangeable AC plugs
FSP015-RADM-NP FSP-FSP015-RADM-NP Datasheet
83Kb / 1P
   Interchangeable AC plugs
FSP030-RDAMF FSP-FSP030-RDAMF Datasheet
133Kb / 1P
   Interchangeable AC plugs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com